Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE180A Datasheet(PDF) 1 Page - Surge Components

Part # P6KE180A
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 to 440 Volts?
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SURGE [Surge Components]
Direct Link  http://www.surgecomponents.com
Logo SURGE - Surge Components

P6KE180A Datasheet(HTML) 1 Page - Surge Components

  P6KE180A Datasheet HTML 1Page - Surge Components P6KE180A Datasheet HTML 2Page - Surge Components P6KE180A Datasheet HTML 3Page - Surge Components P6KE180A Datasheet HTML 4Page - Surge Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image


Similar Part No. - P6KE180A

ManufacturerPart #DatasheetDescription
logo
UNIOHM CORPORATION
P6KE180A UNIOHM-P6KE180A Datasheet
88Kb / 4P
   600 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
SUNMATE electronic Co.,...
P6KE180A SUNMATE-P6KE180A Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
logo
First Silicon Co., Ltd
P6KE180A FS-P6KE180A Datasheet
325Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 600W Breakdown Voltage 6.8 to 550V
logo
Motorola, Inc
P6KE180A MOTOROLA-P6KE180A Datasheet
81Kb / 7P
   ZENER OVERVOLTAGE TRANSIENTSUPPRESSORS
logo
ON Semiconductor
P6KE180A ONSEMI-P6KE180A Datasheet
114Kb / 5P
   600 Watt Peak Power Surmetic-40 Transient Voltage Suppressors
October, 2009 ??Rev. 10
More results

Similar Description - P6KE180A

ManufacturerPart #DatasheetDescription
logo
StarHope
P4KE SPSEMI-P4KE Datasheet
373Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 550 Volts
logo
Leshan Radio Company
P4KE6.8 LRC-P4KE6.8 Datasheet
190Kb / 9P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 TO 550 Volts
logo
StarHope
P6KE SPSEMI-P6KE Datasheet
356Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 600 Volts
logo
Leshan Radio Company
P6KE6 LRC-P6KE6 Datasheet
288Kb / 9P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 TO 550 Volts
logo
StarHope
1.5KE SPSEMI-1.5KE Datasheet
323Kb / 3P
   GLASS PASSOVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 550 Volts
logo
Micro Commercial Compon...
P6KE68 MCC-P6KE68 Datasheet
111Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
DONGGUAN YOU FENG WEI E...
P6KE6.8 YFWDIODE-P6KE6.8 Datasheet
83Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
P6KE6.8-DO15 YFWDIODE-P6KE6.8-DO15 Datasheet
544Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
Nanjing International G...
P6KE6.8 DGNJDZ-P6KE6.8 Datasheet
83Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
DB Lectro Inc
BZW04 DBLECTRO-BZW04 Datasheet
195Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 440 Volts 400 Watts Peak 1.0 Watt Steady Stae
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com