Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X221 Datasheet(PDF) 1 Page - Connor-Winfield Corporation

Part # X221
Description  1.8V LVCMOS SURFACE MOUNT 7.5x5mm CRYSTAL CLOCK OSCILLATOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

X221 Datasheet(HTML) 1 Page - Connor-Winfield Corporation

  X221 Datasheet HTML 1Page - Connor-Winfield Corporation X221 Datasheet HTML 2Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE.
AURORA, IL 60505.
FAX (630) 851-5040.
PHONE (630) 851-4722.
WWW.CONWIN.COM
PRODUCT
DA T A
SHEET
Specifications subject to change without notice.
DATASHEET #:
REV:
DATE:
PAGE
OF
Copyright 2001 Connor-Winfield all rights reserved.
a
CRYSTAL CONTROLLED OSCILLATORS
The Connor-Winfield X221 is a
1.8V, LVCMOS, Surface
Mount, Fixed Frequency
Crystal Oscillator (XO)
designed for use in all
applications requiring precision
clocks. This oscillator features
low stand-by current (10uA)
when the output is disabled.
The surface mount package is
designed for high-density
mounting and is optimum for
mass production.
1
2
X221
- 125 MHz
CLOCK
SERIES
CENTER
FREQUENCY
70 to 165 MHz
1.8V OPERATION
TRI-STATE ENABLE/DISABLE
FUNCTION
POWER SAVING STAND-BY CURRENT:
10uA
OVERALL FREQUENCY TOLERANCE:
±50ppm
TEMPERATURE RANGE: -40 to 85°C
CERAMIC SURFACE MOUNT PACKAGE
TAPE AND REEL PACKAGING
RoHS COMPLIANT / LEAD FREE
1.8V LVCMOS SURFACE MOUNT 7.5x5mm
CRYSTAL CLOCK OSCILLATOR
Sm123
00
08/31/06
ORDERING INFORMATION
FEATURES
DESCRIPTION
CW X221
125M
0633
CW X221
125M
0633
X221
Enable / Disable Function (Pad 1)
Output
High or Open
Enable
Low
Disable (High Impedance)
Pad
Connection
1
Enable/Disable
2
Ground
3
Output
4
Vcc
ABSOLU TE MAX IMUM R ATINGS
TABLE 1.0
PARAMETER
UNITS
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Storage Temperature
-55
-
125
°C
Supply Voltage
(Vcc)
-0.5
-
3.6
Vdc
OPERATING SPECIFIC ATIONS
TABLE 2.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Frequency Range
(Fo)
70
-
165
MHz
Frequency Tolerance:
-50
-
50
ppm
1
Operating Temperature Range
-40
-
85
°C
Supply Voltage
(Vcc)
1.71
1.8
1.89
Vdc
Supply Current
70 to 94.999 MHz
(Icc)
-
11
19
mA
95 to 124.999 MHz
(Icc)
-
17
27
mA
125 to 165 MHz
(Icc)
-
23
37
mA
INPUT CHARACTERISTICS
TABLE 3.0
Enable Voltage
(High)
(Vih)
0.7Vcc
-
-
Vdc
Disable Voltage
(Low)
(Vil)
-
-
0.3Vcc
Vdc
Enable Time
-
-
2
mS
Disable Time
-
-
200
nS
Output Disable Current (Standby Current)
(Icc)
-
-
10
uA
LVCMOS OUTPUT CHARACTERISTICS
TABLE 4.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
LOAD
-
-
15
pF
Voltage
(High)
(Voh)
Vcc-0.4
-
-
Vdc
(Low)
(Vol)
-
-
0.4
Vdc
Current
(High)
(Ioh)
-8
-
-
mA
(Low)
(Ioh)
-
-
8
mA
Duty Cycle at 50% of Vcc
45
50
55
%
Rise / Fall Time 10% to 90%
-
1.5
2.5
nS
Start-Up Time
-
-
2
mS
Jitter (BW=10Hz to 20MHz)
-
-
5
pS RMS
Jitter (BW=12kHz to 20MHz)
-
-
1
pS RMS
Note:
1) Inclusive of calibration @ 25°C, frequency vs. temperature stabilit y, supply voltage
change, load change, shock and vibration, 10 years aging.
PACKAG E CHARACTERISTICS
TABLE 5.0
Package
Hermetically sealed ceramic surface mount package with metal cover


Similar Part No. - X221

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
X221 ETC1-X221 Datasheet
67Kb / 1P
   X200 SERIES (CMOS) STANDARD SPECFITIONS
X221-883B ETC1-X221-883B Datasheet
67Kb / 1P
   X200 SERIES (CMOS) STANDARD SPECFITIONS
X221-XX ETC1-X221-XX Datasheet
67Kb / 1P
   X200 SERIES (CMOS) STANDARD SPECFITIONS
logo
Xicor Inc.
X2212 XICOR-X2212 Datasheet
361Kb / 8P
   Nonvolatile Static RAM
X2212/10 XICOR-X2212/10 Datasheet
361Kb / 8P
   Nonvolatile Static RAM
More results

Similar Description - X221

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
X813 CONNOR-WINFIELD-X813 Datasheet
225Kb / 2P
   3.3V LVCMOS SURFACE MOUNT 7.5x5mm CRYSTAL CLOCK OSCILLATOR
5212 CONNOR-WINFIELD-5212 Datasheet
96Kb / 2P
   2.5V LVCMOS SURFACE MOUNT 7.5x5mm CRYSTAL CLOCK OSCILLATOR
5112 CONNOR-WINFIELD-5112 Datasheet
155Kb / 2P
   2.5V LVCMOS SURFACE MOUNT 7.5x5mm CRYSTAL CLOCK OSCILLATOR
5211 CONNOR-WINFIELD-5211 Datasheet
82Kb / 2P
   1.8V LVCMOS Surface Mount Crystal Clock Oscillator
6211 CONNOR-WINFIELD-6211 Datasheet
84Kb / 2P
   1.8V LVCMOS Surface Mount Crystal Clock Oscillator
6111 CONNOR-WINFIELD-6111 Datasheet
84Kb / 2P
   1.8V LVCMOS Surface Mount Crystal Clock Oscillator
5111 CONNOR-WINFIELD-5111 Datasheet
82Kb / 2P
   1.8V LVCMOS Surface Mount Crystal Clock Oscillator
HSM343 CONNOR-WINFIELD-HSM343 Datasheet
137Kb / 2P
   3.3V SURFACE MOUNT 7.5x5mm CRYSTAL CLOCK OSCILLATOR
5216 CONNOR-WINFIELD-5216 Datasheet
82Kb / 2P
   2.8V LVCMOS Surface Mount Crystal Clock Oscillator
5116 CONNOR-WINFIELD-5116 Datasheet
82Kb / 2P
   2.8V LVCMOS Surface Mount Crystal Clock Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com