Electronic Components Datasheet Search |
|
M31016DNMC Datasheet(PDF) 1 Page - MTRONPTI |
|
M31016DNMC Datasheet(HTML) 1 Page - MTRONPTI |
1 / 7 page MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application. Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact MtronPTI for your application specific requirements at 800.762.8800 toll free or 605.665.9321. Product Features Product Description Product Applications Product Ordering Information M320x Series 9x14 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML, VCXO Revision: 8-22-08 QiK Chip™ Featuring QiK ChipTM Technology Superior Jitter Performance (comparable to SAW based) APR of ±50 or ±100ppm over industrial temperature range Frequencies from 150 MHz to 1.4 GHz Designed for a short 2 week cycle time Telecommunications such as SONET / SDH / DWDM / FEC / SERDES / OC-3 thru OC-192 Wireless base stations / WLAN / Gigabit Ethernet xDSL, Network Communications Avionic Flight Controls Military Communications Clock and Data Recovery Low Jitter Clock Generation The M320x series of VCXO’s is designed with a hermetically sealed high precision AT cut quartz crystal, com- bined with our QiK ChipTM technology. This combination provides an industry setting 0.35 ps RMS jitter perfor- mance and excellent Phase Noise for your demanding circuit. The M310x is available in LVPECL, LVDS, or CML output and can be built to a variety of power requirements, 3.3, 2.5, and 1.8V. Tight thermal stability per- formance, broad frequency range, an industry standard 9x14mm package, and the ability to build and provide product in approximately 2 weeks, gives the designer a quick, solid foundation to build a solution with. |
Similar Part No. - M31016DNMC |
|
Similar Description - M31016DNMC |