Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M206023UPN Datasheet(PDF) 7 Page - MTRONPTI

Part # M206023UPN
Description  3.2 x 5 mm, 3.3 Volt, LVPECL, Clock Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

M206023UPN Datasheet(HTML) 7 Page - MTRONPTI

  M206023UPN Datasheet HTML 1Page - MTRONPTI M206023UPN Datasheet HTML 2Page - MTRONPTI M206023UPN Datasheet HTML 3Page - MTRONPTI M206023UPN Datasheet HTML 4Page - MTRONPTI M206023UPN Datasheet HTML 5Page - MTRONPTI M206023UPN Datasheet HTML 6Page - MTRONPTI M206023UPN Datasheet HTML 7Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact MtronPTI for your application specific requirements at 800.762.8800 toll free or 605.665.9321.
7
Date
Revision PCN Number Details of Revision
Forcustomproductsoradditionalspecificationscontactoursalesteamat
800.762.8800 (toll free) or 605.665.9321
For more information on this product visit the MtronPTI website at
www.mtronpti.com
Typical Test Circuit & Load Circuit
Product Revision Table
3.3V LVPECL Load Circuit
M2060 Series
3.2 x 5 mm, 3.3 Volt, LVPECL, Clock Oscillator


Similar Part No. - M206023UPN

ManufacturerPart #DatasheetDescription
logo
Microtune,Inc
M2060 MICROTUNE-M2060 Datasheet
244Kb / 2P
   The MT2060-STV0297-RD is an inexpensive, integrated tuner- demodulator Reference Design solution for DVB-C applications
More results

Similar Description - M206023UPN

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M2532 MTRONPTI-M2532 Datasheet
216Kb / 1P
   2.5 x 3.2 mm, 3.3 Volt, HCMOS, Clock Oscillator
M2532 MTRONPTI-M2532 Datasheet
322Kb / 1P
   2.5 x 3.2 mm, 3.3 Volt, HCMOS, Clock Oscillator
M5R MTRONPTI-M5R Datasheet
227Kb / 1P
   9x14 mm, 3.3 Volt, LVPECL/LVDS, Clock Oscillator
M5RJ MTRONPTI-M5RJ_08 Datasheet
513Kb / 2P
   9x14 mm, 3.3 Volt, LVPECL/LVDS, Clock Oscillator
CMO3 MTRONPTI-CMO3 Datasheet
379Kb / 3P
   5 x 7 mm, 3.3 Volt, CMOS, Clock Oscillator
M5R_0611 MTRONPTI-M5R_0611 Datasheet
257Kb / 2P
   9x14 mm, 3.3 Volt, LVPECL/LVDS, Clock Oscillator
M5RJ MTRONPTI-M5RJ Datasheet
264Kb / 1P
   9x14 mm, 3.3 Volt, LVPECL/LVDS, Clock Oscillator
M5R MTRONPTI-M5R_07 Datasheet
370Kb / 2P
   9x14 mm, 3.3 Volt, LVPECL/LVDS, Clock Oscillator
M2001_0611 MTRONPTI-M2001_0611 Datasheet
350Kb / 3P
   5x7 mm, 3.3 Volt, CMOS/LVPECL/LVDS, Clock Oscillator
M2001 MTRONPTI-M2001 Datasheet
310Kb / 2P
   5x7 mm, 3.3 Volt, CMOS/LVPECL/LVDS, Clock Oscillator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com