Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STL-S3 Datasheet(PDF) 3 Page - Connor-Winfield Corporation

Part # STL-S3
Description  Stratum 3 Timing Module
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

STL-S3 Datasheet(HTML) 3 Page - Connor-Winfield Corporation

  STL-S3 Datasheet HTML 1Page - Connor-Winfield Corporation STL-S3 Datasheet HTML 2Page - Connor-Winfield Corporation STL-S3 Datasheet HTML 3Page - Connor-Winfield Corporation STL-S3 Datasheet HTML 4Page - Connor-Winfield Corporation STL-S3 Datasheet HTML 5Page - Connor-Winfield Corporation STL-S3 Datasheet HTML 6Page - Connor-Winfield Corporation STL-S3 Datasheet HTML 7Page - Connor-Winfield Corporation STL-S3 Datasheet HTML 8Page - Connor-Winfield Corporation STL-S3 Datasheet HTML 9Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Preliminary Data Sheet #: TM055
Page 3 of 24
Rev: P00
Date: 5/17/04
© Copyright 2004 The Connor-Winfield Corp.
All Rights Reserved Specifications subject to change without notice
Table 2
Recommended Operating Conditions
Symbol
Parameter
Minimum
Nominal
Maximum
Units
Notes
V
cc
Power Supply Voltage
3.135
3.465
Volts
V
IH
High level input voltage - CMOS
2.0
5.25
Volts
2.0
V
IL
Low level input voltage - CMOS
0
0.8
Volts
t
PULSE
Minimum pulse width, positve/negative
30
ns
for external references
t
TR
Input signal transistion time
250
ns
t
RST
Time for module to re-configure after a reset
1.5
sec.
(manual or POR)
t
HLD
Time to hold reset pin high
0.3
100
ms
Table 3
DC Characteristics
Symbol
Parameter
Minimum
Nominal
Maximum
Units
Notes
V
OH
High level output voltage,
2.4
3.3
3.6
Volts
3.0
I
OH = -4.0mA, VCC = min.
V
OL
Low level output voltage,
0.4
Volts
I
OL = 8.0mA, V CC = max.
Table 4
Specifications
Parameter
Specifications
Notes
Frequency Range - Output 1
8 kHz - 77.76 MHz
6.0
Output 2
8 kHz - 77.76 MHz
6.0
Output 3
8 kHz - 77.76 MHz
6.0
Supply Current
0.5A typical @25°C, 1.3 A during warm-up (Maximum)
Timing Reference Inputs
8 kHz - 77.76 MHz
6.0
Slave Input
8 kHz
Jitter, Wander and Phase Transient Tolerances
GR-1244-CORE 4.2-4.4, GR-253-CORE 5.4.4.3.6
Wander Generation
GR-1244-CORE 5.3, GR-253-CORE 5.4.4.3.2
Wander Transfer
GR-1244-CORE 5.4
Jitter Generation
GR-1244-CORE 5.5, GR-253-CORE 5.6.2.3
Jitter Transfer
GR-1244-CORE 5.5, GR-253-CORE 5.6.2.1
Phase Transients
GR-1244-CORE 5.6, GR-253-CORE 5.4.4.3.3
Output 1,2 & 3 Free Run Accuracy
±4.6 ppm over temperature range
Hold Over Stability
±0.370 ppm
4.0
Inital Offset
±0.050 ppm
Temperature
±0.280 ppm
Drift
±0.040 ppm
Maximum Hold Over History
1049 seconds
Minimum Time for Hold Over
141 seconds after a reference rearrangement
Lock Time
100 sec.
Lock Accuracy
0.1 ppm
5.0
Environmental Characteristics
Shock
100G’s, 6mS, halfsine per MIL-STD-202F, Method 2138, Test Condition C
Vibration
0.06" D.A. or 10G peak 10 to 500 Hz, per MIL-STD-202F, Method 204D, Test Condition A
NOTES:
1.0:
Stresses beyond those listed under Absolute Maximum Rating may cause damage
to the device. Operation beyond Recommended Conditons is not implied.
2.0:
Inputs are 3.3V CMOS,5V tolerant
3.0:
Logic is 3.3V CMOS
4.0:
Hold Over stability is the cumulative fractional frequency offset as described by
GR-1244-CORE, 5.2
5.0:
After 100 seconds at stable temperature (±5° F)
6.0:
Frequencies must be specified at the time of order.


Similar Part No. - STL-S3

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
STL-S3E CONNOR-WINFIELD-STL-S3E Datasheet
975Kb / 24P
   Stratum 3E Timing Module
More results

Similar Description - STL-S3

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
MSTM-S3-IT3-19.44M CONNOR-WINFIELD-MSTM-S3-IT3-19.44M Datasheet
1Mb / 16P
   Stratum 3 Timing Module
MSTM-S3-TR CONNOR-WINFIELD-MSTM-S3-TR Datasheet
1Mb / 16P
   Stratum 3 Timing Module
MSTM-S3-T2F1 CONNOR-WINFIELD-MSTM-S3-T2F1 Datasheet
884Kb / 16P
   Stratum 3 Timing Module
MSTM-S3-IT3 CONNOR-WINFIELD-MSTM-S3-IT3 Datasheet
1Mb / 16P
   Stratum 3 Timing Module
MSTM-S3-T2 CONNOR-WINFIELD-MSTM-S3-T2 Datasheet
1Mb / 20P
   Stratum 3 Timing Module
MSTM-S3-TR CONNOR-WINFIELD-MSTM-S3-TR_15 Datasheet
1Mb / 16P
   Stratum 3 Timing Module
logo
Zarlink Semiconductor I...
ZL30461 ZARLINK-ZL30461 Datasheet
465Kb / 53P
   COMPACT STRATUM 3 TIMING MODULE
logo
List of Unclassifed Man...
STM-S3E ETC1-STM-S3E Datasheet
837Kb / 16P
   Stratum 3E Timing Module
logo
Connor-Winfield Corpora...
STL-S3E CONNOR-WINFIELD-STL-S3E Datasheet
975Kb / 24P
   Stratum 3E Timing Module
STM-S3E CONNOR-WINFIELD-STM-S3E Datasheet
835Kb / 16P
   Stratum 3E Timing Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com