Part Name
         Description
STC3800

 INTEGRATED - STRATUM 3E TIMING SOURCE ( 48 Page)


CONNOR-WINFIELD
100% 
Zoom Out Zoom In
 27 page
background image
Preliminary Data Sheet #: TM061
Page 27 of 48
Rev: P06 Date: 11/22/04
© Copyright 2001 The Connor-Winfield Corp.
All Rights Reserved Specifications subject to change without notice
Performance Specifications continued
Wander Generation Characteristics – MTIE
(10 Hz single-pole LPF applied)
Wander Generation Characteristics – TDEV
(10 Hz single-pole LPF applied)
Free Run Frequency Accuracy – Free Run frequency accuracy is the maximum fractional frequency offset while in
Free Run mode. It is determined by the accuracy of the TCXO/OCXO. All TCXO/OCXO devices recommended for use
with the STC3800 in the application section will meet GR-1244 and ITU G.813 requirements.
Hold Over Frequency Stability – Hold Over frequency stability is the maximum fractional frequency offset while in
Hold Over mode. It is determined by the stability of the TCXO/OCXO. All TCXO/OCXO devices recommended for use
with the STC3800 in the application section will meet GR-1244 and ITU G.813 requirements.
Wander Generation – Wander generation is the process whereby wander appears at the output of a clock in the
absence of input wander. The STC3800 wander generation characteristics, MTIE and TDEV, are shown below, along
with the requirements masks (bandwidth = 0.39 Hz):
1
10
100
1000
0.1
1
10
100
1000
10000
100000
Observation Time (sec)
GR-1244-CORE, R5-5
0.01
0.1
1
10
100
0.01
0.1
1
10
100
1000
10000
100000
Integration Time (sec)
GR-1244-CORE, R5-4



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
STC3500INTEGRATED - STRATUM 3 TIMING SOURCE 1 2 3 4 5 MoreConnor-Winfield Corporation
ACS8520_05Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems 1 2 3 4 5 MoreSemtech Corporation
ACS8522Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems 1 2 3 4 5 MoreSemtech Corporation
ACS8520ASynchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems 1 2 3 4 5 MoreSemtech Corporation
ACS8522ASynchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems 1 2 3 4 5 MoreSemtech Corporation
ACS8530Synchronous Equipment Timing Source for Stratum 2/3E Systems 1 2 3 4 5 MoreSemtech Corporation
DS3102_08Stratum 3 Timing Card IC with Synchronous Ethernet Support 1 2 3 4 5 MoreMaxim Integrated Products
MSTM-S3STRATUM 3 SIMPLIFIED CONTROL TIMING MODULES 1 2 3 4 5 MoreConnor-Winfield Corporation
MSTM-S3-IT3-19.44MStratum 3 Timing Module 1 2 3 4 5 MoreConnor-Winfield Corporation

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl