Part Name
         Description
STC3800

 INTEGRATED - STRATUM 3E TIMING SOURCE ( 48 Page)


CONNOR-WINFIELD
100% 
Zoom Out Zoom In
 17 page
background image
Preliminary Data Sheet #: TM061
Page 17 of 48
Rev: P06 Date: 11/22/04
© Copyright 2001 The Connor-Winfield Corp.
All Rights Reserved Specifications subject to change without notice
Detailed Description continued
Interrupts
Eight interrupts are provided and appear in the INTR_EVENT (0x12) register. Each interrupt can be individually
enabled or disabled via the INTR_ENABLE (0x13) register. Each bit enables or disables the corresponding interrupt
from asserting the SPI_INT pin. Interrupt events still appear in the INTR_EVENT (0x12) register independent of their
enable state. All interrupts are cleared once INTR_EVENT (0x12) register is read. The interrupts provided are:
Any reference changing from available to not available
Any reference changing from not available to available
Xref changing from activity to no activity
Xref changing from no activity to activity
DPLL Mode status change
Reference switch in automatic reference selection mode
Loss of Signal
Loss of Lock
Interrupts and Reference change in Autonomous mode – Interrupts can be used to determine the cause of a
reference change in autonomous mode. Let us assume that the module is currently locked to REF1. The module
switches to REF2 and SPI_INT pin is asserted. The user reads the INTR_EVENT (0x12) register.
If the module is operating in autonomous non-revertive mode, the cause can be determined from bits4, 5, 6 and 7. Bit5
is set to indicate Active reference change. If Bit6 is set then the cause of the reference change is Loss of Active
Reference. If Bit7 is set then the cause of the reference change is a Loss of Lock alarm on the active reference.
If the module is operating in autonomous revertive mode, the cause can be determined from bits1, 4,5, 6 and 7. Bit5 is
set to indicate Active reference change. If Bit6 is set then the cause of the reference change is Loss of Active
Reference. If Bit7 is set then the cause of the reference change is a Loss of Lock alarm on the active reference. If Bit1
is set then the cause of the reference change is the availability of a higher priority reference.
Note: The DPLL Mode Status Change bit (Bit4) is also set to indicate a change in DPLL_STATUS (0x11) register,
during an interrupt caused by a reference change. The data in DPLL_STATUS (0x11) register however is not useful in
determining the cause of a reference change. This is because bits0-2 of this register always reflects the status of the
current active reference and hence cannot be used to determine the status of the last active reference.
Interrupts in Manual Mode – In manual operating mode, when the active reference fails due to a Loss of Signal or
Loss of Lock alarm, an interrupt is generated. For example, in case of a Loss of Signal, bits4 and 6 of INTR_EVENT
(0x12) register would be set to indicate Loss of Signal and DPLL Mode Status Change. The user may choose to read
the DPLL_STATUS (0x11) register, though in manual mode bit6 of INTR_EVENT (0x12) register is a mirror of bit0 of
DPLL_STATUS (0x11) register. This holds true for a Loss of Lock alarm, where bit7 of INTR_EVENT (0x12) register is
a mirror of bit1 of DPLL_STATUS (0x11) register.
OCXO/TCXO Calibration
The OCXO/TCXO may be calibrated by writing a frequency offset v.s. nominal frequency into the Calibration register.
This calibration is used by the synchronization software to create a frequency corrected from the actual OCXO/TCXO
output by the value written to the Calibration register. See Register Descriptions and Operation section.



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
STC3500INTEGRATED - STRATUM 3 TIMING SOURCE 1 2 3 4 5 MoreConnor-Winfield Corporation
ACS8520_05Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems 1 2 3 4 5 MoreSemtech Corporation
ACS8522Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems 1 2 3 4 5 MoreSemtech Corporation
ACS8520ASynchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems 1 2 3 4 5 MoreSemtech Corporation
ACS8522ASynchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems 1 2 3 4 5 MoreSemtech Corporation
ACS8530Synchronous Equipment Timing Source for Stratum 2/3E Systems 1 2 3 4 5 MoreSemtech Corporation
DS3102_08Stratum 3 Timing Card IC with Synchronous Ethernet Support 1 2 3 4 5 MoreMaxim Integrated Products
MSTM-S3STRATUM 3 SIMPLIFIED CONTROL TIMING MODULES 1 2 3 4 5 MoreConnor-Winfield Corporation
MSTM-S3-IT3-19.44MStratum 3 Timing Module 1 2 3 4 5 MoreConnor-Winfield Corporation

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl