Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M206023SPN Datasheet(PDF) 3 Page - MTRONPTI

Part # M206023SPN
Description  3.2 x 5 mm, 3.3 Volt, LVPECL, Clock Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

M206023SPN Datasheet(HTML) 3 Page - MTRONPTI

  M206023SPN Datasheet HTML 1Page - MTRONPTI M206023SPN Datasheet HTML 2Page - MTRONPTI M206023SPN Datasheet HTML 3Page - MTRONPTI M206023SPN Datasheet HTML 4Page - MTRONPTI M206023SPN Datasheet HTML 5Page - MTRONPTI M206023SPN Datasheet HTML 6Page - MTRONPTI M206023SPN Datasheet HTML 7Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact MtronPTI for your application specific requirements at 800.762.8800 toll free or 605.665.9321.
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact MtronPTI for your application specific requirements at 800.762.8800 toll free or 605.665.9321.
3
Output Waveform
M2060 Series
3.2 x 5 mm, 3.3 Volt, LVPECL, Clock Oscillator
Part Marking Guide
Catalog ModelNumber
FFF.FFFFM
MbYYWWV
“M” in last line=MtronPTI
“F” = Frequency (example: 6.176000 MHz = 6M176)
“M”=Usedinplaceofthedecimalpoint;signifiesMHz
“O” = Output type/stability combined
S=fixedoutput,±100 ppm stability
T=fixedoutput,±50 ppm stability
X = tristate output, ±100 ppm stability
Y = tristate output, ±50 ppm stability
“L” = Symmetry
A = 40/60 TTL/HCMOS
C = 45/55 HCMOS
G = 40/60 HCMOS
“X” = Month code
A = January
G = July
B = February
H = August
C = March
J = September
D = April
K = October
E = May
L = November
F = June
M = December
“Y” = Last digit of year (example: 2003 = 3)
Parts manufactured at MtronPTI partner facilities will have
a one digit letter code or a two digit number code after the
date code.


Similar Part No. - M206023SPN

ManufacturerPart #DatasheetDescription
logo
Microtune,Inc
M2060 MICROTUNE-M2060 Datasheet
244Kb / 2P
   The MT2060-STV0297-RD is an inexpensive, integrated tuner- demodulator Reference Design solution for DVB-C applications
More results

Similar Description - M206023SPN

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M2532 MTRONPTI-M2532 Datasheet
216Kb / 1P
   2.5 x 3.2 mm, 3.3 Volt, HCMOS, Clock Oscillator
M2532 MTRONPTI-M2532 Datasheet
322Kb / 1P
   2.5 x 3.2 mm, 3.3 Volt, HCMOS, Clock Oscillator
M5R MTRONPTI-M5R Datasheet
227Kb / 1P
   9x14 mm, 3.3 Volt, LVPECL/LVDS, Clock Oscillator
M5RJ MTRONPTI-M5RJ_08 Datasheet
513Kb / 2P
   9x14 mm, 3.3 Volt, LVPECL/LVDS, Clock Oscillator
CMO3 MTRONPTI-CMO3 Datasheet
379Kb / 3P
   5 x 7 mm, 3.3 Volt, CMOS, Clock Oscillator
M5R_0611 MTRONPTI-M5R_0611 Datasheet
257Kb / 2P
   9x14 mm, 3.3 Volt, LVPECL/LVDS, Clock Oscillator
M5RJ MTRONPTI-M5RJ Datasheet
264Kb / 1P
   9x14 mm, 3.3 Volt, LVPECL/LVDS, Clock Oscillator
M5R MTRONPTI-M5R_07 Datasheet
370Kb / 2P
   9x14 mm, 3.3 Volt, LVPECL/LVDS, Clock Oscillator
M2001_0611 MTRONPTI-M2001_0611 Datasheet
350Kb / 3P
   5x7 mm, 3.3 Volt, CMOS/LVPECL/LVDS, Clock Oscillator
M2001 MTRONPTI-M2001 Datasheet
310Kb / 2P
   5x7 mm, 3.3 Volt, CMOS/LVPECL/LVDS, Clock Oscillator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com