Part Name
         Description
SCG6500NT

 Synchronous Clock Generator ( 12 Page)


CONNOR-WINFIELD
100% 
Zoom Out Zoom In
 
 8 page
background image
Advance Data Sheet #: SG034
Page 8 of 12
Rev: A05
Date: 6 / 24 / 02
© Copyright 2002 The Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
Lock
Hold Last
Free Run
User Selected Free Run Mode
User Selected Lock Mode
User Selected Hold Last Mode
User Selected Free Run Mode
User Selected Lock Mode
User Selected Lock Mode
User Selected Hold Last Mode
User Selected Hold Last Mode
User Selected Free Run Mode
Note: Lock Mode is one in which the unit is locked to the selected reference, which is either Ref A or Ref B
Free Run
Lock
Hold Last
User Selected Free Run Mode
or
No Valid References Available
or
No Valid Hold Last Available
User Selected Hold Last Mode
and
Valid Hold Last Available
User Selected Lock Mode
and
Valid References Available
User Selected Free Run Mode
or
No Valid Hold Last Available
User Selected Free Run Mode
or
(No Valid Hold Last Available
and
No Valid References Available)
User Selected Lock Mode
and
Valid Reference Available
(User Selected Hold Last Mode
or
No Valid Reference Available)
and
Valid Hold Last Available
User Selected Lock Mode
and
Valid References
Available
(User Selected Hold Last Mode
or
No Valid References Available)
and
Valid Hold Last Available
Notes:
1) Lock Mode is one in which the unit is locked to either Ref A or Ref B, but not always the selected reference
2) See General Mode Description for Revertive and Non-Revertive operation
Manual Mode State Machine
Figure 3
Autonomous Mode State Machine
Figure 4



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HD74LS190Synchronous Up / Down Decade Counter signal clock line 1 2 3 4 5 MoreRenesas Technology Corp
AD9522-112 LVDS/24 CMOS Output Clock Generator with Integrated 2.4 GHz VCO 1 2 3 4 5 MoreAnalog Devices
MAX3679+3.3V Low-Jitter Crystal to LVPECL Clock Generator 1 2 3 4 5 MoreMaxim Integrated Products
CY2291_08Three-PLL General Purpose EPROM Programmable Clock Generator 1 2 3 4 5 MoreCypress Semiconductor
SCG102ASynchronous Clock Generators 1 2 3 4 5 MoreConnor-Winfield Corporation
AD9516-014-Channel Clock Generator with Integrated 2.8 GHz VCO 1 2 Analog Devices
SN54HC1934-BIT SYNCHRONOUS UP/DOWN COUNTERS DUAL CLOCK WITH CLEAR 1 2 3 4 5 MoreTexas Instruments
CDCD5704_07Rambus XDR CLOCK GENERATOR 1 2 3 4 5 MoreTexas Instruments
AD9516-314-Output Clock Generator with Integrated 2.0 GHz VCO 1 2 3 4 5 MoreAnalog Devices
RD151TS502USPLL clock generator series 1 2 3 4 5 MoreRenesas Technology Corp

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl