Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSTM-SEC1 Datasheet(PDF) 10 Page - Connor-Winfield Corporation

Part # MSTM-SEC1
Description  Simplified Control Timing Module
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

MSTM-SEC1 Datasheet(HTML) 10 Page - Connor-Winfield Corporation

Back Button MSTM-SEC1 Datasheet HTML 6Page - Connor-Winfield Corporation MSTM-SEC1 Datasheet HTML 7Page - Connor-Winfield Corporation MSTM-SEC1 Datasheet HTML 8Page - Connor-Winfield Corporation MSTM-SEC1 Datasheet HTML 9Page - Connor-Winfield Corporation MSTM-SEC1 Datasheet HTML 10Page - Connor-Winfield Corporation MSTM-SEC1 Datasheet HTML 11Page - Connor-Winfield Corporation MSTM-SEC1 Datasheet HTML 12Page - Connor-Winfield Corporation MSTM-SEC1 Datasheet HTML 13Page - Connor-Winfield Corporation MSTM-SEC1 Datasheet HTML 14Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Preliminary Data Sheet #: TM029
Page 10 of 16
Rev: P02
Date: 09/07/01
© Copyright 2001 The Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
2 msec < t < 4.125 msec
m
Change in
Operational Mode
Operational Mode
Indicator
∆t
m
MSTM-S3-TR Mode Indicator Delay
Figure 12
∆t
TVL Limit High
Frequency
TVL Limit Low
Frequency
Sync_Out
TVL Alarm
&
Alarm Out
0 < t < 2.125 msec
*The DAC is updated only when the output changes level. The maximum
update rate is 8 kHz
(Nominal Frequency)
Tuning Voltage Limit Alarm Timing Diagram
Figure 13


Similar Part No. - MSTM-SEC1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSTM-S3 ETC2-MSTM-S3 Datasheet
219Kb / 6P
   STRATUM 3 SIMPLIFIED CONTROL TIMING MODULES
logo
Connor-Winfield Corpora...
MSTM-S3 CONNOR-WINFIELD-MSTM-S3 Datasheet
219Kb / 6P
   STRATUM 3 SIMPLIFIED CONTROL TIMING MODULES
MSTM-S3-INT CONNOR-WINFIELD-MSTM-S3-INT Datasheet
249Kb / 6P
   Stratum 3 Simplified Control Timing Modules
MSTM-S3-IT3 CONNOR-WINFIELD-MSTM-S3-IT3 Datasheet
1Mb / 16P
   Stratum 3 Timing Module
MSTM-S3-IT3-19.44M CONNOR-WINFIELD-MSTM-S3-IT3-19.44M Datasheet
1Mb / 16P
   Stratum 3 Timing Module
More results

Similar Description - MSTM-SEC1

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
STM-S3 CONNOR-WINFIELD-STM-S3 Datasheet
223Kb / 6P
   STRATUM 3 SIMPLIFIED CONTROL TIMING MODULES
MSTM-S3-T2-FD CONNOR-WINFIELD-MSTM-S3-T2-FD Datasheet
302Kb / 8P
   STRATUM 3 SIMPLIFIED CONTROL TIMING MODULES
SMTM-S3-T2-FD CONNOR-WINFIELD-SMTM-S3-T2-FD Datasheet
302Kb / 8P
   Stratum 3 Simplified Control Timing Modules
MSTM-S3-T2NC CONNOR-WINFIELD-MSTM-S3-T2NC Datasheet
248Kb / 7P
   STRATUM 3 SIMPLIFIED CONTROL TIMING MODULES
MSTM-S3-R CONNOR-WINFIELD-MSTM-S3-R Datasheet
491Kb / 7P
   STRATUM 3 SIMPLIFIED CONTROL TIMING MODULES
MSTM-S3 CONNOR-WINFIELD-MSTM-S3 Datasheet
219Kb / 6P
   STRATUM 3 SIMPLIFIED CONTROL TIMING MODULES
STM-S3 CONNOR-WINFIELD-STM-S3_15 Datasheet
230Kb / 6P
   Stratum 3 Simplified Control Timing Modules
MSTM-S3-INT CONNOR-WINFIELD-MSTM-S3-INT Datasheet
249Kb / 6P
   Stratum 3 Simplified Control Timing Modules
logo
List of Unclassifed Man...
MSTM-S3 ETC2-MSTM-S3 Datasheet
219Kb / 6P
   STRATUM 3 SIMPLIFIED CONTROL TIMING MODULES
logo
Connor-Winfield Corpora...
MSTM-S4E CONNOR-WINFIELD-MSTM-S4E Datasheet
182Kb / 5P
   STRATUM 4E SIMPLIFIED CONTROL TIMING MODULES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com