Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCMTZJ16V Datasheet(PDF) 3 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

Part # TCMTZJ16V
Description  500 mW DO-34 Hermetically Sealed Glass Zener Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

TCMTZJ16V Datasheet(HTML) 3 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  TCMTZJ16V Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCMTZJ16V Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCMTZJ16V Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCMTZJ16V Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCMTZJ16V Datasheet HTML 5Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCMTZJ16V Datasheet HTML 6Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Number: DB-054
July 2008 / C
Page 3
SEMICONDUCTOR
TAK CHEONG
®
Electrical Characteristics T
A = 25°C unless otherwise noted
VZ@Izt
Device Type
T
Tolerance
Min
Nom
Max
Izt
(mA)
Zzt@Izt
(Ohms)
Max
Zzk@Izk
(Ohms)
Max
Izk
(mA)
IR@VR
(uA)
Max
VR
(V)
A
2.2%
20.15
20.68
21.20
B
2.5%
20.64
21.18
21.71
C
2.5%
21.08
21.63
22.17
TCMTZJ22V
D
2.5%
21.52
22.08
22.63
5
30
200
0.5
0.2
17
A
2.5%
22.05
22.62
23.18
B
2.5%
22.61
23.19
23.77
C
2.5%
23.12
23.72
24.31
TCMTZJ24V
D
2.5%
23.63
24.24
24.85
5
35
200
0.5
0.2
19
A
2.5%
24.26
24.89
25.52
B
2.5%
24.97
25.62
26.26
C
2.5%
25.63
26.29
26.95
TCMTZJ27V
D
2.5%
26.29
26.97
27.64
5
45
250
0.5
0.2
21
A
2.5%
26.99
27.69
28.39
B
2.5%
27.70
28.42
29.13
C
2.5%
28.36
29.09
29.82
TCMTZJ30V
D
2.5%
29.02
29.77
30.51
5
55
250
0.5
0.2
23
A
2.5%
29.68
30.45
31.22
B
2.5%
30.32
31.10
31.88
C
2.5%
30.90
31.70
32.50
TCMTZJ33V
D
2.5%
31.49
32.30
33.11
5
65
250
0.5
0.2
25
A
2.5%
32.14
32.97
33.79
B
2.5%
32.79
33.64
34.49
C
2.5%
33.40
34.27
35.13
TCMTZJ36V
D
2.5%
34.01
34.89
35.77
5
75
250
0.5
0.2
27
A
2.5%
34.68
35.58
36.47
B
2.5%
35.36
36.28
37.19
C
2.5%
36.00
36.93
37.85
TCMTZJ39V
D
2.5%
36.63
37.58
38.52
5
85
250
0.5
0.2
30
VF (forward voltage) = 1.2 V maximum @ IF = 200mA for all types
Note:
1.
The zener voltage subdivision (VZ) is measured 40mS after diode is powered up.
2.
The operating resistance (Zzt and Zzk) is measured by superimposing a minute alternation current
in the regulated current (Iz).
3.
When ordering, please specify tolerance A, B, C or D.


Similar Part No. - TCMTZJ16V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCMT11 VISHAY-TCMT11 Datasheet
462Kb / 12P
   Optocoupler with Phototransistor Output
Rev. A2, 15-Dec-00
TCMT110 VISHAY-TCMT110 Datasheet
152Kb / 9P
   Optocoupler, Phototransistor Output, Single Channel, Half Pitch Mini-Flat Package
Rev. 3.0, 10-Mar-16
TCMT1100 VISHAY-TCMT1100 Datasheet
462Kb / 12P
   Optocoupler with Phototransistor Output
Rev. A2, 15-Dec-00
TCMT1100 VISHAY-TCMT1100 Datasheet
135Kb / 7P
   Optocoupler, Phototransistor Output, Single Channel, Half Pitch Mini-Flat Package
Rev. 2.9, 23-May-13
logo
ISOCOM COMPONENTS
TCMT1100 ISOCOM-TCMT1100 Datasheet
1Mb / 10P
   Half Pitch 1.27mm
More results

Similar Description - TCMTZJ16V

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TCMZ2V0 TAK_CHEONG-TCMZ2V0 Datasheet
172Kb / 5P
   500 mW DO-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
MTZJ2V0 YEASHIN-MTZJ2V0 Datasheet
839Kb / 4P
   500 mW DO-34 Hermetically Sealed Glass Zener Voltage Regulators
MZ2V0 YEASHIN-MZ2V0 Datasheet
494Kb / 2P
   500 mW DO-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
BZX79C110 TAK_CHEONG-BZX79C110_10 Datasheet
178Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
ZX2V0 YEASHIN-ZX2V0 Datasheet
815Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
ZL2V4B YEASHIN-ZL2V4B Datasheet
604Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B YEASHIN-1N5221B Datasheet
1Mb / 10P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCBZX55C2V0 TAK_CHEONG-TCBZX55C2V0 Datasheet
181Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCZL2V4B TAK_CHEONG-TCZL2V4B Datasheet
174Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N750A TAK_CHEONG-1N750A Datasheet
316Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com