Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCMBR10200CT Datasheet(PDF) 2 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

Part # TCMBR10200CT
Description  10A SCHOTTKY BARRIER DIODE Dual High Voltage Schottky Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

TCMBR10200CT Datasheet(HTML) 2 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  TCMBR10200CT Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCMBR10200CT Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
May 2008 Release, Revision C
Page 2
TAK CHEONG
®
SEMICONDUCTOR
TO220 PACKAGE OUTLINE
INCHES
MILLIMETERS
DIM
MIN
MAX
MIN
MAX
A
0.140
0.190
3.56
4.83
A1
0.020
0.055
0.51
1.40
A2
0.080
0.115
2.03
2.92
b
0.015
0.040
0.38
1.02
b2
0.045
0.070
1.14
1.78
c
0.014
0.024
0.36
0.61
D
0.560
0.650
14.22
16.51
e
0.096
0.104
2.44
2.64
E
0.380
0.420
9.65
10.67
H1
0.230
0.270
5.84
6.86
L
0.500
0.580
12.70
14.73
L1
---
0.250
---
6.35
ØP
0.139
0.161
3.53
4.09
Q
0.100
0.135
2.54
3.43
NOTE: Above package outline conforms to JEDEC TO-220AB.
This datasheet presents technical data of Tak Cheong’s Schottky Diodes. Complete specifications for the individual devices are
provided in the form of datasheets. A comprehensive Selector Guide is included to simplify the task of choosing the best set of
components required for a specific application. For additional information, please visit our website http://www.takcheong.com.
Although information in this datasheet has been carefully checked, no responsibility for the inaccuracies can be assumed by Tak
Cheong. Please consult your nearest Tak Cheong’s sales office for further assistance.
Tak Cheong reserves the right to make changes without further notice to any products herein to further improve reliability,
function or design, cost and productivity.
and
are registered trademarks of Tak Cheong Electronics (Holdings) Co., Ltd.
TAK CHEONG
®


Similar Part No. - TCMBR10200CT

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TCMBR20100CT TAK_CHEONG-TCMBR20100CT Datasheet
107Kb / 2P
   20A SCHOTTKY BARRIER DIODE Dual High Voltage Schottky Rectifier
TCMBR20150CT TAK_CHEONG-TCMBR20150CT Datasheet
107Kb / 2P
   20A SCHOTTKY BARRIER DIODE Dual High Voltage Schottky Rectifier
TCMBR20200CT TAK_CHEONG-TCMBR20200CT Datasheet
107Kb / 2P
   20A SCHOTTKY BARRIER DIODE Dual High Voltage Schottky Rectifier
TCMBR2060 TAK_CHEONG-TCMBR2060 Datasheet
71Kb / 2P
   20A SCHOTTKY BARRIER DIODE High Current Schottky Rectifier
More results

Similar Description - TCMBR10200CT

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
MBR10100CT TAK_CHEONG-MBR10100CT Datasheet
167Kb / 4P
   10A SCHOTTKY BARRIER DIODE Dual High Voltage Schottky Rectifier
logo
Won-Top Electronics
SB10150CT WTE-SB10150CT Datasheet
47Kb / 4P
   10A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
SB10150FCT WTE-SB10150FCT Datasheet
48Kb / 4P
   10A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
SB10150CT WTE-SB10150CT_08 Datasheet
51Kb / 4P
   10A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
logo
Tak Cheong Electronics ...
MBRF10100CT TAK_CHEONG-MBRF10100CT Datasheet
154Kb / 4P
   10A SCHOTTKY BARRIER DIODE Full Pack High Voltage Schottky Rectifier
logo
Won-Top Electronics
SB10150 WTE-SB10150 Datasheet
48Kb / 4P
   10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
SB10150 WTE-SB10150_08 Datasheet
76Kb / 4P
   10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
MBR1070CT DIODES-MBR1070CT Datasheet
64Kb / 2P
   10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30028 Rev. A-2
logo
Won-Top Electronics
SB10150F WTE-SB10150F_08 Datasheet
67Kb / 4P
   10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
SB10150F WTE-SB10150F Datasheet
49Kb / 4P
   10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com