Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HV302NG Datasheet(PDF) 10 Page - Supertex, Inc

Part # HV302NG
Description  Sequencing Hotswap Controllers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV302NG Datasheet(HTML) 10 Page - Supertex, Inc

Back Button HV302NG Datasheet HTML 2Page - Supertex, Inc HV302NG Datasheet HTML 3Page - Supertex, Inc HV302NG Datasheet HTML 4Page - Supertex, Inc HV302NG Datasheet HTML 5Page - Supertex, Inc HV302NG Datasheet HTML 6Page - Supertex, Inc HV302NG Datasheet HTML 7Page - Supertex, Inc HV302NG Datasheet HTML 8Page - Supertex, Inc HV302NG Datasheet HTML 9Page - Supertex, Inc HV302NG Datasheet HTML 10Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
Rev. D
04/17/02
HV302 / HV312
Design Information - continued
Supported External Pass Devices
The HV302 and HV312 are designed to support N-Channel
MOSFETs and IGBTs.
Selection of External Pass Devices
The RDS(ON) of the device is likely to be selected based on
allowable voltage drop at maximum load (ILOAD(MAX)) after the
Hotswap action has been completed.
Thus the required
continuous power dissipation rating (PCONT) of the device can be
determined from the following equation:
)
MAX
(
LOAD
2
)
ON
(
DS
CONT
I
R
P
×
=
The peak power rating (PPEAK) should be based on the highest
current level, which is always the circuit breaker trip set point (ICB),
and on the assumption that a output is shorted. The peak power
rating may be calculated from the following equation:
CB
IN
PEAK
I
V
P
×
=
Given these values an external pass transistor may be selected
from the manufacturers data sheet.
Paralleling External Pass Transistors
Due to variations in threshold voltages and transconductance
characteristics between samples of MOSFETs, reliable 50%
current sharing is not achievable. Some measure of paralleling
may be accomplished by adding resistors in series with the source
of each device; however, it will cause increased voltage drop and
power dissipation.
Paralleling of external Pass devices is not recommended!
If a sufficiently high current rated external pass transistor cannot
be found then increased current capability may be achieved by
connecting independent Hotswap circuits in parallel, since they act
as current sources during the load capacitor charging time when
the circuits are in current limit. For this application the HV302 with
active high PWRGD is recommended where the PWRGD pins of
multiple Hotswap circuits can be connected in a wired OR
configuration.
Kelvin Connection to Sense Resistor
Physical layout of the printed circuit board is critical for correct
current sensing. Ideally trace routing between the current sense
resistor and the VEE and SENSE pins should be direct and as short
as possible with zero current in the sense traces. The use of
Kelvin connection from SENSE pin and VEE pin to the respective
ends of the current sense resistor is recommended.
To Negative
Terminal of
Power Source
To Source
of MOSFET
To
VEE
Pin
To
SENSE
Pin
Sense Resistor
Supertex, Inc. 1235 Bordeaux Drive, Sunnyvale, CA 94089 TEL: (408) 744-0100 Fax: (408) 222-4895 www.supertex.com


Similar Part No. - HV302NG

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV302DB1 SUTEX-HV302DB1 Datasheet
320Kb / 2P
   Hotswap Controller
More results

Similar Description - HV302NG

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6123 INTERSIL-ISL6123_07 Datasheet
502Kb / 21P
   Power Sequencing Controllers
ISL8723 INTERSIL-ISL8723 Datasheet
301Kb / 14P
   Power Sequencing Controllers
ISL6123 INTERSIL-ISL6123 Datasheet
516Kb / 23P
   Power Sequencing Controllers
August 25, 2011
ISL6123 INTERSIL-ISL6123_11 Datasheet
747Kb / 23P
   Power Sequencing Controllers
logo
Renesas Technology Corp
ISL8723 RENESAS-ISL8723 Datasheet
663Kb / 14P
   Power Sequencing Controllers
logo
Supertex, Inc
HV300 SUTEX-HV300 Datasheet
78Kb / 6P
   Hotswap, Inrush Current Limiter Controllers
HV301 SUTEX-HV301 Datasheet
664Kb / 21P
   Hotswap, Controllers with Circuit Breaker
HV100 SUTEX-HV100 Datasheet
83Kb / 5P
   3-Pin Hotswap, Inrush Current Limiter Controllers
HV310 SUTEX-HV310_09 Datasheet
674Kb / 7P
   Hotswap, Inrush Current Limiter Controllers (Negative Supply Rail)
HV300 SUTEX-HV300_09 Datasheet
705Kb / 7P
   Hotswap, Inrush Current Limiter Controllers (Negative Supply Rail)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com