Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCBZX55C43 Datasheet(PDF) 6 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

Part # TCBZX55C43
Description  500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

TCBZX55C43 Datasheet(HTML) 6 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  TCBZX55C43 Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCBZX55C43 Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCBZX55C43 Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCBZX55C43 Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCBZX55C43 Datasheet HTML 5Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCBZX55C43 Datasheet HTML 6Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Number: DB-100
April 14, 2008 / A
DISCLAIMER NOTICE
TAK CHEONG
®
NOTICE
The information presented in this document is for reference only. Tak Cheong reserves the right to make
changes without notice for the specification of the products displayed herein.
The product listed herein is designed to be used with ordinary electronic equipment or devices, and not
designed to be used with equipment or devices which require high level of reliability and the malfunction of with
would directly endanger human life (such as medical instruments, transportation equipment, aerospace
machinery, nuclear-reactor controllers, fuel controllers and other safety devices), Tak Cheong Semiconductor
Co., Ltd., or anyone on its behalf, assumes no responsibility or liability for any damagers resulting from such
improper use of sale.
This publication supersedes & replaces all information reviously supplied. For additional information, please visit
our website http://www.takcheong.com, or consult your nearest Tak Cheong’s sales office for further assistance.


Similar Part No. - TCBZX55C43

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TCBZX584C10V TAK_CHEONG-TCBZX584C10V Datasheet
255Kb / 5P
   200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package Zener Voltage Regulators
TCBZX584C11V TAK_CHEONG-TCBZX584C11V Datasheet
255Kb / 5P
   200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package Zener Voltage Regulators
TCBZX584C12V TAK_CHEONG-TCBZX584C12V Datasheet
255Kb / 5P
   200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package Zener Voltage Regulators
TCBZX584C13V TAK_CHEONG-TCBZX584C13V Datasheet
255Kb / 5P
   200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package Zener Voltage Regulators
TCBZX584C15V TAK_CHEONG-TCBZX584C15V Datasheet
255Kb / 5P
   200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package Zener Voltage Regulators
More results

Similar Description - TCBZX55C43

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
BZX79C110 TAK_CHEONG-BZX79C110_10 Datasheet
178Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
ZX2V0 YEASHIN-ZX2V0 Datasheet
815Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
ZL2V4B YEASHIN-ZL2V4B Datasheet
604Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B YEASHIN-1N5221B Datasheet
1Mb / 10P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCZL2V4B TAK_CHEONG-TCZL2V4B Datasheet
174Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N750A TAK_CHEONG-1N750A Datasheet
316Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N4370A TAK_CHEONG-1N4370A Datasheet
166Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5221B TAK_CHEONG-TC1N5221B Datasheet
92Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCRD2V2 TAK_CHEONG-TCRD2V2 Datasheet
173Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B TAK_CHEONG-1N5221B Datasheet
133Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com