Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCBZX79C20 Datasheet(PDF) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

Part # TCBZX79C20
Description  500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

TCBZX79C20 Datasheet(HTML) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  TCBZX79C20 Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCBZX79C20 Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCBZX79C20 Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCBZX79C20 Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCBZX79C20 Datasheet HTML 5Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCBZX79C20 Datasheet HTML 6Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Number: DB-033
June 2008 / F
Page 1
SEMICONDUCTOR
TAK CHEONG
®
500 mW DO-35 Hermetically
Sealed Glass Zener Voltage
Regulators
Absolute Maximum Ratings
TA = 25°C unless otherwise noted
Parameter
Value
Units
Power Dissipation
500
mW
Storage Temperature Range
-65 to +175
°C
Operating Junction Temperature
+175
°C
These ratings are limiting values above which the serviceability of the diode may be impaired.
Specification Features:
Zener Voltage Range 2.0 to 75 Volts
DO-35 Package (JEDEC)
Through-Hole Device Type Mounting
Hermetically Sealed Glass
Compression Bonded Construction
All External Surfaces Are Corrosion Resistant And Leads Are Readily Solderable
RoHS Compliant
Solder Hot Dip Tin (Sn) Terminal Finish
Cathode Indicated By Polarity Band
Electrical Characteristics
TA = 25°C unless otherwise noted
VZ @ IZT
(Volts)
Device Type
Min
Max
IZT
(mA)
ZZT @ IZT
(
Ω)
Max
IZK
(mA)
ZZK @ IZK
(
Ω)
Max
IR @ VR
(
μA)
Max
VR
(Volts)
TCBZX79C 2V0
1.88
2.12
5
100
1
600
150
1
TCBZX79C 2V2
2.08
2.33
5
100
1
600
150
1
TCBZX79C 2V4
2.28
2.56
5
100
1
600
100
1
TCBZX79C 2V7
2.51
2.89
5
100
1
600
75
1
TCBZX79C 3V0
2.8
3.2
5
95
1
600
50
1
TCBZX79C 3V3
3.1
3.5
5
95
1
600
25
1
TCBZX79C 3V6
3.4
3.8
5
90
1
600
15
1
TCBZX79C 3V9
3.7
4.1
5
90
1
600
10
1
TCBZX79C 4V3
4
4.6
5
90
1
600
5
1
TCBZX79C 4V7
4.4
5
5
80
1
500
3
2
TCBZX79C 5V1
4.8
5.4
5
60
1
480
2
2
TCBZX79C 5V6
5.2
6
5
40
1
400
1
2
TCBZX79C 6V2
5.8
6.6
5
10
1
150
3
4
TCBZX79C 6V8
6.4
7.2
5
15
1
80
2
4
TCBZX79C 7V5
7
7.9
5
15
1
80
1
5
TCBZX79C 8V2
7.7
8.7
5
15
1
80
0.7
5
TCBZX79C 9V1
8.5
9.6
5
15
1
100
0.5
6
TCBZX79C 10
9.4
10.6
5
20
1
150
0.2
7
TCBZX79C 11
10.4
11.6
5
20
1
150
0.1
8
TCBZX79C 12
11.4
12.7
5
25
1
150
0.1
8
TCBZX79C 13
12.4
14.1
5
30
1
170
0.1
8
Cathode
Anode
ELECTRICAL SYMBOL
AXIAL LEAD
DO35
DEVICE MARKING DIAGRAM
L
79T
xxx
L
: Logo
Device Code : TCBZX79Txxx
T
: VZ tolerance B or C


Similar Part No. - TCBZX79C20

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TCBZX79B56 TAK_CHEONG-TCBZX79B56 Datasheet
169Kb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCBZX79B56 TAK_CHEONG-TCBZX79B56 Datasheet
466Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCBZX79B62 TAK_CHEONG-TCBZX79B62 Datasheet
169Kb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCBZX79B62 TAK_CHEONG-TCBZX79B62 Datasheet
466Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCBZX79B68 TAK_CHEONG-TCBZX79B68 Datasheet
169Kb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
More results

Similar Description - TCBZX79C20

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
BZX79C110 TAK_CHEONG-BZX79C110_10 Datasheet
178Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
ZX2V0 YEASHIN-ZX2V0 Datasheet
815Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
ZL2V4B YEASHIN-ZL2V4B Datasheet
604Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B YEASHIN-1N5221B Datasheet
1Mb / 10P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCBZX55C2V0 TAK_CHEONG-TCBZX55C2V0 Datasheet
181Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCZL2V4B TAK_CHEONG-TCZL2V4B Datasheet
174Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N750A TAK_CHEONG-1N750A Datasheet
316Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N4370A TAK_CHEONG-1N4370A Datasheet
166Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5221B TAK_CHEONG-TC1N5221B Datasheet
92Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCRD2V2 TAK_CHEONG-TCRD2V2 Datasheet
173Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B TAK_CHEONG-1N5221B Datasheet
133Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com