Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HV302 Datasheet(PDF) 9 Page - Supertex, Inc

Part # HV302
Description  Sequencing Hotswap Controllers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV302 Datasheet(HTML) 9 Page - Supertex, Inc

Back Button HV302 Datasheet HTML 2Page - Supertex, Inc HV302 Datasheet HTML 3Page - Supertex, Inc HV302 Datasheet HTML 4Page - Supertex, Inc HV302 Datasheet HTML 5Page - Supertex, Inc HV302 Datasheet HTML 6Page - Supertex, Inc HV302 Datasheet HTML 7Page - Supertex, Inc HV302 Datasheet HTML 8Page - Supertex, Inc HV302 Datasheet HTML 9Page - Supertex, Inc HV302 Datasheet HTML 10Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
Rev. D
04/17/02
HV302 / HV312
Design Information - continued
Start up Overload Protection
Start up must be achieved within a nominal 100ms as indicated by
the PWRGD-A pin transition to the active state or the circuit will
reset and an Auto-Retry will initiate. If there is an output overload
or short circuit during start up, the circuit will be in current limit
mode for the 100ms time limit (in servo mode).
In feedback
capacitor mode the circuit breaker will shutdown the MOSFET
before 100ms.
Circuit Breaker Delay
The circuit breaker will trip in less than 5
µs when the voltage on
the SENSE pin reaches a nominal 100mV. A resistor in series with
the SENSE pin and a capacitor connected between the SENSE
and VEE pins may be added to delay the rate of voltage rise on the
SENSE pin, thus permitting a current overshoot and delaying
Circuit Breaker activation. This method is particularly useful when
operating in Feedback Capacitor Mode. However, in Servo Mode
operation it will result in a current limit leading edge overshoot.
Auto-Retry and Auto-Retry Disable
The Auto-Retry delay time is directly proportional to the
capacitance at the RAMP pin. Auto-Retry sequence is activated
whenever the 100ms timeout is reached during start up or the
Circuit Breaker is tripped.
Auto-Retry can be approximated as a 555-timer with 2.5
µA charge
up and charge down currents through 8V, to a count of 256.
Therefore,
RAMP
try
Re
Auto
C
A
5
.
2
256
8
2
t
×
µ
×
×
=
For CRAMP = 10nF
s
4
.
16
nF
10
A
5
.
2
256
8
2
t
try
Re
Auto
=
×
µ
×
×
=
Due to the 2.5
µA maximum charge current a resistor which draws
more than 2.5
µA below 8V will disable Auto-Retry. Try to keep this
resistor as big as possible, e.g. 2.5M
Ω. For most MOSFETs with
maximum Vt of 4V, this will vary the 10
µA RAMP current source by
only
A
6
.
1
M
5
.
2
V
4
µ
=
PWRGD Flag Delay Programming
Shortly after current limiting ends, PWRGD-A becomes active
indicating successful completion of the Hotswap operation.
PWRGD-B will change to an active state a programmed delay time
after PWRGD-A went active, PWRGD-C will change to an active
state a programmed delay time after PWRGD-B went active and
PWRGD-D will change to an active state a programmed delay time
after PWRGD-C went active.
Resistors connected from the
respective TB, TC and TD pins to VEE pin are used to program the
delay times between the PWRGD flags sequentially going active.
The following waveforms demonstrate the sequencing of the
PWRGD flags. These results were obtained with RTB = 120k
Ω, RTC
= 60k
Ω and RTD = 3kΩ
The value of the resistors determines the capacitor charging and
discharging current of a triangle wave oscillator. The oscillator
output is fed to an 8-bit counter to generate the desired time delay.
The respective delay time is defined by the following equation:
CD
PP
OSC
TX
I
V
C
2
255
t
×
×
×
=
and
TX
bg
CD
R
4
V
I
=
Where
tTX = Delay Time between respective PWRGD flags
COSC = 120pF (Internal oscillator capacitor)
VPP = 8.2V (Peak-to-Peak voltage swing of oscillator)
ICD = Charge and Discharge current of oscillator
Vbg = 1.2V (Internal Band Gap Reference)
RTX = Programming resistor at TB, TC or TD pin
Combining the above two equations and solving for RTX yields:
V
2
.
8
pF
120
2040
t
V
2
.
1
V
C
2040
t
B
R
TX
PP
PP
TX
bg
TX
×
×
×
=
×
×
×
=
TX
6
TX
t
10
6
.
0
R
×
×
=
For a delay time of 200ms we get:
() (
)
=
×
×
×
=
k
120
10
200
10
6
.
0
R
3
6
TX
For a delay time of 5ms we get:
() (
)
=
×
×
×
=
k
3
10
5
10
6
.
0
R
3
6
TX
Supertex, Inc. 1235 Bordeaux Drive, Sunnyvale, CA 94089 TEL: (408) 744-0100 Fax: (408) 222-4895 www.supertex.com


Similar Part No. - HV302

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV302DB1 SUTEX-HV302DB1 Datasheet
320Kb / 2P
   Hotswap Controller
More results

Similar Description - HV302

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6123 INTERSIL-ISL6123_07 Datasheet
502Kb / 21P
   Power Sequencing Controllers
ISL8723 INTERSIL-ISL8723 Datasheet
301Kb / 14P
   Power Sequencing Controllers
ISL6123 INTERSIL-ISL6123 Datasheet
516Kb / 23P
   Power Sequencing Controllers
August 25, 2011
ISL6123 INTERSIL-ISL6123_11 Datasheet
747Kb / 23P
   Power Sequencing Controllers
logo
Renesas Technology Corp
ISL8723 RENESAS-ISL8723 Datasheet
663Kb / 14P
   Power Sequencing Controllers
logo
Supertex, Inc
HV300 SUTEX-HV300 Datasheet
78Kb / 6P
   Hotswap, Inrush Current Limiter Controllers
HV301 SUTEX-HV301 Datasheet
664Kb / 21P
   Hotswap, Controllers with Circuit Breaker
HV100 SUTEX-HV100 Datasheet
83Kb / 5P
   3-Pin Hotswap, Inrush Current Limiter Controllers
HV310 SUTEX-HV310_09 Datasheet
674Kb / 7P
   Hotswap, Inrush Current Limiter Controllers (Negative Supply Rail)
HV300 SUTEX-HV300_09 Datasheet
705Kb / 7P
   Hotswap, Inrush Current Limiter Controllers (Negative Supply Rail)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com