Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTVQ Datasheet(PDF) 4 Page - Linear Technology

Part # LTVQ
Description  4ns, 150MHz Dual Comparator with Independent Input/Output Supplies
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTVQ Datasheet(HTML) 4 Page - Linear Technology

  LTVQ Datasheet HTML 1Page - Linear Technology LTVQ Datasheet HTML 2Page - Linear Technology LTVQ Datasheet HTML 3Page - Linear Technology LTVQ Datasheet HTML 4Page - Linear Technology LTVQ Datasheet HTML 5Page - Linear Technology LTVQ Datasheet HTML 6Page - Linear Technology LTVQ Datasheet HTML 7Page - Linear Technology LTVQ Datasheet HTML 8Page - Linear Technology LTVQ Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LT1715
4
1715fa
ELECTRICAL CHARACTERISTICS
Input Offset and Trip Voltages
vs Supply Voltage
Input Offset and Trip Voltages
vs Temperature
Input Common Mode Limits
vs Temperature
SUPPLY VOLTAGE, VCC = +VS (V)
2.5
3
2
1
0
–1
–2
–3
4.0
5.0
1715 G01
3.0
3.5
4.5
5.5
6.0
VTRIP
+
VOS
VTRIP
TA = 25°C
VCM = 1V
VEE = GND
TEMPERATURE (°C)
–3
–1
1
3
–2
0
2
–20
20
60
100
1715 G02
140
–40
–60
0
40
80
120
VTRIP
+
VOS
VTRIP
+VS = VCC = 5V
VCM = 1V
VEE = –5V
TEMPERATURE (°C)
–50
3.6
3.8
4.2
25
75
1715 G03
–4.8
–5.0
–25
0
50
100
125
–5.2
–5.4
4.0
+VS = VCC = 5V
VEE = –5V
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT1715C is guaranteed functional over the operating range of
–40°C to 85°C.
Note 3: The LT1715C is guaranteed to meet specified performance from
0°C to 70°C. The LT1715°C is designed, characterized and expected to
meet specified performance from –40°C to 85°C but is not tested or
QA sampled at these temperatures. The LT1715I is guaranteed to meet
specified performance from –40°C to 85°C. The LT1715H is guaranteed to
meet specified performance from –40°C to 125°C.
Note 4: Thermal resistances vary depending upon the amount of PC board
metal attached to Pin 5 of the device. θJA is specified for a 2500mm2 3/32"
FR-4 board covered with 2oz copper on both sides and with 100mm2 of
copper attached to Pin 5. Thermal performance can be improved beyond
the given specification by using a 4-layer board or by attaching more metal
area to Pin 5.
Note 5: If one input is within these common mode limits, the other input
can go outside the common mode limits and the output will be valid.
Note 6: The LT1715 comparator includes internal hysteresis. The trip
points are the input voltage needed to change the output state in each
direction. The offset voltage is defined as the average of VTRIP+ and VTRIP–,
while the hysteresis voltage is the difference of these two.
Note 7: The common mode rejection ratio is measured with VCC = 5V,
VEE = –5V and is defined as the change in offset voltage measured from
VCM = –5.1V to VCM = 3.8V, divided by 8.9V.
Note 8: The power supply rejection ratio is measured with VCM = 1V and is
defined as the worst of: the change in offset voltage from VCC = +VS = 2.7V
to VCC = +VS = 6V (with VEE = 0V) divided by 3.3V or the change in offset
voltage from VEE = 0V to VEE = –6V (with VCC = +VS = 6V) divided by 6V.
Note 9: Because of internal hysteresis, there is no small-signal region in
which to measure gain. Proper operation of internal circuity is ensured by
measuring VOH and VOL with only 20mV of overdrive.
Note 10: Maximum toggle rate is defined as the highest frequency at
which a 100mV sinusoidal input results in an error free output toggling to
greater than 4V when high and to less than 1V when low on a 5V output
supply.
Note 11: Propagation delay measurements made with 100mV steps.
Overdrive is measured relative to VTRIP±.
Note 12: tPD cannot be measured in automatic handling equipment with
low values of overdrive. The LT1715 is 100% tested with a 100mV step
and 20mV overdrive. Correlation tests have shown that tPD limits can be
guaranteed with this test.
Note 13: Propagation Delay Skew is defined as:
tSKEW = |tPDLH – tPDHL|
Note 14: Differential propagation delay is defined as the larger of the two:
ΔtPDLH = |tPDLHA – tPDLHB|
ΔtPDHL = |tPDHLA – tPDHLB|
Note 15: Package inductances combined with asynchronous activity on
the other channel can increase the output jitter. See Channel Interactions
in Applications Information. Specification above is with one channel active
only.
TYPICAL PERFORMANCE CHARACTERISTICS


Similar Part No. - LTVQ

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTV-0501 LITEON-LTV-0501 Datasheet
566Kb / 13P
   Photocouplers
LTV-0601 LITEON-LTV-0601 Datasheet
384Kb / 13P
   LTV-0601(Preliminary Version)
LTV-0701 LITEON-LTV-0701 Datasheet
460Kb / 13P
   Photocouplers
LTV-1000 LITEON-LTV-1000 Datasheet
357Kb / 13P
   Photocoupler
LTV-1001 LITEON-LTV-1001 Datasheet
357Kb / 13P
   Photocoupler
More results

Similar Description - LTVQ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1715 LINER-LT1715 Datasheet
239Kb / 16P
   4ns, 150MHz Dual Comparator with Independent Input/Output Supplies
LT1715 LINER-LT1715_15 Datasheet
255Kb / 20P
   4ns, 150MHz Dual Comparator with Independent Input/Output Supplies
logo
Intersil Corporation
EL5285I INTERSIL-EL5285I Datasheet
136Kb / 9P
   Dual 4ns High-Speed Comparator
EL5185 INTERSIL-EL5185 Datasheet
100Kb / 9P
   4ns High-Speed Comparator
logo
Elantec Semiconductor
EL5185C ELANTEC-EL5185C Datasheet
301Kb / 11P
   4ns High-Speed Comparator
logo
Intersil Corporation
HA4905 INTERSIL-HA4905 Datasheet
25Kb / 2P
   Window Comparator With Independent Adjustments
April 1998
EL5287 INTERSIL-EL5287 Datasheet
136Kb / 8P
   Window 4ns High-Speed Comparator
logo
Jingjing Microelectroni...
EG393 EGMICRO-EG393 Datasheet
503Kb / 12P
   Dual independent high precision voltage comparator chip
logo
Connor-Winfield Corpora...
H52DF CONNOR-WINFIELD-H52DF Datasheet
55Kb / 1P
   INDEPENDENT DUAL OUTPUT OSCILLATOR
S52DF CONNOR-WINFIELD-S52DF Datasheet
54Kb / 1P
   INDEPENDENT DUAL OUTPUT OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com