Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMSZ5265BW Datasheet(PDF) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

Part # MMSZ5265BW
Description  500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

MMSZ5265BW Datasheet(HTML) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  MMSZ5265BW Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd MMSZ5265BW Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd MMSZ5265BW Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd MMSZ5265BW Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd MMSZ5265BW Datasheet HTML 5Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Nov. 2008 Release, Revision D
Page 1
TAK CHEONG
®
SEMICONDUCTOR
500mW SOD-123 SURFACE MOUNT
Flat Lead Surface Mount Plastic Package
Zener Voltage Regulators
Green Product
Absolute Maximum Ratings
TA = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
PD
Power Dissipation
500
mW
TSTG
Storage Temperature Range
-65 to +150
°C
TOPR
Operating Temperature Range
-65 to +150
°C
These ratings are limiting values above which the serviceability of the diode may be impaired.
Specification Features:
Wide Zener Voltage Range Selection, 3.0V to 75V
VZ Tolerance Selection of ±5%
Flat Lead SOD-123 Plastic Package
Surface Device Type Mounting
RoHS Compliant
Green EMC
Matte Tin(Sn) Lead Finish
Band Indicates Cathode
Electrical Characteristics
TA = 25°C unless otherwise noted
VZ @ IZT
(Volts)
Device
Type
Device
Marking
Min
Nom
Max
IZT
(mA)
ZZT @ IZT
(
Ω)
Max
ZZK @ IZK = 0.25mA
(
Ω)
Max
IR @ VR
(
μA)
Max
VR
(Volts)
MMSZ5221BW
Z2V4
2.28
2.4
2.52
20
30
1200
100
1
MMSZ5222BW
Z2V5
2.38
2.5
2.63
20
30
1250
100
1
MMSZ5223BW
Z2V7
2.57
2.7
2.84
20
30
1300
75
1
MMSZ5224BW
Z2V8
2.66
2.8
2.94
20
30
1400
75
1
MMSZ5225BW
Z3V0
2.85
3.0
3.15
20
29
1600
50
1
MMSZ5226BW
Z3V3
3.14
3.3
3.47
20
28
1600
25
1
MMSZ5227BW
Z3V6
3.42
3.6
3.78
20
24
1700
15
1
MMSZ5228BW
Z3V9
3.71
3.9
4.10
20
23
1900
10
1
MMSZ5229BW
Z4V3
4.09
4.3
4.52
20
22
2000
5
1
MMSZ5230BW
Z4V7
4.47
4.7
4.94
20
19
1900
5
2
MMSZ5231BW
Z5V1
4.85
5.1
5.36
20
17
1600
5
2
MMSZ5232BW
Z5V6
5.32
5.6
5.88
20
11
1600
5
3
MMSZ5233BW
Z6V0
5.70
6.0
6.30
20
7
1600
5
3.5
MMSZ5234BW
Z6V2
5.89
6.2
6.51
20
7
1000
5
4
MMSZ5235BW
Z6V8
6.46
6.8
7.14
20
5
750
3
5
MMSZ5236BW
Z7V5
7.13
7.5
7.88
20
6
500
3
6
MMSZ5237BW
Z8V2
7.79
8.2
8.61
20
8
500
3
6.5
MMSZ5238BW
Z8V7
8.27
8.7
9.14
20
8
600
3
6.5
MMSZ5239BW
Z9V1
8.65
9.1
9.56
20
10
600
3
7
MMSZ5240BW
Z10V
9.50
10
10.50
20
17
600
3
8
MMSZ5241BW
Z11V
10.45
11
11.55
20
22
600
2
8.4
MMSZ5242BW
Z12V
11.40
12
12.60
20
30
600
1
9.1
MMSZ5243BW
Z13V
12.35
13
13.65
9.5
13
600
0.5
9.9
ELECTRICAL SYMBOL
Cathode
Anode
SOD-123 Flat Lead


Similar Part No. - MMSZ5265BW

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
MMSZ5265BW JUXING-MMSZ5265BW Datasheet
1Mb / 3P
   500mW Silicon Planar Zener Diodes
More results

Similar Description - MMSZ5265BW

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
MMSZ5221CW TAK_CHEONG-MMSZ5221CW Datasheet
233Kb / 5P
   500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
MMSZ2V4BW TAK_CHEONG-MMSZ2V4BW Datasheet
216Kb / 5P
   500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
MMSZ2V4CW TAK_CHEONG-MMSZ2V4CW_09 Datasheet
239Kb / 5P
   500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
MMSZ2V4CW TAK_CHEONG-MMSZ2V4CW Datasheet
217Kb / 5P
   500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
MMSZ2V4BW TAK_CHEONG-MMSZ2V4BW_09 Datasheet
238Kb / 5P
   500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
logo
Shanghai Leiditech Elec...
MMSZ15VCWG LEIDITECH-MMSZ15VCWG Datasheet
531Kb / 4P
   500mW SOD-123 SURFACE MOUNT Gull Wing Lead Surface Mount Plastic Package Zener Voltage Regulators
MMSZ2V0CWG LEIDITECH-MMSZ2V0CWG Datasheet
531Kb / 4P
   500mW SOD-123 SURFACE MOUNT Gull Wing Lead Surface Mount Plastic Package
logo
First Silicon Co., Ltd
BZT52C2V4 FS-BZT52C2V4 Datasheet
196Kb / 3P
   Zener Diode 500mW SOD-123 Surface Mount
logo
SeCoS Halbleitertechnol...
BZT52C SECOS-BZT52C Datasheet
685Kb / 4P
   500mW SOD-123 Surface Mount Zener Diodes
logo
Yea Shin Technology Co....
MMSZ2V4 YEASHIN-MMSZ2V4 Datasheet
1Mb / 4P
   500mW SOD-123 SURFACE MOUNT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com