Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1N60P Datasheet(PDF) 2 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

Part # TC1N60P
Description  500 mW DO-35 Hermetically Sealed Glass Small Signal Schottky Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

TC1N60P Datasheet(HTML) 2 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  TC1N60P Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd TC1N60P Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Number: DB-046
December 2006 / A
Page 2
PRELIMINARY DATASHEET
TAK CHEONG
®
Package Outline
Package
Case Outline
DO-35
DO-35
Millimeters
Inches
DIM
Min
Max
Min
Max
A
0.46
0.55
0.018
0.022
B
3.05
5.08
0.120
0.200
C
25.40
38.10
1.000
1.500
D
1.53
2.28
0.060
0.090
Notes:
1.
All dimensions are within JEDEC standard.
2.
DO35 polarity denoted by cathode band.
This datasheet presents technical data of Tak Cheong’s Schottky Diodes. Complete specifications for the individual devices are
provided in the form of datasheets. A comprehensive Selector Guide is included to simplify the task of choosing the best set of
components required for a specific application. For additional information, please visit our website http://www.takcheong.com.
Although information in this datasheet has been carefully checked, no responsibility for the inaccuracies can be assumed by Tak
Cheong. Please consult your nearest Tak Cheong’s sales office for further assistance.
Tak Cheong reserves the right to make changes without further notice to any products herein to further improve reliability,
function or design, cost and productivity.
and
are registered trademarks of Tak Cheong Electronics (Holdings) Co., Ltd.
TAK CHEONG
®


Similar Part No. - TC1N60P

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TC1N60P TAK_CHEONG-TC1N60P Datasheet
92Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Small Signal Schottky Diodes
More results

Similar Description - TC1N60P

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TC1N60 TAK_CHEONG-TC1N60_09 Datasheet
92Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Small Signal Schottky Diodes
TC1N4148 TAK_CHEONG-TC1N4148 Datasheet
125Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Fast Switching Diodes
TCBAW76 TAK_CHEONG-TCBAW76 Datasheet
125Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Fast Switching Diodes
logo
Shanghai Leiditech Elec...
1N4148 LEIDITECH-1N4148 Datasheet
2Mb / 3P
   500 mW DO-35 Hermetically Sealed Glass Fast Switching Diodes
logo
List of Unclassifed Man...
TC1N4148 ETC1-TC1N4148 Datasheet
509Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Fast Switching Diodes
logo
Tak Cheong Electronics ...
TC1N4148 TAK_CHEONG-TC1N4148_10 Datasheet
428Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Fast Switching Diodes
TCBAV19 TAK_CHEONG-TCBAV19 Datasheet
105Kb / 2P
   500 mW DO-35 Hermetically Sealed Glass - High Voltage Switching Diodes
BZX79C110 TAK_CHEONG-BZX79C110_10 Datasheet
178Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
ZX2V0 YEASHIN-ZX2V0 Datasheet
815Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
ZL2V4B YEASHIN-ZL2V4B Datasheet
604Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com