Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6419AA08ER Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC6419AA08ER
Description  Dual LDO Regulator (ch1=300mA, ch2=100mA) with ON/OFF Switch
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6419AA08ER Datasheet(HTML) 4 Page - Torex Semiconductor

  XC6419AA08ER Datasheet HTML 1Page - Torex Semiconductor XC6419AA08ER Datasheet HTML 2Page - Torex Semiconductor XC6419AA08ER Datasheet HTML 3Page - Torex Semiconductor XC6419AA08ER Datasheet HTML 4Page - Torex Semiconductor XC6419AA08ER Datasheet HTML 5Page - Torex Semiconductor XC6419AA08ER Datasheet HTML 6Page - Torex Semiconductor XC6419AA08ER Datasheet HTML 7Page - Torex Semiconductor XC6419AA08ER Datasheet HTML 8Page - Torex Semiconductor XC6419AA08ER Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
4/29
XC6419 Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUITS
VOUT(T)≧2.0V (A, B Series),
VEN1=VIN, IOUT=10mA
×0.99
(*3)
×1.01
(*3)
VOUT≦1.95V(A, B Series),
VEN1=VIN, IOUT=10mA
-0.02
(*3)
+0.02
(*3)
VOUT(T)>1.5V(C, D Series)
VEN1=VIN, IOUT=10mA
×0.98
(*3)
×1.02
(*3)
Output Voltage
VOUT(E)
(*2)
VOUT≦1.5V (C, D Series)
VEN1=VIN, IOUT=10mA
-0.03
(*3)
VOUT(T)
(*4)
+0.03
(*3)
V
Output Current
IOUTMAX
300
mA
Load Regulation
ΔVOUT
VEN1=VIN, 0.1mA≦IOUT≦200mA
Refer to table E-11
mV
Dropout Voltage
(*5)
Vdif
IOUT=200mA, VEN1=VIN
Refer to table E-12
mV
Supply Current
ISS
VIN=VEN1=VOUT(T)+1.0V, IOUT=0mA
28
70
μ
A
Stand-by Current
ISTBY
VIN=6.0V, VEN1=VSS
0.01
0.1
μ
A
VOUT(T)+0.5V≦VIN≦6.0V
VOUT(T)≧1.0V
VEN1=VIN, IOUT=10mA
Line Regulation
ΔVOUT
ΔVIN・VOUT
1.5V≦VIN≦6.0V
VOUT(T)≦0.95V
VEN1=VIN, IOUT=10mA
0.01
0.20
%/V
Input Voltage
VIN
1.5
6.0
V
Output Voltage
Temperature
Characteristics
ΔVOUT
ΔTa・VOUT
VEN1=VIN, IOUT=30mA
-40℃≦Ta≦85℃
±100
ppm/℃
VIN={VOUT(T)+1.0}VDC+0.5Vp-pAC
VOUT(T)≦4.75V
VEN1=VIN, IOUT=30mA, f=1kHz
Ripple Rejection Rate
PSRR
VIN=5.75VDC+0.5Vp-pAC
VOUT(T)≧4.8V
VEN1=VIN, IOUT=30mA, f=1kHz
60
dB
Limit Current
ILIM
VEN1=VIN
310
400
mA
Short Current
ISHORT
VEN1=VIN, Short VOUT to VSS level
30
mA
EN ”H” Level Voltage
VENH
1.2
6.0
V
EN ”L” Level Voltage
VENL
0.3
V
EN ”H” Level Current
IENH
VEN1=VIN
-0.1
0.1
μ
A
EN ”L” Level Current
IENL
VEN1=VSS
-0.1
0.1
μ
A
CL Discharge Resistor
(*8)
RDCHG
VIN=6.0V, VOUT=4.0V, VEN1= VSS
550
NOTE:
*1: Unless otherwise stated, VIN=VOUT (T) +1.0V, VEN2=0V.
*2: VOUT (E) = Actual output voltage (refer to the voltage table)
(ie. The output voltage when “VOUT (T) +1.0V” is provided at the VIN pin while maintaining a certain IOUT value.
*3: Characteristics of the actual VOUT (E) by nominal output voltage is shown in the voltage table.
*4: VOUT (T) is nominal output voltage
*5: Vdif = VIN1
(*7)-VOUT3(*6)
*6: VOUT 3 is a voltage equal to 98% of the VOUT (T) when an amply stabilized input voltage is applied in VOUT (T) +1.0V.
*7: VIN1 is the input voltage when VOUT3 appears while input voltage is gradually decreased.
*8: For XC6419Bx/Dx series only.
XC6419Ax/Cx series discharge with only Rx1 and Rx2 resistors as shown in the BLOCK DIAGRAMS.
Ta=25℃
■ELECTRICAL CHARACTERISTICS
● XC6419 Series
Regulator 1


Similar Part No. - XC6419AA08ER

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6419AA08ER TOREX-XC6419AA08ER Datasheet
767Kb / 29P
   Dual LDO Regulator (ch1: 300mA, ch2: 100mA) with ON/OFF Switch
XC6419AA08ER-G TOREX-XC6419AA08ER-G Datasheet
767Kb / 29P
   Dual LDO Regulator (ch1: 300mA, ch2: 100mA) with ON/OFF Switch
More results

Similar Description - XC6419AA08ER

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6419 TOREX-XC6419_1 Datasheet
767Kb / 29P
   Dual LDO Regulator (ch1: 300mA, ch2: 100mA) with ON/OFF Switch
XC6228 TOREX-XC6228 Datasheet
689Kb / 21P
   300mA High Speed LDO Regulator with ON/OFF Switch
XC6238 TOREX-XC6238 Datasheet
1Mb / 28P
   300mA High Speed LDO Regulator with ON/OFF Switch
XC6415 TOREX-XC6415_1 Datasheet
521Kb / 22P
   Dual LDO Regulators with ON/OFF Switch
XC6415 TOREX-XC6415 Datasheet
466Kb / 23P
   Dual LDO Regulators with ON/OFF Switch
logo
Richtek Technology Corp...
RT9012 RICHTEK-RT9012_11 Datasheet
316Kb / 11P
   300mA Dual LDO Regulator with POR
RT9055 RICHTEK-RT9055 Datasheet
208Kb / 9P
   300mA Dual LDO Regulator
RT9012 RICHTEK-RT9012 Datasheet
314Kb / 11P
   300mA Dual LDO Regulator with POR
logo
Torex Semiconductor
XC6224 TOREX-XC6224 Datasheet
490Kb / 26P
   150mA High Speed LDO Voltage Regulator with ON/OFF Switch
logo
Catalyst Semiconductor
CAT6221 CATALYST-CAT6221 Datasheet
761Kb / 11P
   300mA CMOS Dual LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com