Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1641-1CS8 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1641-1CS8
Description  Positive High Voltage Hot Swap Controllers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1641-1CS8 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1641-1CS8 Datasheet HTML 4Page - Linear Technology LT1641-1CS8 Datasheet HTML 5Page - Linear Technology LT1641-1CS8 Datasheet HTML 6Page - Linear Technology LT1641-1CS8 Datasheet HTML 7Page - Linear Technology LT1641-1CS8 Datasheet HTML 8Page - Linear Technology LT1641-1CS8 Datasheet HTML 9Page - Linear Technology LT1641-1CS8 Datasheet HTML 10Page - Linear Technology LT1641-1CS8 Datasheet HTML 11Page - Linear Technology LT1641-1CS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LT1641-1/LT1641-2
164112fc
Short-Circuit Protection
The chip features a programmable foldback current limit
with an electronic circuit breaker that protects against
short-circuits or excessive supply currents. The current
limit is set by placing a sense resistor between VCC (Pin 8)
and SENSE (Pin 7).
To prevent excessive power dissipation in the pass tran-
sistor and to prevent voltage spikes on the input supply
during short-circuit conditions at the output, the current
folds back as a function of the output voltage, which is
sensed at the FB pin (Figure 7).
When the voltage at the FB pin is 0V, the current limit
circuit drives the GATE pin to force a constant 12mV drop
across the sense resistor. As the output voltage at the FB
pin increases, the voltage across the sense resistor in-
creases until the FB pin reaches 0.5V, at which point the
voltage across the sense resistor is held constant at 47mV.
The maximum current limit is calculated as:
ILIMIT = 47mV/RSENSE
For a 0.025
Ω sense resistor, the current limit is set at
1.88A and folds back to 480mA when the output is shorted
to ground.
The IC also features a variable overcurrent response time.
The time required to regulate Q1’s drain current depends
on: Q1’s input capacitance; gate capacitor C1 and com-
pensation resistor R6; and the internal delay from the
SENSE to the GATE pin. Figure 8 shows the delay from a
voltage step at the SENSE pin until the GATE voltage starts
falling, as a function of overdrive.
TIMER
The TIMER pin (Pin 5) provides a method for program-
ming the maximum time the chip is allowed to operate in
current limit. When the current limit circuitry is not active,
the TIMER pin is pulled to GND by a 3
µA current source.
After the current limit circuit becomes active, an 80
µApull-
up current source is connected to the TIMER pin and the
voltage will rise with a slope equal to 77
µA/CTIMER as long
as the current limit circuit remains active. Once the desired
maximum current limit time is set, the capacitor value is:
C(nF) = 62 • t(ms).
If the current limit circuit turns off, the TIMER pin will be
discharged to GND by the 3
µA current source.
Whenever the TIMER pin reaches 1.233V, either the inter-
nal fault latch is set (LT1641-1) or the autorestart latch is
set (LT1641-2). The GATE pin is immediately pulled to
GND and the TIMER pin is pulled back to GND by the 3
µA
APPLICATIO S I FOR ATIO
SHORT
PIN
VCC
TIMER
SENSE
GATE
87
6
54
2
1
3
D1
CMPZ
5248B
GND
PWRGD
PWRGD
FB
R5
10
5%
ON
R1
49.9k
1%
VIN
24V
GND
1641-1 F05
R2
3.4k
1%
C2
0.68
µF
R6,
1k, 5%
RS
0.025
C1
10nF
R3
59k
1%
R4
3.57k
1%
R7
24k
5%
+
CL
VOUT
LT1641-1
Q1
IRF530
Figure 5. Typical Application
Figure 6. Power-Up Waveforms


Similar Part No. - LT1641-1CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1641-1 LINER-LT1641-1 Datasheet
322Kb / 40P
   Hot Swap Controller
LT1641-1 LINER-LT1641-1 Datasheet
319Kb / 36P
   Negative Voltage Hot Swap Controllers
LT1641-1 LINER-LT1641-1 Datasheet
310Kb / 34P
   ??8V Hot Swap Controllers
LT1641-1 LINER-LT1641-1 Datasheet
185Kb / 12P
   Positive High Voltage Hot Swap Controllers
logo
Linear Integrated Syste...
LT1641-1 LINEAR-LT1641-1 Datasheet
241Kb / 26P
   Surge Stopper
More results

Similar Description - LT1641-1CS8

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5933A MAXIM-MAX5933A Datasheet
269Kb / 15P
   Positive High-Voltage, Hot-Swap Controllers
Rev 1; 7/04
logo
Linear Technology
LT4256-2 LINER-LT4256-2_15 Datasheet
219Kb / 16P
   Positive High Voltage Hot Swap Controllers
LT4256-1 LINER-LT4256-1_15 Datasheet
219Kb / 16P
   Positive High Voltage Hot Swap Controllers
LT1641-1 LINER-LT1641-1_15 Datasheet
185Kb / 12P
   Positive High Voltage Hot Swap Controllers
LT1641-2 LINER-LT1641-2_15 Datasheet
185Kb / 12P
   Positive High Voltage Hot Swap Controllers
LT4256-1 LINER-LT4256-1 Datasheet
271Kb / 16P
   Positive High Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1 Datasheet
399Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1_12 Datasheet
319Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252B-2 LINER-LTC4252B-2_15 Datasheet
467Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com