Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1638IMS8 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1638IMS8
Description  1.2MHz, 0.4V/關s Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1638IMS8 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1638IMS8 Datasheet HTML 3Page - Linear Technology LT1638IMS8 Datasheet HTML 4Page - Linear Technology LT1638IMS8 Datasheet HTML 5Page - Linear Technology LT1638IMS8 Datasheet HTML 6Page - Linear Technology LT1638IMS8 Datasheet HTML 7Page - Linear Technology LT1638IMS8 Datasheet HTML 8Page - Linear Technology LT1638IMS8 Datasheet HTML 9Page - Linear Technology LT1638IMS8 Datasheet HTML 10Page - Linear Technology LT1638IMS8 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LT1638/LT1639
16389fd
TYPICAL PERFORMANCE CHARACTERISTICS
Minimum Supply Voltage
Input Bias Current vs
Common Mode Voltage
Output Saturation Voltage vs
Load Current (Output High)
0.1Hz to 10Hz Noise Voltage
Noise Voltage Density vs
Frequency
SUPPLY VOLTAGE (V)
0
10
20
25
45
1638/39 G01
300
280
260
240
220
200
180
160
140
120
100
515
30
35
40
TA = 125°C
TA = 25°C
TA = –55°C
Supply Current vs Supply Voltage
TOTAL SUPPLY VOLTAGE (V)
0
200
400
4
1638/39 G02
0
–200
100
300
–100
–300
– 400
1
2
3
5
TA = 125°C
TA = –55°C
TA = 25°C
COMMON MODE VOLTAGE (V)
4.0
10000
8000
6000
60
40
20
0
–20
–40
5.6
1638/39 G03
4.4
4.8
5.2
44
TA = 125°C
TA = –55°C
TA = 25°C
VS = 5V, 0V
FREQUENCY (Hz)
1
10
100
1k
1638/39 G09
70
60
50
40
30
20
10
0
TIME (SEC)
0
1
357
9
246
8
1638/39 G07
10
VS = ±2.5
FREQUENCY (Hz)
1
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
10
100
1k
1638/39 G08
SOURCING LOAD CURRENT (mA)
0.001
0.01
0.1
1
0.01
0.1
1
10
1638/39 G04
VS = ±2.5V
VOD = 30mV
TA = 125°C
TA = –55°C
TA = 25°C
SINKING LOAD CURRENT (mA)
0.001
0.001
0.1
0.01
1
0.01
0.1
1
10
1638/39 G05
VS = ±2.5V
VOD = 30mV
TA = 125°C
TA = –55°C
TA = 25°C
INPUT OVERDRIVE (mV)
10
30
100
1638/39 G06
1
10
20
100
90
80
70
60
50
40
0
VS = ±2.5V
NO LOAD
OUTPUT HIGH
OUTPUT LOW
Output Saturation Voltage vs
Input Overdrive
Output Saturation Voltage vs
Load Current (Output Low)
Input Noise Current Density
vs Frequency


Similar Part No. - LT1638IMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1638IN8 LINER-LT1638IN8 Datasheet
323Kb / 12P
   1.2MHz, 0.4V/us Over-The-TopTM Micropower Rail-to-Rail Input and Output Op Amps
LT1638IS8 LINER-LT1638IS8 Datasheet
323Kb / 12P
   1.2MHz, 0.4V/us Over-The-TopTM Micropower Rail-to-Rail Input and Output Op Amps
More results

Similar Description - LT1638IMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1639 LINER-LT1639_15 Datasheet
262Kb / 18P
   1.2MHz, 0.4V/s Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
LT1638 LINER-LT1638_15 Datasheet
262Kb / 18P
   1.2MHz, 0.4V/s Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
LT1638 LINER-LT1638 Datasheet
323Kb / 12P
   1.2MHz, 0.4V/us Over-The-TopTM Micropower Rail-to-Rail Input and Output Op Amps
LT1637 LINER-LT1637_1 Datasheet
356Kb / 16P
   1.1MHz, 0.4V/關s Over-The-Top Micropower, Rail-To-Rail Input and Output Op Amp
LT1637 LINER-LT1637_15 Datasheet
362Kb / 16P
   1.1MHz, 0.4V/s Over-The-Top Micropower, Rail-To-Rail Input and Output Op Amp
LT1637 LINER-LT1637 Datasheet
254Kb / 12P
   1.1MHz, 0.4V/us Over-The-Top Micropower, Rail-To-Rail Input and Output Op Amp
LT1490A LINER-LT1490A_15 Datasheet
234Kb / 18P
   Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
LT1490A LINER-LT1490A_1 Datasheet
343Kb / 16P
   Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
LT1491A LINER-LT1491A_15 Datasheet
234Kb / 18P
   Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
LT1636 LINER-LT1636 Datasheet
136Kb / 12P
   Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com