Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM3Z3V3BW Datasheet(PDF) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

Part # MM3Z3V3BW
Description  200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

MM3Z3V3BW Datasheet(HTML) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  MM3Z3V3BW Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd MM3Z3V3BW Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd MM3Z3V3BW Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd MM3Z3V3BW Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd MM3Z3V3BW Datasheet HTML 5Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Oct 2008 Release, Revision C
Page 1
TAK CHEONG
®
SEMICONDUCTOR
200mW SOD-323 SURFACE MOUNT
Small Outline Flat Lead Plastic Package
Zener Voltage Regulators
Green Product
Absolute Maximum Ratings
TA = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
PD
Power Dissipation
200
mW
TSTG
Storage Temperature Range
-65 to +150
°C
TOPR
Operating Temperature Range
-65 to +150
°C
These ratings are limiting values above which the serviceability of the diode may be impaired.
Specification Features:
Wide Zener Voltage Range Selection, 2.4V to 75V
VZ Tolerance Selection of ±2% (B Series)
Flat Lead SOD-323 Small Outline Plastic Package
Surface Device Type Mounting
RoHS Compliant
Green EMC
Matte Tin(Sn) Lead Finish
Band Indicates Cathode
Electrical Characteristics
TA = 25°C unless otherwise noted
VZ @ IZT
(Volts)
Device
Type
Device
Marking
Min
Nom
Max
IZT
(mA)
ZZT @ IZT
(
Ω)
Max
IZK
(mA)
ZZK @ IZK
(
Ω)
Max
IR @ VR
(
μA)
Max
VR
(Volts)
MM3Z2V4BW
0Z
2.35
2.4
2.45
5
100
1
564
45
1
MM3Z2V7BW
1Z
2.65
2.7
2.75
5
100
1
564
18
1
MM3Z3V0BW
2Z
2.94
3.0
3.06
5
100
1
564
9
1
MM3Z3V3BW
3Z
3.23
3.3
3.37
5
95
1
564
4.5
1
MM3Z3V6BW
4Z
3.53
3.6
3.67
5
90
1
564
4.5
1
MM3Z3V9BW
5Z
3.82
3.9
3.98
5
90
1
564
2.7
1
MM3Z4V3BW
6Z
4.21
4.3
4.39
5
90
1
564
2.7
1
MM3Z4V7BW
7Z
4.61
4.7
4.79
5
80
1
470
2.7
2
MM3Z5V1BW
8Z
5.00
5.1
5.20
5
60
1
451
1.8
2
MM3Z5V6BW
9Z
5.49
5.6
5.71
5
40
1
376
0.9
2
MM3Z6V2BW
AZ
6.08
6.2
6.32
5
10
1
141
2.7
4
MM3Z6V8BW
BZ
6.66
6.8
6.94
5
15
1
75
1.8
4
MM3Z7V5BW
CZ
7.35
7.5
7.65
5
15
1
75
0.9
5
MM3Z8V2BW
DZ
8.04
8.2
8.36
5
15
1
75
0.63
5
MM3Z9V1BW
EZ
8.92
9.1
9.28
5
15
1
94
0.45
6
MM3Z10VBW
FZ
9.80
10
10.20
5
20
1
141
0.18
7
MM3Z11VBW
GZ
10.78
11
11.22
5
20
1
141
0.09
8
MM3Z12VBW
HZ
11.76
12
12.24
5
25
1
141
0.09
8
MM3Z13VBW
JZ
12.74
13
13.26
5
30
1
160
0.09
8
MM3Z15VBW
KZ
14.70
15
15.30
5
30
1
188
0.045
10.5
MM3Z16VBW
LZ
15.68
16
16.32
5
40
1
188
0.045
11.2
MM3Z18VBW
MZ
17.64
18
18.36
5
45
1
212
0.045
12.6
ELECTRICAL SYMBOL
Cathode
Anode
SOD-323 Flat Lead


Similar Part No. - MM3Z3V3BW

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
MM3Z3V3BW TAK_CHEONG-MM3Z3V3BW Datasheet
289Kb / 5P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
logo
Shanghai Shunye Electro...
MM3Z3V3BW SY-MM3Z3V3BW Datasheet
898Kb / 4P
   200mW Surface Mount Zener Diode
More results

Similar Description - MM3Z3V3BW

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
MMSZ5221BSW TAK_CHEONG-MMSZ5221BSW Datasheet
222Kb / 5P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
logo
Yea Shin Technology Co....
UDZS2V0B YEASHIN-UDZS2V0B Datasheet
799Kb / 3P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
logo
Tak Cheong Electronics ...
MM3Z2V4CW TAK_CHEONG-MM3Z2V4CW Datasheet
268Kb / 5P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
MM3Z2V4BW TAK_CHEONG-MM3Z2V4BW_09 Datasheet
289Kb / 5P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
MMSZ5221CSW TAK_CHEONG-MMSZ5221CSW Datasheet
239Kb / 5P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
MM3Z2V4CW TAK_CHEONG-MM3Z2V4CW_09 Datasheet
290Kb / 5P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
UDZS2V4BW TAK_CHEONG-UDZS2V4BW Datasheet
153Kb / 3P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
TCBZX584C2V4 TAK_CHEONG-TCBZX584C2V4 Datasheet
255Kb / 5P
   200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package Zener Voltage Regulators
MM5Z2V4B TAK_CHEONG-MM5Z2V4B Datasheet
278Kb / 5P
   200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package Zener Voltage Regulators
TCMM5Z2V4 TAK_CHEONG-TCMM5Z2V4 Datasheet
243Kb / 5P
   200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com