Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD880 Datasheet(PDF) 3 Page - Mospec Semiconductor

Part # 2SD880
Description  POWER TRANSISTORS(3A,60V,30W)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

2SD880 Datasheet(HTML) 3 Page - Mospec Semiconductor

  2SD880 Datasheet HTML 1Page - Mospec Semiconductor 2SD880 Datasheet HTML 2Page - Mospec Semiconductor 2SD880 Datasheet HTML 3Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
A


Similar Part No. - 2SD880

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
2SD880 WINGS-2SD880 Datasheet
28Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
logo
Foshan Blue Rocket Elec...
2SD880 FOSHAN-2SD880 Datasheet
1Mb / 6P
   Silicon NPN transistor in a TO-220 Plastic Package.
logo
Unisonic Technologies
2SD880 UTC-2SD880 Datasheet
118Kb / 3P
   NPN EPITAXIAL TRANSISTOR
logo
Jiangsu Changjiang Elec...
2SD880 JIANGSU-2SD880 Datasheet
371Kb / 2P
   TO-220-3L Plastic-Encapsulate Transistors
logo
TRANSYS Electronics Lim...
2SD880 TEL-2SD880 Datasheet
59Kb / 1P
   Plastic-Encapsulated Transistors
More results

Similar Description - 2SD880

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SD313 MOSPEC-2SD313 Datasheet
115Kb / 3P
   POWER TRANSISTORS(3A,60V,30W)
2SB834 MOSPEC-2SB834 Datasheet
118Kb / 3P
   POWER TRANSISTORS(3.0A,60V,30W)
2SB507 MOSPEC-2SB507 Datasheet
112Kb / 3P
   POWER TRANSISTORS(3.0A,60V,30W)
logo
Rohm
2SB1184 ROHM-2SB1184 Datasheet
129Kb / 3P
   Power Transistor (-60V, -3A)
2SA2071 ROHM-2SA2071 Datasheet
44Kb / 4P
   Power transistor (-60V, -3A)
2SC5826 ROHM-2SC5826_11 Datasheet
939Kb / 4P
   Power transistor (60V, 3A)
2SC5825 ROHM-2SC5825_07 Datasheet
99Kb / 4P
   Power transistor (60V, 3A)
2SC5824 ROHM-2SC5824_1 Datasheet
135Kb / 4P
   Power transistor (60V, 3A)
2SC5825 ROHM-2SC5825 Datasheet
46Kb / 4P
   Power transistor (60V, 3A)
2SC5824 ROHM-2SC5824 Datasheet
46Kb / 4P
   Power transistor (60V, 3A)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com