Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAT42W Datasheet(PDF) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

Part # BAT42W
Description  400mW SOD-123 SURFACE MOUNT Small Outline Flat Lead Plastic Package Fast Switching Schottky Barrier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

BAT42W Datasheet(HTML) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  BAT42W Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd BAT42W Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd BAT42W Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd BAT42W Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Nov 2008 Release, Revision B
Page 1
TAK CHEONG
®
PRELIMINARY
400mW SOD-123 SURFACE MOUNT
Small Outline Flat Lead Plastic Package
Fast Switching Schottky Barrier Diode
Absolute Maximum Ratings
TA = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
PD
Power Dissipation
400
mW
TSTG
Storage Temperature Range
-65 to +125
°C
TJ
Operating Junction Temperature
+125
°C
VRRM
Repetitive Peak Reverse Voltage
30
V
VR
Maximum DC Blocking Voltage
30
V
IF(AV)
Average Forward Rectified Current
200
mA
IFSM
Peak Forward Surge Current
4
A
These ratings are limiting values above which the serviceability of the diode may be impaired.
Specification Features:
Low Forward Voltage Drop
Flat Lead SOD-123 Small Outline Plastic Package
Surface Device Type Mounting
RoHS Compliant
Green EMC
Matte Tin(Sn) Lead Finish
Band Indicates Cathode
DEVICE MARKING CODE:
Device Type
Device Marking
BAT42W
C1
BAT43W
C2
Electrical Characteristics
TA = 25°C unless otherwise noted
Limits
Symbol
Parameter
Test Condition
Min
Max
Unit
BV
Breakdown Voltage
IR=100µA
30
Volts
IR
Reverse Leakage Current
VR=25V
500
nA
VF
Forward Voltage
TCBAT42,
BAT42W
TCBAT42,
BAT43W
BAT42W, BAT43W
IF=10mA
IF=50mA
IF=2mA
IF=15mA
IF=200mA
0.26
0.40
0.65
0.33
0.45
1.0
Volts
TRR
Reverse Recovery Time
IF=IR=10mA
RL=100Ω
IRR=1mA
5 (Typical)
nS
C
Capacitance
VR=1V, f=1MHZ
7 (Typical)
pF


Similar Part No. - BAT42W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT42W PANJIT-BAT42W Datasheet
61Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
SUNMATE electronic Co.,...
BAT42W SUNMATE-BAT42W Datasheet
113Kb / 2P
   200mA Surface Mount Schottky Barrier Rectifiers
logo
Guangdong Kexin Industr...
BAT42W KEXIN-BAT42W Datasheet
37Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Galaxy Semi-Conductor H...
BAT42W BILIN-BAT42W Datasheet
146Kb / 4P
   Schottky Barrier Diode
logo
Micro Commercial Compon...
BAT42W MCC-BAT42W Datasheet
217Kb / 3P
   200mW Schottky Diodes 30 Volts
More results

Similar Description - BAT42W

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
BAT54W TAK_CHEONG-BAT54W Datasheet
123Kb / 4P
   400mW SOD-123 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package Schottky Barrier Diode
SD103AW TAK_CHEONG-SD103AW Datasheet
140Kb / 4P
   400mW SOD-123 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package Schottky Barrier Diode
logo
Yea Shin Technology Co....
1N4448M YEASHIN-1N4448M Datasheet
545Kb / 2P
   400mW SOD-123 SURFACE MOUNT Small Outline Flat Lead Plastic Package General Purpose Application Fast Switching Diode
1N4448WFL-A YEASHIN-1N4448WFL-A Datasheet
750Kb / 3P
   400mW SOD-123 SURFACE MOUNT Small Outline Flat Lead Plastic Package General Purpose Application Fast Switching Diode
1N4448WFL YEASHIN-1N4448WFL Datasheet
739Kb / 3P
   400mW SOD-123 SURFACE MOUNT Small Outline Flat Lead Plastic Package General Purpose Application Fast Switching Diode
1N4148WFL-A YEASHIN-1N4148WFL-A Datasheet
773Kb / 3P
   400mW SOD-123 SURFACE MOUNT Small Outline Flat Lead Plastic Package General Purpose Application Fast Switching Diode
logo
Tak Cheong Electronics ...
1N4148W TAK_CHEONG-1N4148W_11 Datasheet
189Kb / 5P
   400mW SOD-123 SURFACE MOUNT Small Outline Flat Lead Plastic Package General Purpose Application Fast Switching Diode
1N4148W TAK_CHEONG-1N4148W Datasheet
691Kb / 4P
   400mW SOD-123 SURFACE MOUNT Small Outline Flat Lead Plastic Package General Purpose Application Fast Switching Diode
logo
Yea Shin Technology Co....
1N4148WFL YEASHIN-1N4148WFL Datasheet
739Kb / 3P
   400mW SOD-123 SURFACE MOUNT Small Outline Flat Lead Plastic Package General Purpose Application Fast Switching Diode
BAV21WFL-A YEASHIN-BAV21WFL-A Datasheet
793Kb / 3P
   400mW SOD-123 SURFACE MOUNT Small Outline Flat Lead Plastic Package High Voltage & High Conductance Fast Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com