Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFAF3L Datasheet(PDF) 3 Page - Seoul Semiconductor

Part # SFAF3L
Description  FULL COLOR SIDE VIEW LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SFAF3L Datasheet(HTML) 3 Page - Seoul Semiconductor

  SFAF3L Datasheet HTML 1Page - Seoul Semiconductor SFAF3L Datasheet HTML 2Page - Seoul Semiconductor SFAF3L Datasheet HTML 3Page - Seoul Semiconductor SFAF3L Datasheet HTML 4Page - Seoul Semiconductor SFAF3L Datasheet HTML 5Page - Seoul Semiconductor SFAF3L Datasheet HTML 6Page - Seoul Semiconductor SFAF3L Datasheet HTML 7Page - Seoul Semiconductor SFAF3L Datasheet HTML 8Page - Seoul Semiconductor SFAF3L Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Rev. 1.00
SFAF3L
1. Features
Package: SMT Solderability
Dimension : 7.0 × 2.0 × 1.9 (mm)
Low Thermal Resistance
RoHS Compliant, Lead Free
6-Pin (R, G, B separate) type
InGaAlP(Red) / InGaN(Green) / InGaN(Blue)
SFAF3L is Very Useful Side View LED in Back Light Unit Application
Long Life Time (MTTF*1 : > 15,000HR @ Ta=25℃, If=20(R), 40(G), 20(B) mA)
2. Applications
Flat Backlighting (LCD, Display)
Monitor, PDA, CNS, Notebook
Coupling into Light Guide Panel
Illuminations
*1 MTTF = Mean Time To Failure. Failure means that Luminous intensity degrades to 50% of initial value.
SEOUL SEMICONDUCTOR CO., LTD.
2
SSC-QP-7-03-44(갑)


Similar Part No. - SFAF3L

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SFAF1001G TSC-SFAF1001G Datasheet
87Kb / 2P
   Isolation 10.0 AMPS. Glass Passivated Super Fast Rectifiers
SFAF1001G TSC-SFAF1001G Datasheet
273Kb / 2P
   Isolated 10.0 AMPS. Glass Passivated Super Fast Rectifiers
SFAF1001G TSC-SFAF1001G Datasheet
633Kb / 2P
   Isolated 10.0 AMPS. Glass Passivated Super Fast Rectifiers
SFAF1001G TSC-SFAF1001G Datasheet
419Kb / 3P
   10.0AMPS. Isolated Glass Passivated Super Fast Rectifiers
SFAF1001G TSC-SFAF1001G Datasheet
423Kb / 3P
   10.0AMPS. Isolated Glass Passivated Super Fast Rectifiers
More results

Similar Description - SFAF3L

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EAPL4508RGBA3 EVERLIGHT-EAPL4508RGBA3 Datasheet
475Kb / 13P
   Full Color Side View LEDs
EAPL4508RGBA0 EVERLIGHT-EAPL4508RGBA0 Datasheet
338Kb / 10P
   Full Color Side View LEDs (Height 0.8mm)
RSGHB7C-C06 EVERLIGHT-RSGHB7C-C06 Datasheet
205Kb / 12P
   Full Color Side View LEDs (Height 0.8mm)
logo
Wurth Elektronik GmbH &...
155124M172400 WURTH-155124M172400 Datasheet
1Mb / 9P
   WL-SFSW SMT Full-color Side view Waterclear
001.001
155124M173200A WURTH-155124M173200A Datasheet
825Kb / 9P
   WL-SFSW SMD Full-color Side view Waterclear
155124M173200 WURTH-155124M173200 Datasheet
679Kb / 7P
   WL-SFSW SMD Full-color Side view Waterclear
logo
Everlight Electronics C...
67-23SDRSYGUBC-TR8 EVERLIGHT-67-23SDRSYGUBC-TR8 Datasheet
149Kb / 10P
   Full Color Top View LEDs
67-03-BHGHR6W-B11-2T EVERLIGHT-67-03-BHGHR6W-B11-2T Datasheet
248Kb / 15P
   Full Color Top View LEDs
67-03-S3GHBHC-B01-1T EVERLIGHT-67-03-S3GHBHC-B01-1T Datasheet
216Kb / 13P
   Full Color Top View LEDs
67-23SURSYGUBC-S530-A2 EVERLIGHT-67-23SURSYGUBC-S530-A2 Datasheet
139Kb / 10P
   Full Color Top View LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com