Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1614CS8 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1614CS8
Description  Inverting 600kHz Switching Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1614CS8 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1614CS8 Datasheet HTML 6Page - Linear Technology LT1614CS8 Datasheet HTML 7Page - Linear Technology LT1614CS8 Datasheet HTML 8Page - Linear Technology LT1614CS8 Datasheet HTML 9Page - Linear Technology LT1614CS8 Datasheet HTML 10Page - Linear Technology LT1614CS8 Datasheet HTML 11Page - Linear Technology LT1614CS8 Datasheet HTML 12Page - Linear Technology LT1614CS8 Datasheet HTML 13Page - Linear Technology LT1614CS8 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LT1614
Capacitors
As described previously, ceramic capacitors can be used
with the LT1614. For lower cost applications, small tanta-
lum units can be used. A value of 22
µF is acceptable,
although larger capacitance values can be used. ESR is the
most important parameter in selecting an output capaci-
tor. The “flying” capacitor (C2 in the schematic figures)
should be a 1
µF ceramic type. An X5R or X7R dielectric
should be used to avoid capacitance decreasing severely
with applied voltage. The input bypass capacitor is less
critical, and either tantalum or ceramic can be used with
little trade-off in circuit performance. Some capacitor
types appropriate for use with the LT1614 are listed in
Table 2.
Diodes
A Schottky diode is recommended for use with the LT1614.
The Motorola MBR0520 is a very good choice. Where the
input to output voltage differential exceeds 20V, use the
MBR0530 ( a 30V diode).
OPERATIO
Table 1. Inductor Vendors
VENDOR
PHONE
URL
PART
COMMENT
Sumida
(847) 956-0666
www.sumida.com
CLS62-22022
22
µH Coupled
CD43-470
47
µH
Murata
(404) 436-1300
www.murata.com
LQH3C-220
22
µH, 2mm Height
Coiltronics
(407) 241-7876
www.coiltronics.com
CTX20-1
20
µH Coupled, Low DCR
Table 2. Capacitor Vendors
VENDOR
PHONE
URL
PART
COMMENT
Taiyo Yuden
(408) 573-4150
www.t-yuden.com
Ceramic Caps
X5R Dielectric
AVX
(803) 448-9411
www.avxcorp.com
Ceramic Caps
Tantalum Caps
Murata
(404) 436-1300
www.murata.com
Ceramic Caps


Similar Part No. - LT1614CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1614CS8 LINER-LT1614CS8 Datasheet
218Kb / 8P
   Inverting 600kHz Switching Regulator
More results

Similar Description - LT1614CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1614 LINER-LT1614 Datasheet
218Kb / 8P
   Inverting 600kHz Switching Regulator
LT1614 LINER-LT1614_15 Datasheet
271Kb / 16P
   Inverting 600kHz Switching Regulator
logo
Hitachi Semiconductor
HA16107FP HITACHI-HA16107FP Datasheet
361Kb / 16P
   600kHz PWM Switching Regulator Controller
HA16666P HITACHI-HA16666P Datasheet
93Kb / 15P
   600kHz PWM Controlled Switching Regulator
logo
Semtech Corporation
SC4519 SEMTECH-SC4519 Datasheet
278Kb / 15P
   600kHz, 3A Step-Down Switching Regulator
SC4519H SEMTECH-SC4519H_07 Datasheet
285Kb / 14P
   600kHz, 3A Step-Down Switching Regulator
logo
HTC Korea TAEJIN Techno...
TJ4519 HTC-TJ4519 Datasheet
533Kb / 11P
   600kHz 3A Step-Down Switching Regulator
logo
Semtech Corporation
SC4518H SEMTECH-SC4518H Datasheet
266Kb / 15P
   600kHz, 2A Step-Down Switching Regulator
logo
Rohm
BD9718G ROHM-BD9718G Datasheet
102Kb / 3P
   Inverting Switching Regulator Controller
logo
Semtech Corporation
SC4519H SEMTECH-SC4519H Datasheet
285Kb / 14P
   600kHz, 3A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com