Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY350 Datasheet(PDF) 6 Page - Seoul Semiconductor

Part # LY350
Description  YELLOW LAMP LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

LY350 Datasheet(HTML) 6 Page - Seoul Semiconductor

Back Button LY350_1 Datasheet HTML 2Page - Seoul Semiconductor LY350_1 Datasheet HTML 3Page - Seoul Semiconductor LY350_1 Datasheet HTML 4Page - Seoul Semiconductor LY350_1 Datasheet HTML 5Page - Seoul Semiconductor LY350_1 Datasheet HTML 6Page - Seoul Semiconductor LY350_1 Datasheet HTML 7Page - Seoul Semiconductor LY350_1 Datasheet HTML 8Page - Seoul Semiconductor LY350_1 Datasheet HTML 9Page - Seoul Semiconductor LY350_1 Datasheet HTML 10Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Rev. 00
Rev. 00
December 2007
December 2007
www.ZLED.com
www.ZLED.com
서식번호 : SSC-QP-7-07-24 (Rev.00)
<080319> Rev. 0.1
5. Characteristic Diagrams
0
2040
6080
100
0
1
2
3
4
Forward Current [mA]
Ta= 25ºC
Ta= 25ºC
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
10
20
30
40
50
Forward Voltage [V]
Forward Voltage vs. Forward Current
Forward Current vs. Relative Intensity
Ambient Temperature vs. Forward Current
-60
-40
-20
0
20
40
60
80
100
120
0
10
20
30
40
Ambient Temperature Ta[
oC]
-90
-60
-30
0
30
60
90
0.0
0.2
0.4
0.6
0.8
1.0
Off Axis Angle [deg.]
Ta= 25ºC, IF= 20mA
Directivity


Similar Part No. - LY350_1

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LY350Z SEOUL-LY350Z Datasheet
390Kb / 12P
   GREEN OVAL LAMP LED
More results

Similar Description - LY350_1

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LY350 SEOUL-LY350 Datasheet
89Kb / 10P
   YELLOW LAMP LED
logo
Micro Electronics
MYB68DA-3 MICRO-ELECTRONICS-MYB68DA-3 Datasheet
95Kb / 1P
   YELLOW LED LAMP
logo
Seoul Semiconductor
LY530 SEOUL-LY530 Datasheet
341Kb / 10P
   YELLOW LAMP LED
LY320 SEOUL-LY320_1 Datasheet
385Kb / 12P
   YELLOW LAMP LED
logo
Micro Electronics
MYB31DA MICRO-ELECTRONICS-MYB31DA Datasheet
111Kb / 1P
   YELLOW LED LAMP
logo
Seoul Semiconductor
LY320 SEOUL-LY320 Datasheet
334Kb / 10P
   YELLOW LAMP LED
LY530 SEOUL-LY530_1 Datasheet
401Kb / 12P
   YELLOW LAMP LED
logo
Micro Electronics
MYB100D MICRO-ELECTRONICS-MYB100D Datasheet
40Kb / 1P
   HIGH EFFICIENCY YELLOW LED LAMP
logo
LUMEX INC.
SSP-1156B153S12 LUMEX-SSP-1156B153S12 Datasheet
72Kb / 1P
   1156 LED REPLACEMENT LAMP, YELLOW.
logo
LightKey Optoelectronic...
LLC520UYC-B90 LIGHTKEY-LLC520UYC-B90 Datasheet
76Kb / 2P
   5mm Cylindrical Yellow LED Lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com