Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LW330A Datasheet(PDF) 7 Page - Seoul Semiconductor

Part # LW330A
Description  Lamp LEDs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

LW330A Datasheet(HTML) 7 Page - Seoul Semiconductor

Back Button LW330A_1 Datasheet HTML 3Page - Seoul Semiconductor LW330A_1 Datasheet HTML 4Page - Seoul Semiconductor LW330A_1 Datasheet HTML 5Page - Seoul Semiconductor LW330A_1 Datasheet HTML 6Page - Seoul Semiconductor LW330A_1 Datasheet HTML 7Page - Seoul Semiconductor LW330A_1 Datasheet HTML 8Page - Seoul Semiconductor LW330A_1 Datasheet HTML 9Page - Seoul Semiconductor LW330A_1 Datasheet HTML 10Page - Seoul Semiconductor LW330A_1 Datasheet HTML 11Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Rev. 00
Rev. 00
December 2007
December 2007
www.ZLED.com
www.ZLED.com
서식번호 : SSC-QP-7-07-24 (Rev.00)
<080204> Rev. 0.1
0
2040
6080
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Ambient Temperature Ta[
oC]
IF= 20mA
0
2040
6080
100
2.4
2.6
2.8
3.0
3.2
3.4
Ambient Temperature Ta[
oC]
IF= 20mA
Ambient Temperature vs. Forward Voltage
Ambient Temperature vs. Relative Intensity
Ta= 25ºC, IF= 20mA
400
500
600
700
0.0
0.5
1.0
Wavelength [nm]
Ta= 25ºC, IF= 20mA
-90
-60
-30
0
30
60
90
0.0
0.2
0.4
0.6
0.8
1.0
Off Axis Angle [deg.]
Spectrum
Directivity


Similar Part No. - LW330A_1

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LW330A SEOUL-LW330A Datasheet
508Kb / 11P
   WHITE LAMP LED
More results

Similar Description - LW330A_1

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LR580A SEOUL-LR580A Datasheet
268Kb / 12P
   Lamp LEDs
LT580A SEOUL-LT580A Datasheet
413Kb / 12P
   Lamp LEDs
LY521 SEOUL-LY521 Datasheet
473Kb / 12P
   Lamp LEDs
LW500AM SEOUL-LW500AM Datasheet
593Kb / 17P
   Lamp LEDs
LB580A SEOUL-LB580A Datasheet
398Kb / 12P
   Lamp LEDs
LY580A SEOUL-LY580A Datasheet
394Kb / 12P
   Lamp LEDs
LW360A SEOUL-LW360A Datasheet
625Kb / 18P
   Lamp LEDs
LW514 SEOUL-LW514 Datasheet
550Kb / 16P
   Lamp LEDs
LT700D SEOUL-LT700D Datasheet
412Kb / 12P
   Lamp LEDs
logo
List of Unclassifed Man...
PAR20X-007-3000 ETC2-PAR20X-007-3000 Datasheet
311Kb / 5P
   7W PAR20 3 LEDs High Power LED Lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com