Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6235-10.00M Datasheet(PDF) 1 Page - Connor-Winfield Corporation

Part # 6235-10.00M
Description  5.0V HCMOS Surface Mount Crystal Clock Oscillator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

6235-10.00M Datasheet(HTML) 1 Page - Connor-Winfield Corporation

  6235-10.00M Datasheet HTML 1Page - Connor-Winfield Corporation 6235-10.00M Datasheet HTML 2Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications subject to change without notice. All dimensions in inches. © Copyright 1998 The Connor-Winfield Corporation
2111 Comprehensive Drive
Aurora, Illinois 60505
Phone: 630- 851- 4722
Fax: 630- 851- 5040
www.conwin.com
2111 Comprehensive Drive
Aurora, Illinois 60505
Phone: 630- 851- 4722
Fax: 630- 851- 5040
www.conwin.com
5.0V HCMOS Surface Mount
Crystal Clock Oscillator
6215, 6225, 6235
XO
The Connor-Winfield models 6215, 6225, and
6235 are a 6 x 3.5mm, 5.0V HCMOS, Ceramic,
Surface Mount, Fixed Frequency Crystal
Oscillators (XO) designed for use in all
applictions requiring precision clocks. The RoHS
compliant, surface mount package is designed
for high-density mounting and is optimum for
mass production.
Operating Specifications
Parameter
Minimum
Nominal
Maximum
Units
Notes
Frequency Range (Fo)
1.8
-
50
MHz
Frequency Tolerance
ppm
1
6215
-25
-
25
6225
-50
-
50
6235
-100
-
100
Operating Temp Range
-40
-
85
°C
Supply Voltage (Vdd)
4.50
5.0
5.50
Vdc
Supply Current (Icc)
mA
1.8 to 31.999 MHz
-
-
27
32.0 to 50.0 MHz
-
-
45
Absolute Maximum Ratings
Parameter
Minimum
Nominal
Maximum
Units
Notes
Storage Temperature
-55
-
125
°C
Supply Voltage (Vcc)
-0.5
-
7.0
Vdc
Features:
1.8 to 50 MHz
5.0V Operation
RoHS Compliant
Tri-State Enable / Disable Function
Overall Frequency Tolerance:
6215 ± 25 ppm
6225 ± 50 ppm
6235 ± 100 ppm
Temperature Range: -40 to 85°C
Ceramic Surface Mount Package
Tape and Reel Packaging
Bulletin
Sm084
Page
1 of 2
Revision
01
Date
30 May 2002
Input Characteristics
Parameter
Minimum
Nominal
Maximum
Units
Notes
Enable Voltage - (Vih)
2.2
-
-
Vdc
2
Disable Voltage - (Vil)
-
-
0.8
Vdc
Enable Time
-
-
100
nS
Disable Time
-
-
100
nS
HCMOS Output Characteristics
Parameter
Minimum
Nominal
Maximum
Units
Notes
Load
-
-
50
pF
Voltage High (Voh)
4.50
-
-
Vdc
Low (Vol)
-
-
0.55
Current High (loh)
-16
-
-
mA
Low (lol)
-
-
16
Duty Cycle at 50% of Vcc
40
50
60
%
Rise / Fall Time 10% to 90%
-
-
5
nS
Start-Up Time
-
-
10
mS
Jitter
-
-
5
pS RMS
Notes:
1. Inclusive of calibration @ 25°C , frequency vs temperature stability, supply voltage change, load change, shock and vibration, 10 years aging.
2. Oscillator output is enabled with no connection on pad 1
US Headquarters:
630-851-4722
European Headquarters:
+353-61-472221


Similar Part No. - 6235-10.00M

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6235 POMONA-6235 Datasheet
30Kb / 1P
   SMD Test Probe
logo
ITT Industries
623502000 ITT-623502000 Datasheet
1Mb / 23P
   AUXILIARY ACTUATORS
623509000 ITT-623509000 Datasheet
1Mb / 23P
   AUXILIARY ACTUATORS
logo
TE Connectivity Ltd
62354-1 TEC-62354-1 Datasheet
46Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 6235-10.00M

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
7215 CONNOR-WINFIELD-7215 Datasheet
82Kb / 2P
   5.0V HCMOS Surface Mount Crystal Clock Oscillator
6115 CONNOR-WINFIELD-6115 Datasheet
84Kb / 2P
   5.0V HCMOS Surface Mount Crystal Clock Oscillator
7115 CONNOR-WINFIELD-7115 Datasheet
82Kb / 2P
   5.0V HCMOS Surface Mount Crystal Clock Oscillator
HSM626 CONNOR-WINFIELD-HSM626 Datasheet
228Kb / 2P
   5.0V SURFACE MOUNT 11x6.35mm HCMOS CLOCK OSCILLATOR
HSM546 CONNOR-WINFIELD-HSM546 Datasheet
230Kb / 2P
   5.0V SURFACE MOUNT 11x6.35mm HCMOS CLOCK OSCILLATOR
HSM6 CONNOR-WINFIELD-HSM6 Datasheet
82Kb / 2P
   5.0V Surface Mount Crystal Clock Oscillator
HSM9 CONNOR-WINFIELD-HSM9 Datasheet
81Kb / 2P
   5.0V Surface Mount Crystal Clock Oscillator
logo
Abracon Corporation
ASA ABRACON-ASA Datasheet
302Kb / 1P
   HCMOS SURFACE-MOUNT CRYSTAL CLOCK OSCILLATOR
ASA1 ABRACON-ASA1 Datasheet
1Mb / 2P
   HCMOS SURFACE-MOUNT CRYSTAL CLOCK OSCILLATOR
03.12.12
logo
Connor-Winfield Corpora...
HSM93-032M CONNOR-WINFIELD-HSM93-032M Datasheet
87Kb / 2P
   5.0V Surface Mount Crystal Clock Oscillator HSM9
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com