Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6222 Datasheet(PDF) 1 Page - Connor-Winfield Corporation

Part # 6222
Description  2.5V SURFACE MOUNT 6x3.5mm CRYSTAL CLOCK OSCILLATOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

6222 Datasheet(HTML) 1 Page - Connor-Winfield Corporation

  6222 Datasheet HTML 1Page - Connor-Winfield Corporation 6222 Datasheet HTML 2Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE.
AURORA, IL 60505.
FAX (630) 851-5040.
PHONE (630) 851-4722.
WWW.CONWIN.COM
PRODUCT
DA TA
SHEET
Specifications subject to change without notice.
DATASHEET #:
REV:
DATE:
PAGE
OF
Copyright 2001 Connor-Winfield all rights reserved.
a
CRYSTAL CONTROLLED OSCILLATORS
1
2
6222
-
25.00 MHz
CLOCK
SERIES
CENTER
FREQUENCY
2.5V OPERATION
1.8 to 50MHz
TEMPERATURE RANGE: -40 to 85°C
OVERALL FREQUENCY
TOLERANCE:±50ppm
TRI-STATE ENABLE/DISABLE
FUNCTION
POWER SAVING FUNCTION: 10uA
WHEN DISABLED
CERAMIC SURFACE MOUNT
PACKAGE
TAPE AND REEL PACKAGING
2.5V SURFACE MOUNT 6x3.5mm CRYSTAL CLOCK OSCILLATOR
6222
Sm096
00
12/18/02
ORDERING INFORMATION
FEATURES
DESCRIPTION
8 (.20mm)
CW 0107
25.00M
6222
The Connor-Winfield model 6222
is a 2.5V HCMOS, Surface Mount,
Fixed Frequency Crystal Oscillator
(XO) designed for use in all
applications requiring precision
clocks. This oscillator features low
stand-by current (10uA) when the
output is disabled. The surface
mount package is designed for
high-density mounting and is
optimum for mass production.
ABSOLUTE MAXIMUM RATINGS
TABLE 1.0
PARAMETER
UNITS
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Storage Temperature
-55
-
125
°C
Supply Voltage
(Vcc)
-0.5
-
7.0
Vdc
MODEL 6222
Frequency Range
(Fo)
1.8
-
50
MHz
Frequency Tolerance:
-50
-
50
ppm
1
OPERATING SPECIFICATIONS
TABLE 3.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Operating Temperature Range
-40
-
85
°C
Supply Voltage
(Vdd)
2.375
2.5
2.625
Vdc
Supply Current
1.80 to 31.999 MHz
(Icc)
-
-
10
mA
32.0 to 50.0 MHz
(Icc)
-
-
12
mA
INPUT CHARACTERISTICS
TABLE 4.0
Enable Voltage
(Vih)
> 70% Vdd
-
-
Vdc
2
Disable Voltage
(Vil)
-
-
< 30% Vdd
Vdc
Enable Time
-
-
10
mS
Disable Time
-
-
150
nS
Output Disable Current
(Icc)
-
-
10
uA
HCMOS OUTPUT
CHARACTERISTICS
TABLE 5.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
LOAD
-
-
15
pF
Voltage
(High)
(Voh)
0.9Vcc
-
-
Vdc
(Low)
(Vol)
-
-
0.1Vcc
Vdc
Current
(High)
(Ioh)
-4
-
-
mA
(Low)
(Ioh)
-
-
4
mA
Duty Cycle at 50% of Vcc
45
50
55
%
Rise / Fall Time 10% to 90%
-
-
5
nS
Start-Up Time
-
-
10
mS
Jitter (BW=10Hz to 20MHz)
-
-
5
ps rms
Jitter (BW=12kHz to 20MHz)
-
-
1
ps rms
Note:
1) Inclusive of calibration @ 25°C, frequency vs. temperature stability, supply voltage change, load
change, shock and vibration, 10 years aging.
2) Oscillator output is enabled with no connection on pad 1
PACKAGE CHARACTERISTICS
TABLE 6.0
Package
Hermetically sealed ceramic package and metal cover


Similar Part No. - 6222

ManufacturerPart #DatasheetDescription
logo
Littelfuse
622205 LITTELFUSE-622205 Datasheet
174Kb / 1P
   LGR/LMF In-Line Fuses and LHR Holder
logo
Tyco Electronics
62221-1 MACOM-62221-1 Datasheet
535Kb / 9P
   FASTON Printed Circuit Board Tabs and Receptacles
logo
TE Connectivity Ltd
62221-1 TEC-62221-1 Datasheet
42Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
logo
Tyco Electronics
62223-1 MACOM-62223-1 Datasheet
944Kb / 22P
   FASTON Receptacles
logo
TE Connectivity Ltd
62223-1 TEC-62223-1 Datasheet
67Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 6222

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
6122 CONNOR-WINFIELD-6122 Datasheet
160Kb / 2P
   2.5V SURFACE MOUNT 6x3.5mm CRYSTAL CLOCK OSCILLATOR
5112 CONNOR-WINFIELD-5112 Datasheet
155Kb / 2P
   2.5V LVCMOS SURFACE MOUNT 7.5x5mm CRYSTAL CLOCK OSCILLATOR
5212 CONNOR-WINFIELD-5212 Datasheet
96Kb / 2P
   2.5V LVCMOS SURFACE MOUNT 7.5x5mm CRYSTAL CLOCK OSCILLATOR
HSM643 CONNOR-WINFIELD-HSM643 Datasheet
84Kb / 2P
   3.3V Surface Mount Crystal Clock Oscillator
logo
Abracon Corporation
ASA ABRACON-ASA Datasheet
302Kb / 1P
   HCMOS SURFACE-MOUNT CRYSTAL CLOCK OSCILLATOR
ASA1 ABRACON-ASA1 Datasheet
1Mb / 2P
   HCMOS SURFACE-MOUNT CRYSTAL CLOCK OSCILLATOR
03.12.12
logo
Connor-Winfield Corpora...
HSM6 CONNOR-WINFIELD-HSM6 Datasheet
82Kb / 2P
   5.0V Surface Mount Crystal Clock Oscillator
SMH54AA CONNOR-WINFIELD-SMH54AA Datasheet
101Kb / 1P
   3.3V SURFACE MOUNT CRYSTAL CLOCK OSCILLATOR
ASM51AA CONNOR-WINFIELD-ASM51AA Datasheet
121Kb / 2P
   3.3V SURFACE MOUNT CRYSTAL CLOCK OSCILLATOR
HSM9 CONNOR-WINFIELD-HSM9 Datasheet
81Kb / 2P
   5.0V Surface Mount Crystal Clock Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com