Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DN2540N5 Datasheet(PDF) 1 Page - Supertex, Inc

Part # DN2540N5
Description  N-Channel Depletion-Mode Vertical DMOS FETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

DN2540N5 Datasheet(HTML) 1 Page - Supertex, Inc

  DN2540N5 Datasheet HTML 1Page - Supertex, Inc DN2540N5 Datasheet HTML 2Page - Supertex, Inc DN2540N5 Datasheet HTML 3Page - Supertex, Inc DN2540N5 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
12/13/01
Supertex Inc. does not recommend the use of its products in life support applications and will not knowingly sell its products for use in such applications unless it receives an adequate "products liability
indemnification insurance agreement." Supertex does not assume responsibility for use of devices described and limits its liability to the replacement of devices determined to be defective due to
workmanship. No responsibility is assumed for possible omissions or inaccuracies. Circuitry and specifications are subject to change without notice. For the latest product specifications, refer to the
Supertex website: http://www.supertex.com. For complete liability information on all Supertex products, refer to the most current databook or to the Legal/Disclaimer page on the Supertex website.
DN2535
DN2540
Advanced DMOS Technology
Not recommended for new designs. For products in TO-92
(N3) package and TO-243AA(N8) package, please use DN3535
or DN3545 instead.
These low threshold depletion-mode (normally-on) transistors
utilize an advanced vertical DMOS structure and Supertex’s
well-proven silicon-gate manufacturing process. This combina-
tion produces devices with the power handling capabilities of
bipolar transistors and with the high input impedance and posi-
tive temperature coefficient inherent in MOS devices. Character-
istic of all MOS structures, these devices are free from thermal
runaway and thermally-induced secondary breakdown.
Supertex’s vertical DMOS FETs are ideally suited to a wide range
of switching and amplifying applications where high breakdown
voltage, high input impedance, low input capacitance, and fast
switching speeds are desired.
Features
❏ High input impedance
❏ Low input capacitance
❏ Fast switching speeds
❏ Low on resistance
❏ Free from secondary breakdown
❏ Low input and output leakage
Applications
❏ Normally-on switches
❏ Solid state relays
❏ Converters
❏ Linear amplifiers
❏ Constant current sources
❏ Power supply circuits
❏ Telecom
Absolute Maximum Ratings
Drain-to-Source Voltage
BVDSX
Drain-to-Gate Voltage
BVDGX
Gate-to-Source Voltage
± 20V
Operating and Storage Temperature
-55°C to +150°C
Soldering Temperature*
300°C
* Distance of 1.6 mm from case for 10 seconds.
Note: See Package Outline section for dimensions.
Package Options
N-Channel Depletion-Mode
Vertical DMOS FETs
TO-92
S G D
TO-243AA
(SOT-89)
G
D
S
D
TO-220
TAB: DRAIN
G
D S
Product marking for TO-243AA:
DN5D
Where
❋ = 2-week alpha date code
* Same as SOT-89. Product shipped on 2000 piece carrier tape reels.
BVDSX /RDS(ON)
IDSS
BVDGX
(max)
(min)
TO-92
TO-220
TO-243AA*
350V
25Ω
150mA
DN2535N3
DN2535N5
400V
25Ω
150mA
DN2540N3
DN2540N5
DN2540N8
Ordering Information
Order Number / Package


Similar Part No. - DN2540N5

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
DN2540N5-G SUTEX-DN2540N5-G Datasheet
814Kb / 8P
   N-Channel Depletion-Mode Vertical DMOS FETs
DN2540N5-G SUTEX-DN2540N5-G Datasheet
881Kb / 8P
   N-Channel Depletion-Mode Vertical DMOS FETs
More results

Similar Description - DN2540N5

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
DN3545 SUTEX-DN3545 Datasheet
102Kb / 4P
   N-Channel Depletion-Mode Vertical DMOS FETs
DN2640 SUTEX-DN2640 Datasheet
43Kb / 2P
   N-Channel Depletion-Mode Vertical DMOS FETs
DN3145 SUTEX-DN3145_07 Datasheet
393Kb / 3P
   N-Channel Depletion-Mode Vertical DMOS FETs
DN2625 SUTEX-DN2625 Datasheet
881Kb / 7P
   N-Channel Depletion-Mode Vertical DMOS FETs
DN3125 SUTEX-DN3125 Datasheet
66Kb / 2P
   N-Channel Depletion-Mode Vertical DMOS FETs
DN2535 SUTEX-DN2535_07 Datasheet
730Kb / 6P
   N-Channel Depletion-Mode Vertical DMOS FETs
DN2540 SUTEX-DN2540_07 Datasheet
814Kb / 8P
   N-Channel Depletion-Mode Vertical DMOS FETs
DN2624 SUTEX-DN2624 Datasheet
54Kb / 4P
   N-Channel Depletion-Mode Vertical DMOS FETs
logo
Clare, Inc.
CPC3730C CLARE-CPC3730C Datasheet
392Kb / 4P
   N-Channel Depletion-Mode Vertical DMOS FETs
logo
Supertex, Inc
DN2530 SUTEX-DN2530 Datasheet
87Kb / 4P
   N-Channel Depletion-Mode Vertical DMOS FETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com