Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1567 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1567
Description  1.4nV/?숰z 180MHz Filter Building Block
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1567 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1567 Datasheet HTML 5Page - Linear Technology LT1567 Datasheet HTML 6Page - Linear Technology LT1567 Datasheet HTML 7Page - Linear Technology LT1567 Datasheet HTML 8Page - Linear Technology LT1567 Datasheet HTML 9Page - Linear Technology LT1567 Datasheet HTML 10Page - Linear Technology LT1567 Datasheet HTML 11Page - Linear Technology LT1567 Datasheet HTML 12Page - Linear Technology LT1567 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LT1567
9
1567fa
The simple-to-use spreadsheet requires the user to de-
fine the desired corner (or center) frequency, the pass-
band gain and a capacitor value for a choice of second or
third order Chebyshev or Butterworth lowpass or second
order bandpass filters.
The spreadsheet outputs the required external standard
component values and provides a circuit diagram.
Signal Ground
Both operational amplifiers within the LT1567 are de-
signed for inverting operation (constant common mode
APPLICATIO S I FOR ATIO
input) and they share a single reference node on the chip.
Two pins permit access to this node: DC BIAS and
BYPASS. For a clean reference over a wide bandwidth, the
normal procedure is to connect DC BIAS to a DC potential
or ground and BYPASS to a decoupling capacitor that
returns to a ground plane.
Differential Output Feature
The multiple feedback filter section of Figure 1 inherently
includes two outputs of opposite signal polarity: a DC
inverting output from the OA (Pin 1) and a DC noninverting
DESIGN EQUATIONS FOR fCENTER ≤ 1MHz
fCENTER IS THE FILTER’S CENTER FREQUENCY
fCENTER =
√GN + 1
2 •
π • R2 • C1
MAXIMUM fCENTER = 5MHz/GAIN
GN IS GAIN AT fCENTER = R3/R1, R2 = R3, C1 = C2
C1
≤ √
GN + 1
2500 • fC
R3 =
√GN + 1
2
π • C1 • fCENTER
–3dB BANDWIDTH =
fCENTER
√GN + 1
+
7
VOUT
+
VOUT
6
600
600
2
1
C1
3
5
8
VIN
LT1567
0.1
µF
7pF
C2
R3
150
V+
V+
R1
R2
0.1
µF
4
V
V
0.1
µF
1567 F02a
FREQUENCY (Hz)
50k
–15
–5
5
25
500k
5M
1567 F02b
15
–10
0
20
10
GAIN IS MEASURED TO EITHER OUTPUT ALONE.
IF OUTPUT USED DIFFERENTIALLY, VOUT
+ – V
OUT
= 2× VIN
Figure 2. 2nd Order Bandpass Filter and Gain Response for fC = 500kHz,
Gain = 10 (C1 = C2 = 1000pF, R2 = R3 = 1.05k, R1 = 105
Ω)
Gain vs Frequency


Similar Part No. - LT1567

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1567 LINER-LT1567 Datasheet
138Kb / 8P
   1.4nV/Hz 175MHz Op Amp and Inverter / Filter Building Block
LT1567CMS8 LINER-LT1567CMS8 Datasheet
138Kb / 8P
   1.4nV/Hz 175MHz Op Amp and Inverter / Filter Building Block
LT1567 LINER-LT1567_15 Datasheet
209Kb / 16P
   Filter Building Block
More results

Similar Description - LT1567

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1567 LINER-LT1567 Datasheet
138Kb / 8P
   1.4nV/Hz 175MHz Op Amp and Inverter / Filter Building Block
LT1567 LINER-LT1567_15 Datasheet
209Kb / 16P
   Filter Building Block
LTC1060 LINER-LTC1060_09 Datasheet
263Kb / 20P
   Universal Dual Filter Building Block
LTC1060CS LINER-LTC1060CS Datasheet
173Kb / 3P
   Universal Dual Filter Building Block?
LTC1060 LINER-LTC1060_15 Datasheet
269Kb / 20P
   Universal Dual Filter Building Block
LTC1060 LINER-LTC1060 Datasheet
1Mb / 20P
   Universal Dual Filter Building Block
LTC1264 LINER-LTC1264_05 Datasheet
231Kb / 16P
   High Speed, Quad Universal Filter Building Block
LTC1264 LINER-LTC1264 Datasheet
343Kb / 16P
   High Speed, Quad Universal Filter Building Block
LTC1061CS LINER-LTC1061CS Datasheet
212Kb / 3P
   High Performance Triple Universal Filter Building Block?
LTC1061 LINER-LTC1061_15 Datasheet
335Kb / 16P
   High Performance Triple Universal Filter Building Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com