Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6225A462NR-G Datasheet(PDF) 9 Page - Torex Semiconductor

Part # XC6225A462NR-G
Description  30mA High Speed LDO Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6225A462NR-G Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button XC6225A462NR-G Datasheet HTML 5Page - Torex Semiconductor XC6225A462NR-G Datasheet HTML 6Page - Torex Semiconductor XC6225A462NR-G Datasheet HTML 7Page - Torex Semiconductor XC6225A462NR-G Datasheet HTML 8Page - Torex Semiconductor XC6225A462NR-G Datasheet HTML 9Page - Torex Semiconductor XC6225A462NR-G Datasheet HTML 10Page - Torex Semiconductor XC6225A462NR-G Datasheet HTML 11Page - Torex Semiconductor XC6225A462NR-G Datasheet HTML 12Page - Torex Semiconductor XC6225A462NR-G Datasheet HTML 13Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9/15
XC6225
Series
each
circuit
ON/OFF
Control
CE
VIN
VSS
VOUT
R1
R2
Error
Amp
-
+
CE
CE/
Voltage
Reference
Current
Limit
CE/
Rdischg
■OPERATIONAL EXPLANATION
The voltage divided by resistors R1 & R2 is compared with the internal reference voltage by the error amplifier. The P-channel
MOSFET connected to the VOUT pin, is then driven by the subsequent output signal. The output voltage at the VOUT pin is
controlled and stabilized by a system of negative feedback. The current limit circuit and short-circuit protection circuit operate in
relation to the level of output current. Further, the IC’s entire circuitry is turned off by the input signal to the CE pin.
BLOCK DIAGRAM
<Input and Output Capacitors>
The XC6225 needs an output capacitor CL for phase compensation. Values required for the phase compensation are shown in
the chart below. If a loss of the capacitance happens, the stable phase compensation may not be obtained. Please ensure to
use a capacitor which does not depend on bias or temperature too much. For a stable power input, please connect an input
capacitor CIN of 1.0μF between the VIN pin and the VSS pin.
OUTPUT VOLTAGE
OUTPUT CAPACITOR
0.8V~1.15V
CL=4.7μF
1.2V~1.35V
CL=2.2μF
1.4V~4.0V
CL=1.0μF
4.05V~5.0V
CL=2.2μF
<CL Auto-Discharge Function>
XC6225B series can discharge the electric charge in the output capacitor (CL), when a low signal to the CE pin, which enables
the whole IC circuit to be turned off, is inputted via the N-channel transistor located between the VOUT pin and the VSS pin (refer
to BLOCK DIAGRAM). The CL auto-discharge resistance value is set at 780Ω(VOUT=4.0V @ VIN=6.0V at TYP.). The discharge
time of the output capacitor (CL) is set by the CL auto-discharge resistance (R) and the output capacitor (CL). By setting the time
constant of the CL auto-discharge resistance value [RDCHG] and the output capacitor value (CL) as τ(τ=C x RDCHG), the output
voltage after discharge via the N-channel transistor is calculated by the following formula.
V= VOUT(E) ×e
-t / τ or t= τln(V/ VOUT(E)
Where
V: Output voltage after discharge
VOUT (E) : Output voltage
t : Discharge time,
τ
: CL auto-discharge resistance RDCHG ×Output capacitor (CL)value C


Similar Part No. - XC6225A462NR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6220 TOREX-XC6220 Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
XC6220A TOREX-XC6220A Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
XC6220A081ER TOREX-XC6220A081ER Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
XC6220A081ER-G TOREX-XC6220A081ER-G Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
XC6220A081MR TOREX-XC6220A081MR Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
More results

Similar Description - XC6225A462NR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6211 TOREX-XC6211 Datasheet
197Kb / 15P
   High Speed LDO Regulator
logo
Holtek Semiconductor In...
HT7121-3 HOLTEK-HT7121-3 Datasheet
1Mb / 15P
   30mA TinyPowerTM LDO
logo
Cystech Electonics Corp...
LM6219-33N5 CYSTEKEC-LM6219-33N5 Datasheet
353Kb / 9P
   300mA High Speed LDO Regulator,
logo
Torex Semiconductor
XCM406 TOREX-XCM406_15 Datasheet
1Mb / 20P
   High Speed Dual LDO Regulator
logo
Cystech Electonics Corp...
LM6219-3.3N5 CYSTEKEC-LM6219-3.3N5 Datasheet
450Kb / 9P
   300mA High Speed LDO Regulator
logo
Holtek Semiconductor In...
HT71XX-2 HOLTEK-HT71XX-2 Datasheet
1Mb / 15P
   30mA Low Power LDO
HT71XX-1 HOLTEK-HT71XX-1 Datasheet
158Kb / 14P
   30mA Low Power LDO
logo
Torex Semiconductor
XCM406 TOREX-XCM406_12 Datasheet
1Mb / 20P
   700mA High Speed Dual LDO Regulator
XCM406-12 TOREX-XCM406-12 Datasheet
1Mb / 20P
   700mA High Speed Dual LDO Regulator
XCM406 TOREX-XCM406 Datasheet
1Mb / 20P
   High Current High Speed Dual LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com