Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F81216 Datasheet(PDF) 8 Page - Feature Integration Technology Inc.

Part # F81216
Description  LPC to 4 UART Datasheet
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F81216 Datasheet(HTML) 8 Page - Feature Integration Technology Inc.

Back Button F81216 Datasheet HTML 4Page - Feature Integration Technology Inc. F81216 Datasheet HTML 5Page - Feature Integration Technology Inc. F81216 Datasheet HTML 6Page - Feature Integration Technology Inc. F81216 Datasheet HTML 7Page - Feature Integration Technology Inc. F81216 Datasheet HTML 8Page - Feature Integration Technology Inc. F81216 Datasheet HTML 9Page - Feature Integration Technology Inc. F81216 Datasheet HTML 10Page - Feature Integration Technology Inc. F81216 Datasheet HTML 11Page - Feature Integration Technology Inc. F81216 Datasheet HTML 12Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
August, 2007
V0.32P
-4-
F81216
4.2 UART Interface
Pin No.
Pin Name
Type
Description
13
CTS4#
INt5V
Clear To Send is the modem control input.
14
DSR4#
INt5V
Data Set Ready.
An active low signal indicates the modem or
data set is ready to establish a communication link and transfer
data to the UART.
15
RTS4#
I/O8t5V-d100
UART 4 Request To Send.
An active low signal informs the
modem or data set that the controller is ready to send data.
16
DTR4#
I/O8t5V-d100
UART 4 Data Terminal Ready.
An active low signal informs
the modem or data set that controller is ready to communicate.
17
SIN4
INt5V
Serial Input.
Used to receive serial data through the
communication link.
SOUT4
UART 4 Serial Output.
Used to transmit serial data out to the
communication link.
18
PS_2E8_IRQD
I/O8t5V-d100
Power setting pin to define the IRQD index.
Default PS_2E8_IRQD = 0, IRQF index is programmed by
register.
If PS_2E8_IRQD = 1, setting IRQF index to 0x2E8.
19
DCD4#
INt5V
Data Carrier Detect.
An active low signal indicates the
modem or data set has detected a data carrier.
20
RI4#
INt5V
Ring Indicator.
An active low signal indicates that a ring
signal is being received from the modem or data set.
21
CTS3#
INt5V
Clear To Send is the modem control input.
22
DSR3#
INt5V
Data Set Ready.
An active low signal indicates the modem or
data set is ready to establish a communication link and transfer
data to the UART.
RTS3#
UART 3 Request To Send.
An active low signal informs the
modem or data set that the controller is ready to send data.
23
PS_CONF_KE
Y0
I/O8t5V-d100
Power on configuration setting pin. As for detail description,
please refer to register description.
DTR3#
UART 3 Data Terminal Ready.
An active low signal informs
the modem or data set that controller is ready to communicate.
24
PS_WDT
I/O8t5V-d100
Power on setting pin to enable the watch dog timer.
Default PS_WDT=0, WDT time programmed by register.
When PS_WDT=1, WDT time is defined as 10 sec.


Similar Part No. - F81216

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F81216AD FINTEK-F81216AD Datasheet
892Kb / 43P
   LPC to 4 UART 9-bit Protocol
More results

Similar Description - F81216

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F81218 FINTEK-F81218 Datasheet
1Mb / 64P
   ISA/LPC to 6 UART Datasheet
F81216AD FINTEK-F81216AD Datasheet
892Kb / 43P
   LPC to 4 UART 9-bit Protocol
logo
Microchip Technology
SIO1007 MICROCHIP-SIO1007 Datasheet
816Kb / 108P
   LPC Super I/O LPC IrDA Hot Docking Chip with UART
07/14/15
logo
Exar Corporation
XR28V384 EXAR-XR28V384 Datasheet
511Kb / 42P
   3.3V QUAD LPC UART WITH 128-BYTE FIFO
XR28V382IL32-0A EXAR-XR28V382IL32-0A Datasheet
569Kb / 39P
   3.3V DUAL LPC UART WITH 128-BYTE FIFO
XR28V384IM48-0A EXAR-XR28V384IM48-0A Datasheet
511Kb / 42P
   3.3V QUAD LPC UART WITH 128-BYTE FIFO
XR28V382 EXAR-XR28V382 Datasheet
569Kb / 39P
   3.3V DUAL LPC UART WITH 128-BYTE FIFO
XR28V384IM48-0A-EB EXAR-XR28V384IM48-0A-EB Datasheet
511Kb / 42P
   XR28V384 3.3V QUAD LPC UART WITH 128-BYTE FIFO
logo
SMSC Corporation
LPC47N207 SMSC-LPC47N207 Datasheet
186Kb / 4P
   LPC Super I/O IrDA Hot Docking Chip with UART
logo
List of Unclassifed Man...
DS_USB_RS232_PCB ETC2-DS_USB_RS232_PCB Datasheet
423Kb / 16P
   Future Technology Devices International Ltd USB to RS232 UART Serial Converter PCB Datasheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com