Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F75383M Datasheet(PDF) 8 Page - Feature Integration Technology Inc.

Part # F75383M
Description  짹1oC Accuracy Temperature Sensor IC Datasheet
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F75383M Datasheet(HTML) 8 Page - Feature Integration Technology Inc.

Back Button F75383M Datasheet HTML 4Page - Feature Integration Technology Inc. F75383M Datasheet HTML 5Page - Feature Integration Technology Inc. F75383M Datasheet HTML 6Page - Feature Integration Technology Inc. F75383M Datasheet HTML 7Page - Feature Integration Technology Inc. F75383M Datasheet HTML 8Page - Feature Integration Technology Inc. F75383M Datasheet HTML 9Page - Feature Integration Technology Inc. F75383M Datasheet HTML 10Page - Feature Integration Technology Inc. F75383M Datasheet HTML 11Page - Feature Integration Technology Inc. F75383M Datasheet HTML 12Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
F75383/F75384
F75383/F75384
July, 2007
V0.32P
-4-
(a) SMBus write to internal address register followed by the data byte
0
Start By
Master
0
1
011
00
D7
D6
D5
D4
D3
D2
D1
D0
Ack
by
383
R/W
Ack
by
383
SCL
SDA
D7
D6
D5
D4
D3
D2
D1
D0
Stop
by
Master
SCL
SDA (Continued)
78
0
7
8
0
78
Frame 2
Internal Index Register Byte
(Continued)
Frame 3
Data Byte
Frame 1
Serial Bus Address Byte
Figure 1. Serial Bus Write to Internal Address Register followed by the Data Byte
(b) Serial bus write to internal address register only
0
Start By
Master
0
1
011
00
D7
D6
D5
D4
D3
D2
D1
D0
Ack
by
383
R/W
Ack
by
383
SCL
SDA
78
0
7
8
0
Frame 2
Internal Index Register Byte
Frame 1
Serial Bus Address Byte
Figure 2. Serial Bus Write to Internal Address Register Only
Stop by
Master
(c) Serial bus read from a register with the internal address register prefer to desired location
0
Start By
Master
0
1
011
00
D7
D6
D5
D4
D3
D2
D1
D0
Ack
by
Master
R/W
Ack
by
383
SCL
SDA
78
0
7
8
0
Frame 2
Internal Index Register Byte
Frame 1
Serial Bus Address Byte
Figure 3. Serial Bus Read from Internal Address Register
Stop by
Master
(d) Alert Response Address
0
Start By
Master
0
0011
00
01
001100
Ack
by
Master
R/W
Ack
by
383
SCL
SDA
78
0
7
8
0
Frame 2
Device Address
Frame 1
Alert Response Address
Figure 4. Alert Response Address
Stop by
Master


Similar Part No. - F75383M

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F75385M FINTEK-F75385M Datasheet
537Kb / 17P
   짹1oC Accuracy Temperature Sensor IC Datasheet
F75386M FINTEK-F75386M Datasheet
878Kb / 28P
   Dual 짹1oC Accuracy Temperature Sensor IC with Fan Speed Control
F75386SG FINTEK-F75386SG Datasheet
878Kb / 28P
   Dual 짹1oC Accuracy Temperature Sensor IC with Fan Speed Control
F75387 FINTEK-F75387 Datasheet
1Mb / 48P
   짹1oC Accuracy H/W Monitor IC with Automatic Fan Speed Control
F75387RG FINTEK-F75387RG Datasheet
1Mb / 48P
   짹1oC Accuracy H/W Monitor IC with Automatic Fan Speed Control
More results

Similar Description - F75383M

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F75385M FINTEK-F75385M Datasheet
537Kb / 17P
   짹1oC Accuracy Temperature Sensor IC Datasheet
F75363 FINTEK-F75363 Datasheet
773Kb / 25P
   짹1oC Accuracy Temperature Sensor IC with Fan Speed Control
F75386M FINTEK-F75386M Datasheet
878Kb / 28P
   Dual 짹1oC Accuracy Temperature Sensor IC with Fan Speed Control
logo
List of Unclassifed Man...
STSC1 ETC2-STSC1 Datasheet
706Kb / 13P
   High Accuracy Digital Temperature Sensor IC
logo
Feature Integration Tec...
F75395 FINTEK-F75395 Datasheet
688Kb / 22P
   짹1oC Temperature Sensor with 횩 Compensation
F75393 FINTEK-F75393 Datasheet
689Kb / 22P
   짹1oC Temperature Sensor with 횩 Compensation
F75367 FINTEK-F75367 Datasheet
519Kb / 21P
   짹1oC Temperature Sensor with I2C-SST Bridge
F75387 FINTEK-F75387 Datasheet
1Mb / 48P
   짹1oC Accuracy H/W Monitor IC with Automatic Fan Speed Control
logo
ams AG
AS6200 AMSCO-AS6200 Datasheet
709Kb / 35P
   The AS6200 IC is a high accuracy temperature sensor system
logo
Seiko Instruments Inc
S-5852ABCAC-A8T1U4 SII-S-5852ABCAC-A8T1U4 Datasheet
1Mb / 15P
   HIGH-ACCURACY DIGITAL TEMPERATURE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com