Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F75133S Datasheet(PDF) 4 Page - Feature Integration Technology Inc.

Part # F75133S
Description  LOADING GAUGE IC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F75133S Datasheet(HTML) 4 Page - Feature Integration Technology Inc.

  F75133S Datasheet HTML 1Page - Feature Integration Technology Inc. F75133S Datasheet HTML 2Page - Feature Integration Technology Inc. F75133S Datasheet HTML 3Page - Feature Integration Technology Inc. F75133S Datasheet HTML 4Page - Feature Integration Technology Inc. F75133S Datasheet HTML 5Page - Feature Integration Technology Inc. F75133S Datasheet HTML 6Page - Feature Integration Technology Inc. F75133S Datasheet HTML 7Page - Feature Integration Technology Inc. F75133S Datasheet HTML 8Page - Feature Integration Technology Inc. F75133S Datasheet HTML 9Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
2007
V0.28P
-1-
F75133
1. General Description
The F75133S is a “Loading Gauge IC”. Loading detection and current monitor are the major applications
of the F75133S. The F75133S is following the PWM signal change of duty cycle to react related functions for
user application. For instance, the F75133S can be used to sense CPU loading for FAN speed control to cool
down the temperature of CPU surface. It also can be used to implement Over/Under-Clocking and
Over/Under-Voltage (Vcore) with higher performance/Lower power consumption. Anyway, the F75133S can be
implemented by user differential application.
In the past, if engineer would like to measure the parts consumption. He could connect a resistance
between power and parts, and then they detected ∆V and capitalized the value to understand the loading
condition. Although the method is convenient and needs just a cheap resistance, but some of the accuracy
issues and power consumption problem will be the critical points. For example, the resistance will cause more
consumption and heat questions if the end-equipment needs mass current to implement. Depends on these
problems, more accuracy and more efficiency sensor chip is necessary. The F75133S will handle previous
trouble.
The F75133S supports automatic PWM duty cycle detection, follows the result of detection to issue
TURBO#、FAULT# and PME# signals for end-application, provides I2C interface for communication, the
programmable Cycle-Length of detection rise the measurement accuracy.
The F75133S is packaged in 8-pin SOP and powered by 3.3V.
2. Feature List
Automatic PWM Duty Cycle Detect
Follows the Result of Detection to Issue TURBO#、FAULT# and PME# Signals for End-application
Programmable Cycle-Length of Detection for Flexible Use and Accuracy
4 Steps 5 Stages Over-Clocking Machine
Un-Hysteresis Function for CPU Over/Under-Clocking/Voltage Implementation
Internal Oscillator for System Implement.
2-Wire I2C Interface
3.3V operation voltage.
8-pin SOP package.
3. Key Specification
Supply Voltage
3.0V to 3.6V
Operating Supply Current
2 mA typ.
Noted: Patented TWI235553


Similar Part No. - F75133S

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
F7511 ITF-F7511 Datasheet
167Kb / 7P
   SAW Bandpass Filter F7511
logo
Feature Integration Tec...
F75111 FINTEK-F75111 Datasheet
966Kb / 45P
   Low Power GPIO Datasheet
F75111N FINTEK-F75111N Datasheet
966Kb / 45P
   Low Power GPIO Datasheet
F75111R FINTEK-F75111R Datasheet
966Kb / 45P
   Low Power GPIO Datasheet
F75111RG FINTEK-F75111RG Datasheet
966Kb / 45P
   Low Power GPIO Datasheet
More results

Similar Description - F75133S

ManufacturerPart #DatasheetDescription
logo
Rohm
BH6578FVM ROHM-BH6578FVM Datasheet
21Kb / 2P
   1- channel loading driver IC
logo
Texas Instruments
BQ2010 TI1-BQ2010_15 Datasheet
1Mb / 26P
[Old version datasheet]   Gas Gauge IC
BQ2010 TI-BQ2010 Datasheet
185Kb / 20P
[Old version datasheet]   Gas Gauge IC
BQ2052 TI1-BQ2052_15 Datasheet
629Kb / 20P
[Old version datasheet]   Gas Gauge IC
logo
Maxim Integrated Produc...
DS2780 MAXIM-DS2780_09 Datasheet
492Kb / 31P
   Standalone Fuel Gauge IC
5/09
logo
Sanyo Semicon Device
LA2655V SANYO-LA2655V Datasheet
42Kb / 4P
   Clear Sound Control IC Loading Plus Sound Algorithm
logo
List of Unclassifed Man...
BQ2050SN-D119 ETC-BQ2050SN-D119 Datasheet
235Kb / 21P
   Lithium Ion Power Gauge IC
logo
Maxim Integrated Produc...
DS2782 MAXIM-DS2782 Datasheet
291Kb / 25P
   Stand-Alone Fuel Gauge IC
REV: 042505
DS2782 MAXIM-DS2782_09 Datasheet
452Kb / 28P
   Stand-Alone Fuel Gauge IC
5/09
logo
Texas Instruments
BQ2050 TI-BQ2050 Datasheet
235Kb / 21P
[Old version datasheet]   Lithium Ion Power Gauge??IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com