Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F72815 Datasheet(PDF) 7 Page - Feature Integration Technology Inc.

Part # F72815
Description  Synchronous Buck PWM DC-DC Controller with External Reference Voltage Input
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F72815 Datasheet(HTML) 7 Page - Feature Integration Technology Inc.

Back Button F72815 Datasheet HTML 3Page - Feature Integration Technology Inc. F72815 Datasheet HTML 4Page - Feature Integration Technology Inc. F72815 Datasheet HTML 5Page - Feature Integration Technology Inc. F72815 Datasheet HTML 6Page - Feature Integration Technology Inc. F72815 Datasheet HTML 7Page - Feature Integration Technology Inc. F72815 Datasheet HTML 8Page - Feature Integration Technology Inc. F72815 Datasheet HTML 9Page - Feature Integration Technology Inc. F72815 Datasheet HTML 10Page - Feature Integration Technology Inc. F72815 Datasheet HTML 11Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
F72815
Aug, 2007
V0.14
-4-
F72815
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
POWER-ON RESET
Rising VCC threshold
4.1
4.4
V
Falling VCC threshold
3.6
3.75
V
OSCILLATOR AND Protection
Free running frequency
FOSC
250
300
350
kHz
Ramp Amplitude
VOSC
1.5
VP-P
FB Under Voltage Trip
FB Falling
0.48
0.5
0.52
V
OCSET Current Source
IOCSET
35
40
45
uA
Soft-start interval
TSS
1
3
6
ms
Dead time
TDT
2V to 2V
20
100
ns
PWM CONTROLLER GATE DRIVERS
Upper Drive Source
RUGATE
VDS = 1V, VGS = 12V,
5
10
Upper Drive Sink
RUGATE
VDS = 1V, VGS = 12V
4
8
Lower Drive Source
RLGATE
VDS = 1V, VGS = 12V
4
8
Lower Drive Sink
RLGATE
VDS = 1V, VGS = 12V
3
5
Error Amplifier
E/A Transconductance
gm
2.5
u A/V
DC Gain
A0
85
*
dB
: Design Guarantee


Similar Part No. - F72815

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F72814 FINTEK-F72814 Datasheet
486Kb / 16P
   Synchronous Buck PWM DC-DC Controller
F72814SG FINTEK-F72814SG Datasheet
486Kb / 16P
   Synchronous Buck PWM DC-DC Controller
More results

Similar Description - F72815

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F72820 FINTEK-F72820 Datasheet
508Kb / 18P
   Synchronous Buck PWM DC-DC Controller
logo
Diodes Incorporated
AP2014 DIODES-AP2014 Datasheet
405Kb / 13P
   SYNCHRONOUS PWM DC-DC BUCK CONTROLLER
DS30883 Rev. 1 - 0
logo
Feature Integration Tec...
F72814 FINTEK-F72814 Datasheet
486Kb / 16P
   Synchronous Buck PWM DC-DC Controller
logo
Fitipower Integrated Te...
FP6329 FITIPOWER-FP6329 Datasheet
699Kb / 16P
   Synchronous Buck PWM DC-DC Controller
logo
Richtek Technology Corp...
RT9202B RICHTEK-RT9202B Datasheet
197Kb / 14P
   Single Synchronous Buck PWM DC-DC Controller
RT9202 RICHTEK-RT9202_07 Datasheet
197Kb / 14P
   Single Synchronous Buck PWM DC-DC Controller
RT9202 RICHTEK-RT9202 Datasheet
149Kb / 16P
   SINGLE SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
logo
Diodes Incorporated
AP3583 DIODES-AP3583 Datasheet
738Kb / 12P
   SINGLE PHASE SYNCHRONOUS BUCK PWM CONTROLLER WITH REFERENCE INPUT
November 2018 Rev. 3- 2
logo
BCD Semiconductor Manuf...
AP3583,A BCDSEMI-AP3583,A Datasheet
629Kb / 13P
   Single Phase Synchronous Buck PWM Controller With Reference Input
logo
Excelliance MOS Corp.
EM5302 EXCELLIANCE-EM5302 Datasheet
402Kb / 11P
   5V/12V Synchronous Buck PWM Controller with Reference Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com