Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F71612R Datasheet(PDF) 8 Page - Feature Integration Technology Inc.

Part # F71612R
Description  USB CIR Chip for Vista
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F71612R Datasheet(HTML) 8 Page - Feature Integration Technology Inc.

Back Button F71612R Datasheet HTML 4Page - Feature Integration Technology Inc. F71612R Datasheet HTML 5Page - Feature Integration Technology Inc. F71612R Datasheet HTML 6Page - Feature Integration Technology Inc. F71612R Datasheet HTML 7Page - Feature Integration Technology Inc. F71612R Datasheet HTML 8Page - Feature Integration Technology Inc. F71612R Datasheet HTML 9Page - Feature Integration Technology Inc. F71612R Datasheet HTML 10Page - Feature Integration Technology Inc. F71612R Datasheet HTML 11Page - Feature Integration Technology Inc. F71612R Datasheet HTML 12Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Dec., 2007
V0.22P
-5-
F71612
Table 6-2 Configuration Descriptor
offset
Field
size
Value
0
BLength
1
0x09
1
bDescriptor Type
1
0x04
2
wInterfaceNumber
1
0x00
3
bAlternateSetting
1
0x00
4
bNumEndpoints
1
0x02
5
bInterfaceClass
1
0xff
6
bInterfaceSubClass
1
0xff
7
bInterfaceProtocol
1
0xff
8
IInterface
1
0x00
Table 6-3 Interface Descriptor
offset
Field
size
Value
0
BLength
1
0x07
1
bDescriptor Type
1
0x05
2
bEndpointAddress
1
0x81
3
BmAttributes
1
0x02
4
wMaxPacketSize
2
0x0010
6
BInterval
1
0x00
Table 6-4 In Endpoint Descriptor
offset
Field
size
Value
0
BLength
1
0x07
1
bDescriptor Type
1
0x05
2
bEndpointAddress
1
0x01
3
BmAttributes
1
0x02
4
wMaxPacketSize
2
0x0010
6
BInterval
1
0x00
Table 6-5 Out Endpoint Descriptor
The string table 1 is about manufacturer information, its’ contents is “FINTEK”, the string table 2
is about Product information, its contents is “eHome Infrared Transceiver. The string table 3 is about
serial number information, its contents is “88636562727801”.
In power function, The F71612 supports remote-wakeup function for USB interface, when PC
system into S3 state. The F71612 decodes IR protocol is the same power key of remote control. The
F71612 is asserted USB interface to wakeup PC system.
The F71612 is compatible for Microsoft Windows Vista IR Receiver or Transceiver Emulation
Device. The F71612 support Microsoft Compatible Device Descriptor and Extended Compact ID
Descriptor are used to tell the host what type of device the emulation is. Vista Emulation Device
driver transmits command over out endpoint1 and device return information over in endpoint1. About
descriptor and command information, reference Microsoft Windows Vista IR Receiver or Transceiver


Similar Part No. - F71612R

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F71612A FINTEK-F71612A Datasheet
475Kb / 17P
   USB CIR Chip with RC6 and QP Protocol
More results

Similar Description - F71612R

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F71610 FINTEK-F71610 Datasheet
368Kb / 15P
   USB CIR Chip for Vista (Receive Only)
F71612A FINTEK-F71612A Datasheet
475Kb / 17P
   USB CIR Chip with RC6 and QP Protocol
F71610A FINTEK-F71610A Datasheet
415Kb / 15P
   USB CIR Chip with RC6 and QP Protocol
logo
Holtek Semiconductor In...
HT82M28A HOLTEK-HT82M28A Datasheet
246Kb / 15P
   3/5-Key USB Vista Tilt Optical Mouse Controller
logo
Tripp Lite. All Rights ...
ER-V2 TRIPPLITE-ER-V2 Datasheet
162Kb / 2P
   RF Remote Control for Windows 7 & Vista
logo
Feature Integration Tec...
F16267 FINTEK-F16267 Datasheet
794Kb / 29P
   8-bit Microcontroller with CIR Receiver
logo
Nanjing Qinheng Microel...
CH9344 WCH-CH9344 Datasheet
74Kb / 3P
   USB Chip
CH9340 WCH-CH9340 Datasheet
121Kb / 4P
   USB Chip
logo
SMSC Corporation
USB2231 SMSC-USB2231 Datasheet
937Kb / 26P
   5th GENERATION HI-SPEED USB FLASH MEDIA AND CIR CONTROLLER WITH INTEGRATED CARD POWER FETs
logo
PHOENIX CONTACT
2884936 PHOENIX-2884936 Datasheet
122Kb / 3P
   Antenna - RAD-ISM-2400-ANT-CIR-8-0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com