Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCW321G Datasheet(PDF) 4 Page - Seoul Semiconductor

Part # FCW321G
Description  Surface-mounted chip LED device
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

FCW321G Datasheet(HTML) 4 Page - Seoul Semiconductor

  FCW321G Datasheet HTML 1Page - Seoul Semiconductor FCW321G Datasheet HTML 2Page - Seoul Semiconductor FCW321G Datasheet HTML 3Page - Seoul Semiconductor FCW321G Datasheet HTML 4Page - Seoul Semiconductor FCW321G Datasheet HTML 5Page - Seoul Semiconductor FCW321G Datasheet HTML 6Page - Seoul Semiconductor FCW321G Datasheet HTML 7Page - Seoul Semiconductor FCW321G Datasheet HTML 8Page - Seoul Semiconductor FCW321G Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Document No. : SSC-QP-7-07-24 (Rev.00)
Rev. 00
Rev. 00
September 2008
September 2008
www.ZLED.com
www.ZLED.com
1. Absolute maximum ratings
2. Electro-Optical Characteristics
-40 ~ 100
T
stg.
Storage Temperature
V
5
V
R
Reverse Voltage
mW
306
P
d
Power Dissipation
-30 ~ 85
T
opr.
Operation Temperature
mA
300
I
FM
*1
Peak Forward Current
mA
90
I
F
Forward Current
Unit
Value
Symbol
Parameter
(Ta=25℃)
*1 IFM conditions: Pulse width Tw≤0.1ms and Duty ratio≤1/10.
(Ta=25℃)
˚
-
120
-
I
F=90㎃
Δ1/2θ
Viewing Angle
0.380
0.330
0.288
I
F=90㎃
Y
0.368
0.330
0.295
I
F=90㎃
X
Chromaticity
Coordinates
lm
-
39.5
-
I
F=90㎃
lm
Luminous Flux
lx@1m
-
12.5
-
lx@0.7m
-
25.5
-
I
F=200㎃
(Flash mode) *3
lx
Illumination
-
17
9
I
F=300㎃
(Peak current mode) *4
-
12.5
7
I
F=200㎃
(Flash mode) *3
cd
13
7
5
I
F=90㎃
I
V
Luminous Intensity *2
V
1.5
-
0.7
I
F(Z)=5mA
V
F(Z)
Zener Voltage
2.7
2.0
I
F=10㎂
2.7
1.7
I
F=1㎂
V
3.8
3.4
2.8
I
F=90㎃
V
F
Forward Voltage
Unit
Max
Typ
Min
Condition
Symbol
Characteristics
*2 The luminous intensity IV is measured at the peak of the spatial pattern which may not be aligned with the mechanical axis of the
LED package.
*3 Flash mode condition is Pulse width Tw = 2sec, Duty ratio = 2 / 7
*4 Peak current mode is Pulse width Tw≤300ms, Duty ratio≤1/10
[Note] ( Tolerance : IV±10%, color coordinate ±0.01, VF ±0.1 )


Similar Part No. - FCW321G

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
FCW320G SEOUL-FCW320G Datasheet
544Kb / 12P
   CHIP LED DEVICE
More results

Similar Description - FCW321G

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
YG202 SEOUL-YG202 Datasheet
277Kb / 13P
   Surface-mounted chip LED device
THBTGFR5210-CE SEOUL-THBTGFR5210-CE Datasheet
1Mb / 15P
   Surface-mounted chip LED device
FR2001H-D SEOUL-FR2001H-D Datasheet
661Kb / 11P
   Surface-mounted chip LED device
YG104-ICH SEOUL-YG104-ICH Datasheet
276Kb / 13P
   Surface-mounted chip LED device
YGFR411-H SEOUL-YGFR411-H_12 Datasheet
308Kb / 13P
   Surface-mounted chip LED device
YGUR302TM SEOUL-YGUR302TM_12 Datasheet
319Kb / 13P
   Surface-mounted chip LED device
YG104-IC1 SEOUL-YG104-IC1_12 Datasheet
276Kb / 13P
   Surface-mounted chip LED device
FR2001H-T SEOUL-FR2001H-T Datasheet
660Kb / 11P
   Surface-mounted chip LED device
HBFR113-S SEOUL-HBFR113-S Datasheet
641Kb / 13P
   Surface-mounted chip LED device
WH2001 SEOUL-WH2001 Datasheet
734Kb / 16P
   Surface-mounted chip LED device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com