Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F50360 Datasheet(PDF) 11 Page - Seoul Semiconductor

Part # F50360
Description  Full color Z-Power LED
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

F50360 Datasheet(HTML) 11 Page - Seoul Semiconductor

Back Button F50360 Datasheet HTML 7Page - Seoul Semiconductor F50360 Datasheet HTML 8Page - Seoul Semiconductor F50360 Datasheet HTML 9Page - Seoul Semiconductor F50360 Datasheet HTML 10Page - Seoul Semiconductor F50360 Datasheet HTML 11Page - Seoul Semiconductor F50360 Datasheet HTML 12Page - Seoul Semiconductor F50360 Datasheet HTML 13Page - Seoul Semiconductor F50360 Datasheet HTML 14Page - Seoul Semiconductor F50360 Datasheet HTML 15Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Rev. 01
Rev. 01
May 2008
May 2008
www.ZLED.com
www.ZLED.com
Document No. : SSC-QP-7-07-24 (Rev.00)
1. Forward Voltage vs. Forward Current, TA=25℃
Forward Current Characteristics
2. Forward Current vs. Normalized Relative Luminous Flux, TA=25℃
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
100
200
300
400
Forward Voltage [V]
Red
Green
Blue
0
100
200
300
400
0.0
0.3
0.6
0.9
1.2
1.5
Forward Current [mA]
Red
Green
Blue


Similar Part No. - F50360

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
F503 IVO-F503 Datasheet
525Kb / 4P
   Totalizers electromechanic
logo
IRC - a TT electronics ...
F503 IRCTT-F503 Datasheet
209Kb / 2P
   U.L. Approved Dual Function Fuse Resistors
logo
TT Electronics.
F503 TTELEC-F503 Datasheet
347Kb / 2P
   Dual Function Fuse Resistors
logo
Baumer IVO GmbH & Co. K...
F503010AA1A IVO-F503010AA1A Datasheet
525Kb / 4P
   Totalizers electromechanic
F503010AA1C IVO-F503010AA1C Datasheet
525Kb / 4P
   Totalizers electromechanic
More results

Similar Description - F50360

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSSM313AT NICHIA-NSSM313AT Datasheet
648Kb / 23P
   FULL COLOR LED
NSSM240AT NICHIA-NSSM240AT Datasheet
527Kb / 18P
   FULL COLOR LED
NSSM232BT NICHIA-NSSM232BT Datasheet
519Kb / 17P
   FULL COLOR LED
NSSM438AT NICHIA-NSSM438AT Datasheet
593Kb / 18P
   FULL COLOR LED
logo
List of Unclassifed Man...
SK6812 ETC1-SK6812 Datasheet
446Kb / 7P
   Full color LED string light, LED full color module
logo
Marl International Limi...
NSSM065 MARL-NSSM065 Datasheet
529Kb / 13P
   FULL COLOR LED
logo
NICHIA CORPORATION
NESM026DT NICHIA-NESM026DT Datasheet
313Kb / 17P
   FULL COLOR LED
NSSM032AT NICHIA-NSSM032AT Datasheet
520Kb / 17P
   FULL COLOR LED
NESM005AT NICHIA-NESM005AT Datasheet
325Kb / 13P
   FULL COLOR LED
NESM026AT NICHIA-NESM026AT Datasheet
422Kb / 13P
   FULL COLOR LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com