Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N7000 Datasheet(PDF) 2 Page - Supertex, Inc

Part # 2N7000
Description  N-Channel Enhancement-Mode Vertical DMOS FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

2N7000 Datasheet(HTML) 2 Page - Supertex, Inc

  2N7000 Datasheet HTML 1Page - Supertex, Inc 2N7000 Datasheet HTML 2Page - Supertex, Inc 2N7000 Datasheet HTML 3Page - Supertex, Inc 2N7000 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
7-6
Symbol
Parameter
Min
Typ
Max
Unit
Conditions
BV
DSS
Drain-to-Source Breakdown Voltage
60
V
I
D = 10µA, VGS = 0V
V
GS(th)
Gate Threshold Voltage
0.8
3.0
V
V
GS = VDS, ID = 1mA
I
GSS
Gate Body Leakage
10
nA
V
GS = ±15V, VDS = 0V
I
DSS
Zero Gate Voltage Drain Current
1
µAV
GS = 0V, VDS = 48V
1mA
V
GS = 0V, VDS = 48V
TA = 125°C
ID(ON)
ON-State Drain Current
75
mA
VGS = 4.5V, VDS = 10V
RDS(ON)
Static Drain-to-Source ON-State Resistance
5.3
VGS = 4.5V, ID = 75mA
RDS(ON)
Static Drain-to-Source ON-State Resistance
5.0
VGS = 10V, ID = 0.5A
GFS
Forward Transconductance
100
m
VDS = 10V, ID = 0.2A
CISS
Input Capacitance
60
COSS
Common Source Output Capacitance
25
pF
CRSS
Reverse Transfer Capacitance
5
t(ON)
Turn-ON Time
10
VDD = 15V, ID = 0.5A,
t(OFF)
Turn-OFF Time
10
RGEN = 25Ω
VSD
Diode Forward Voltage Drop
0.85
V
ISD = 0.2A, VGS = 0V
Notes:
1. All D.C. parameters 100% tested at 25
°C unless otherwise stated. (Pulse test: 300µs pulse, 2% duty cycle.)
2. All A.C. parameters sample tested.
2N7000
Thermal Characteristics
Electrical Characteristics (@ 25
°C unless otherwise specified)
VGS = 0V, VDS = 25V
f = 1 MHz
ns
Switching Waveforms and Test Circuit
90%
10%
90%
90%
10%
10%
PULSE
GENERATOR
V
DD
R
L
OUTPUT
D.U.T.
t
(ON)
t
d(ON)
t
(OFF)
t
d(OFF)
t
F
t
r
INPUT
INPUT
OUTPUT
10V
V
DD
R
gen
0V
0V
Package
ID (continuous)*
ID (pulsed)
Power Dissipation
θ
jc
θ
ja
IDR*IDRM
@ T
C = 25°C
°C/W
°C/W
TO-92
200mA
500mA
1W
125
170
200mA
500mA
* ID (continuous) is limited by max rated Tj.


Similar Part No. - 2N7000

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
2N7000 MOTOROLA-2N7000 Datasheet
77Kb / 4P
   CASE 29-04, STYLE 22 TO-92 (TO-226AA)
logo
SHENZHEN KOO CHIN ELECT...
2N7000 KOOCHIN-2N7000 Datasheet
661Kb / 3P
   MOSFET( N-Channel )
logo
ON Semiconductor
2N7000 ONSEMI-2N7000 Datasheet
57Kb / 4P
   Small Signal MOSFET 200 mAmps, 60 Volts N?묬hannel TO??2 200 mAMPS 60 VOLTS
March, 2007 ??Rev. 6
logo
Fairchild Semiconductor
2N7000 FAIRCHILD-2N7000 Datasheet
116Kb / 7P
   N-Channel Enhancement Mode Field Effect Transistor
logo
NXP Semiconductors
2N7000 PHILIPS-2N7000 Datasheet
76Kb / 12P
   N-channel enhancement mode vertical D-MOS transistor
April 1995
More results

Similar Description - 2N7000

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
VN0104 SUTEX-VN0104 Datasheet
476Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS FET
TN2524 SUTEX-TN2524_07 Datasheet
700Kb / 5P
   N-Channel Enhancement-Mode Vertical DMOS FET
logo
Zetex Semiconductors
VN10LP ZETEX-VN10LP Datasheet
22Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
BSS123 ZETEX-BSS123 Datasheet
45Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN0540A ZETEX-ZVN0540A Datasheet
26Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN1409A ZETEX-ZVN1409A Datasheet
49Kb / 3P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2106G ZETEX-ZVN2106G Datasheet
30Kb / 2P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2110A ZETEX-ZVN2110A Datasheet
87Kb / 3P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4106F ZETEX-ZVN4106F Datasheet
41Kb / 2P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4210A ZETEX-ZVN4210A Datasheet
37Kb / 2P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVNL110A ZETEX-ZVNL110A Datasheet
22Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com