Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HX5002_SMD Datasheet(PDF) 1 Page - HBH Microwave GmbH

Part # HX5002_SMD
Description  4 - 6 GHz Mixer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HBH [HBH Microwave GmbH]
Direct Link  http://www.hbhmw.de/
Logo HBH - HBH Microwave GmbH

HX5002_SMD Datasheet(HTML) 1 Page - HBH Microwave GmbH

  HX5002_SMD Datasheet HTML 1Page - HBH Microwave GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
4 - 6 GHz Mixer
PRELIMINARY
HBH Microwave GmbH, Helmholtzstr 9, 76297 Stutensee, Germany
Internet: http://www.hbhmw.com Email: info@hbhmw.com
Phone +49-7244-6098490
Fax +49-7244-6098489
Date: 02/10/2003
HBH
Microwave GmbH
HX5002/SMD
General Description
The HX5002/SMD is a passive mixer that can be used as an upconverter or downconverter.
The low LO power of +7dBm combined with high isolation makes this device a good choice for
applications in the ISM, cellular and satellite communication bands.
It comes with low cost SMD packaged and works in the temperature range from -40°C to +85°C.
Electrical Performance
Typical Data @25 °C
Parameter
Min
Typ
Max
Units
Frequency Range, RF
4
6
GHz
Frequency Range, LO
4
6
GHz
Frequency Range, IF
DC
1
GHz
Conversion Loss
8
9
dB
LO Power
7
dBm
LO to RF Isolation
20
32
dB
LO to IF Isolation
17
23
dB
Operating Temperature
-40
+85
°C
Package
S101
Size
0.5 x 0.5 x 0.24
inch
Rev. 1.0


Similar Part No. - HX5002_SMD

ManufacturerPart #DatasheetDescription
logo
HBH Microwave GmbH
HX5002 HBH-HX5002 Datasheet
20Kb / 1P
   4 - 6 GHz Mixer
More results

Similar Description - HX5002_SMD

ManufacturerPart #DatasheetDescription
logo
HBH Microwave GmbH
HX5002 HBH-HX5002 Datasheet
20Kb / 1P
   4 - 6 GHz Mixer
HX5001 HBH-HX5001 Datasheet
21Kb / 1P
   4 - 6 GHz Active Mixer
HX5001_SMD HBH-HX5001_SMD Datasheet
19Kb / 1P
   4 - 6 GHz Active Mixer
logo
Qorvo, Inc
CMD177C3 QORVO-CMD177C3 Datasheet
237Kb / 11P
   6-14 GHz Fundamental Mixer
CMD313 QORVO-CMD313 Datasheet
228Kb / 10P
   6-45 GHz Fundamental Mixer
logo
Custom MMIC Design Serv...
CMD313 MMIC-CMD313 Datasheet
228Kb / 10P
   6-45 GHz Fundamental Mixer
CMD177C3 MMIC-CMD177C3 Datasheet
237Kb / 11P
   6-14 GHz Fundamental Mixer
logo
Qorvo, Inc
CMD177 QORVO-CMD177 Datasheet
551Kb / 11P
   6-14 GHz Fundamental Mixer
logo
Custom MMIC Design Serv...
CMD177 MMIC-CMD177 Datasheet
551Kb / 11P
   6-14 GHz Fundamental Mixer
CMD182C4 MMIC-CMD182C4 Datasheet
245Kb / 11P
   6-10 GHz I/Q Mixer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com