Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN3220 Datasheet(PDF) 6 Page - Seoul Semiconductor

Part # AN3220
Description  Acriche series
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

AN3220 Datasheet(HTML) 6 Page - Seoul Semiconductor

Back Button AN3220 Datasheet HTML 2Page - Seoul Semiconductor AN3220 Datasheet HTML 3Page - Seoul Semiconductor AN3220 Datasheet HTML 4Page - Seoul Semiconductor AN3220 Datasheet HTML 5Page - Seoul Semiconductor AN3220 Datasheet HTML 6Page - Seoul Semiconductor AN3220 Datasheet HTML 7Page - Seoul Semiconductor AN3220 Datasheet HTML 8Page - Seoul Semiconductor AN3220 Datasheet HTML 9Page - Seoul Semiconductor AN3220 Datasheet HTML 10Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Rev. 03
Rev. 03
May 2008
May 2008
www.ZLED.com
www.ZLED.com
6
lx
-
220
-
Фl
Illuminance [3]
W
4
PD
Power Dissipation
mA
[RMS]
-
20
-
Iopt
Operating Current
Hz
50 / 60
Freq
Operating Frequency
K
-
6300
-
CCT
Correlated Color Temperature [4]
Max
Typ
Min
-
-
70
195
deg.
110
2Θ 1/2
View Angle
-
-
Ra
CRI
lm
-
ФV [2]
Luminous Flux [1]
Unit
Value
Symbol
Parameter
ºC
125
Tj
Junction Temperature
-
±
2,000V HBM
-
ESD Sensitivity
ºC
-40 ~ +120
Tstg
Storage Temperature
W
7.5
PD
Power Dissipation
ºC
-30 ~ +85
Topr
Operating Temperature
V [RMS]
253/265
vopt [5]
Operating Voltage
Unit
Value
Symbol
Parameter
3. AW3221/AW3231
3-1 Electro-Optical characteristics at 220V/230V Ta=25ºC
3-2 Absolute Maximum Ratings
Characteristics of Acriche
*Notes :
[1] Acriche series maintains a tolerance of ±10% on flux and power measurements.
[2] ФV is the total luminous flux output as measured with an integrated sphere.
[3] Illuminance is measured at 50cm distance
[4] Correlated Color Temperature is derived from the CIE 1931 Chromaticity diagram.
CCT ±5% tester tolerance
[5] ‘Operating Voltage' doesn't indicate the maximum voltage which customers use, but it
means tolerable voltage according to the voltage variation rate by one's country.
It is recommended that the temperature of lead frame should be below 70 ℃.


Similar Part No. - AN3220

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
AN3220 SEOUL-AN3220 Datasheet
673Kb / 22P
   compliantFeaturesApplications?ъ쭊Acriche series
More results

Similar Description - AN3220

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
AX22X4 SEOUL-AX22X4 Datasheet
530Kb / 16P
   Acriche series
AX2200 SEOUL-AX2200 Datasheet
639Kb / 20P
   Acriche series
SAWX4A0X SEOUL-SAWX4A0X Datasheet
1Mb / 22P
   Designing with Acriche A4 Connect using a siple diode bridge directly to AC power
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com