Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TVLD646 Datasheet(PDF) 1 Page - Connor-Winfield Corporation

Part # TVLD646
Description  SURFACE MOUNT 3.3V HCMOS VCTCXO
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

TVLD646 Datasheet(HTML) 1 Page - Connor-Winfield Corporation

  TVLD646 Datasheet HTML 1Page - Connor-Winfield Corporation TVLD646 Datasheet HTML 2Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE.
AURORA, IL 60505.
FAX (630) 851-5040.
PHONE (630) 851-4722.
WWW.CONWIN.COM
PRODUCT
DA TA
SHEET
CRYSTAL CONTROLLED OSCILLATORS
The Connor-Winfield TVLD646 is
a Surface Mount Temperature
Compensated Crystal Oscillator
(TCXO). Operating at 3.3Vdc,
the TVLD646 will maintain
±4.6ppm frequency tolerance
over 20 years. The TVLD646 is
offered in a surface mount
package for automated
assembly.
1
2
TVLD646 - 10.0MHz
TCXO
SERIES
CENTER
FREQUENCY
FEATURES
DESCRIPTION
ORDERING INFORMATION
3.3V OPERATION
OVERALL FREQUENCY TOLERANCE:
±4.6ppm OVER 20 YEARS.
TEMPERATURE RANGE: -40 to 85°C
LOW JITTER <1pS RMS
SURFACE MOUNT PACKAGE
TAPE AND REEL PACKAGING
RoHS COMPLIANT / LEAD FREE
SURFACE MOUNT 3.3V HCMOS VCTCXO
TVLD646
Tx161
00
09/11/06
Specifications subject to change without notice.
DATASHEET #:
REV:
DATE:
PAGE
OF
Copyright 2001 Connor-Winfield all rights reserved.
a
CW
0636
TVLD646
10.00M
ABSOL UTE M AXIMUM RATING S
TABLE 1.0
PARAMETER
UNITS
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Storage Temperature
-40
-
85
°C
Supply Voltage
(Vcc)
-0.5
-
4.6
Vdc
Control Voltage
(Vc)
-0.5
-
4.6
Vdc
OPERATING SPECIFIC ATIONS
TABLE 2.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Frequency Range
(Fo)
6.4
-
156.25
MHz
Total Frequency Tolerance
-4.6
-
4.6
ppm
1
Operating Temperature Range
-40
-
85
°C
Supply Voltage
(Vcc)
3.135
3.3
3.465
Vdc
Supply Current
(Icc)
-
9
20
mA
Jitter (BW=10Hz to 20MHz)
-
-
5
ps rms
Jitter (BW=12kHz to 20MHz)
-
-
1
ps rms
SSB Phase Noise at 10Hz offset
-
-65
-
dBc/Hz
SSB Phase Noise at 100Hz offset
-
-95
-
dBc/Hz
SSB Phase Noise at 1KHz offset
-
-125
-
dBc/Hz
SSB Phase Noise at 10KHz offset
-
-135
-
dBc/Hz
SSB Phase Noise at 100KHz offset
-
-145
-
dBc/Hz
INPUT CHARACTERISTICS
TABLE 3.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Control Voltage
(Vc)
0.3
1.65
3.0
Vdc
Frequency Pullability
±10
-
-
ppm
2
Frequency Adjust Linearity
-15
-
15
%
Input Impedance
10k
-
-
Ohm
LVCMOS OUTPUT CHARACTERISTICS
TABLE 4.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
LOAD
-
-
15
pF
Voltage
(High)
(Voh)
2.0
-
-
Vdc
(Low)
(Vol)
-
-
0.4
Vdc
Current
(High)
(Ioh)
-8
-
-
mA
(Low)
(Ioh)
-
-
8
mA
Duty Cycle at 50% of Vcc
45
50
55
%
Rise / Fall Time 10% to 90%
-
3
5
nS
PROCESS RECOMMENDATIONS
TABLE 6.0
Soldering Process
See solder profile page 2.
Wash
Ultrasonic cleaning is not recommended.
Note:
1) Inclusive of calibration, frequency vs. temperature stab ility, supply voltage change, load
change, shock and vibration and agin g for 10 years.
2) Positive Slope.
PACKAG E CHARACTERISTICS
TABLE 5.0
Package
Non-hermetic package consisting of an FR4 substrate with grounded metal
cover.


Similar Part No. - TVLD646

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
TVLD546 CONNOR-WINFIELD-TVLD546 Datasheet
94Kb / 2P
   SURFACE MOUNT 3.3V LVCMOS VCTCXO
TVLD546-077.76M CONNOR-WINFIELD-TVLD546-077.76M Datasheet
94Kb / 2P
   SURFACE MOUNT 3.3V LVCMOS VCTCXO
TVLD746 CONNOR-WINFIELD-TVLD746 Datasheet
185Kb / 2P
   SURFACE MOUNT 3.3V HCMOS VCTCXO
TVLD746-77.76M CONNOR-WINFIELD-TVLD746-77.76M Datasheet
185Kb / 2P
   SURFACE MOUNT 3.3V HCMOS VCTCXO
More results

Similar Description - TVLD646

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
TVLB546 CONNOR-WINFIELD-TVLB546 Datasheet
186Kb / 2P
   SURFACE MOUNT 3.3V HCMOS VCTCXO
TVLD746 CONNOR-WINFIELD-TVLD746 Datasheet
185Kb / 2P
   SURFACE MOUNT 3.3V HCMOS VCTCXO
logo
Fox Electronics
FOX801BHCLF FOX-FOX801BHCLF Datasheet
231Kb / 2P
   3.3V, HCMOS, VCTCXO
logo
Connor-Winfield Corpora...
TVHB546 CONNOR-WINFIELD-TVHB546 Datasheet
189Kb / 2P
   SURFACE MOUNT 5.0V HCMOS VCTCXO
TVLD546 CONNOR-WINFIELD-TVLD546 Datasheet
94Kb / 2P
   SURFACE MOUNT 3.3V LVCMOS VCTCXO
TFLD546EG5 CONNOR-WINFIELD-TFLD546EG5 Datasheet
184Kb / 2P
   SURFACE MOUNT 3.3V HCMOS TCXO
TFLD546 CONNOR-WINFIELD-TFLD546 Datasheet
180Kb / 2P
   SURFACE MOUNT 3.3V HCMOS TCXO
TFLD546G CONNOR-WINFIELD-TFLD546G Datasheet
184Kb / 2P
   SURFACE MOUNT 3.3V HCMOS TCXO
TFLD546E CONNOR-WINFIELD-TFLD546E Datasheet
180Kb / 2P
   SURFACE MOUNT 3.3V HCMOS TCXO
TFLD546E2 CONNOR-WINFIELD-TFLD546E2 Datasheet
179Kb / 2P
   SURFACE MOUNT 3.3V HCMOS TCXO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com