Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA6013 Datasheet(PDF) 1 Page - HBH Microwave GmbH

Part # HA6013
Description  17.0 - 18.0 GHz High Power Amplifier
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HBH [HBH Microwave GmbH]
Direct Link  http://www.hbhmw.de/
Logo HBH - HBH Microwave GmbH

HA6013 Datasheet(HTML) 1 Page - HBH Microwave GmbH

  HA6013 Datasheet HTML 1Page - HBH Microwave GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
17.0 – 18.0 GHz High Power Amplifier
HBH Microwave GmbH, Helmholtzstr 9, 76297 Stutensee, Germany
Internet: http://www.hbhmw.com Email: info@hbhmw.com
Phone +49-7244-6098490
Fax +49-7244-6098489
Date: 03/08/2005
HBH
Microwave GmbH
HA6013
General Description
The HA6013 is a high power amplifier for applications in Ku-Band.
The moderate gain and high output power makes this device an ideal choice as a high power
amplifier for transmitters in the frequency range from 17.0GHz to 18.0GHz.
Optional higher gain, protection circuits, temperature and output power monitor available.
The device operates from –10°C to +50°C.
Electrical Performance
Data @25 °C
Parameter
Min
Typ
Max
Units
Frequency Range
17.0
18.0
GHz
Gain
20.0
dB
Gain Flatness
± 1.0
dB
Power Output@Psat
39
dBm
Input Reflection
-10
dB
Output Reflection
-10
dB
Temperature Range
-20
+50
°C
DC Voltage
+12.0
V
DC Current
8.0
A
Package
145mm x 105mm x 30mm
Rev. 1.0
Base Plate Temperature <50°C required


Similar Part No. - HA6013

ManufacturerPart #DatasheetDescription
logo
HBH Microwave GmbH
HA6010 HBH-HA6010 Datasheet
25Kb / 1P
   14.0 - 16.0 GHz High Power Amplifier
HA6011 HBH-HA6011 Datasheet
25Kb / 1P
   8.0 - 12.0 GHz High Power Amplifier
HA6011 HBH-HA6011 Datasheet
25Kb / 1P
   8.0 - 12.0 GHz High Power Amplifier
HA6011 HBH-HA6011 Datasheet
25Kb / 1P
   8.0 - 12.0 GHz High Power Amplifier
HA6011 HBH-HA6011_1 Datasheet
25Kb / 1P
   8.0 - 12.0 GHz High Power Amplifier
More results

Similar Description - HA6013

ManufacturerPart #DatasheetDescription
logo
HBH Microwave GmbH
HA6014 HBH-HA6014 Datasheet
30Kb / 1P
   17.0 - 18.0 GHz Power Amplifier
logo
Excelics Semiconductor,...
EMP207 EXCELICS-EMP207 Datasheet
164Kb / 3P
   17.0 - 20.0 GHz Power Amplifier MMIC
EMP209 EXCELICS-EMP209 Datasheet
184Kb / 3P
   17.0 - 20.0 GHz Power Amplifier MMIC
logo
Mimix Broadband
XP1019-BD MIMIX-XP1019-BD Datasheet
734Kb / 8P
   17.0-24.0 GHz GaAs MMIC Power Amplifier
logo
HBH Microwave GmbH
HA6012 HBH-HA6012 Datasheet
25Kb / 1P
   2.0 - 18.0 GHz Broadband High Power Amplifier
logo
Mimix Broadband
XP1009 MIMIX-XP1009 Datasheet
145Kb / 6P
   17.0-21.0 GHz GaAs MMIC Power Amplifier
XP1021-BD MIMIX-XP1021-BD Datasheet
245Kb / 7P
   17.0-22.0 GHz GaAs MMIC Power Amplifier
XP1013 MIMIX-XP1013 Datasheet
1Mb / 7P
   17.0-26.0 GHz GaAs MMIC Power Amplifier
XP1000 MIMIX-XP1000 Datasheet
995Kb / 6P
   17.0-24.0 GHz GaAs MMIC Power Amplifier
18MPA0567 MIMIX-18MPA0567 Datasheet
133Kb / 7P
   17.0-22.0 GHz GaAs MMIC Power Amplifier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com