Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6225A20AMR-G Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC6225A20AMR-G
Description  30mA High Speed LDO Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6225A20AMR-G Datasheet(HTML) 1 Page - Torex Semiconductor

  XC6225A20AMR-G Datasheet HTML 1Page - Torex Semiconductor XC6225A20AMR-G Datasheet HTML 2Page - Torex Semiconductor XC6225A20AMR-G Datasheet HTML 3Page - Torex Semiconductor XC6225A20AMR-G Datasheet HTML 4Page - Torex Semiconductor XC6225A20AMR-G Datasheet HTML 5Page - Torex Semiconductor XC6225A20AMR-G Datasheet HTML 6Page - Torex Semiconductor XC6225A20AMR-G Datasheet HTML 7Page - Torex Semiconductor XC6225A20AMR-G Datasheet HTML 8Page - Torex Semiconductor XC6225A20AMR-G Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1/15
XC6225 Series
30mA High Speed LDO Regulator
■TYPICAL APPLICATION CIRCUIT
■APPLICATIONS
Cellular phones
Cordless phones,
Wireless communication equipment
Portable games
Cameras, VCRs
Portable AV equipment
PDAs
■GENERAL DESCRIPTION
The XC6225 series is a high accuracy, low noise, and low dropout CMOS LDO regulator. The series includes a
reference voltage source, an error amplifier, a driver transistor, a current limiter, and a phase compensation circuit.
The CE function enables the entire circuit to be turned off by a low level input signal to the CE pin. In this stand-by
state, the XC6225B series can discharge the electric charge stored at the output capacitor through the internal
auto-discharge switch, and as a result the VOUT pin quickly returns to the VSS level. The output stabilization capacitor
(CL) is also compatible with low ESR ceramic capacitors. Output voltage is selectable in 0.05V increments within a
range of 0.8V~5.0V. The current limit fold-back circuit works as a short circuit protection as well as the output current
limiter. The series achieves a fast response with only 25μA of low power consumption. The current limit is set to
50mA (TYP.) so that the device is optimized to protect the circuit from over-current. It is ideally suited for applications
requiring 30 mA or less.
A small USP-4 package makes high density mounting possible.
ETR0342-002
■FEATURES
Output Current
: 30mA <50mA (TYP.) Limit>
Dropout Voltage
: 70mV@ IOUT=30mA, VOUT=3.2V
Operating Voltage Range
: 2.5V ~ 6.0V
: 0.8V~5.0V (0.05V increments)
Output Voltage Range
Accuracy
Low Power Consumption
Stand-by Current
: +2% (VOUT>1.5V)
+0.03V (VOUT≦1.45V)
: 25μA (TYP.)
: Less than 0.1μA
High Ripple Rejection
: 70dB @ 1kHz
Operating Temperature
Range
: -40℃~+85℃
Output Capacitor
: 1.0μF ceramic capacitor
CL High-Speed Auto-Discharge (XC6225B)
Low Output Noise
Packages
: USP-4, SOT-25
SSOT-24 (under development)


Similar Part No. - XC6225A20AMR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6220 TOREX-XC6220 Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
XC6220A TOREX-XC6220A Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
XC6220A081ER TOREX-XC6220A081ER Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
XC6220A081ER-G TOREX-XC6220A081ER-G Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
XC6220A081MR TOREX-XC6220A081MR Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
More results

Similar Description - XC6225A20AMR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6211 TOREX-XC6211 Datasheet
197Kb / 15P
   High Speed LDO Regulator
logo
Holtek Semiconductor In...
HT7121-3 HOLTEK-HT7121-3 Datasheet
1Mb / 15P
   30mA TinyPowerTM LDO
logo
Cystech Electonics Corp...
LM6219-33N5 CYSTEKEC-LM6219-33N5 Datasheet
353Kb / 9P
   300mA High Speed LDO Regulator,
logo
Torex Semiconductor
XCM406 TOREX-XCM406_15 Datasheet
1Mb / 20P
   High Speed Dual LDO Regulator
logo
Cystech Electonics Corp...
LM6219-3.3N5 CYSTEKEC-LM6219-3.3N5 Datasheet
450Kb / 9P
   300mA High Speed LDO Regulator
logo
Holtek Semiconductor In...
HT71XX-2 HOLTEK-HT71XX-2 Datasheet
1Mb / 15P
   30mA Low Power LDO
HT71XX-1 HOLTEK-HT71XX-1 Datasheet
158Kb / 14P
   30mA Low Power LDO
logo
Torex Semiconductor
XCM406 TOREX-XCM406_12 Datasheet
1Mb / 20P
   700mA High Speed Dual LDO Regulator
XCM406-12 TOREX-XCM406-12 Datasheet
1Mb / 20P
   700mA High Speed Dual LDO Regulator
XCM406 TOREX-XCM406 Datasheet
1Mb / 20P
   High Current High Speed Dual LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com