Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFLD546EG Datasheet(PDF) 2 Page - Connor-Winfield Corporation

Part # TFLD546EG
Description  SURFACE MOUNT 3.3V HCMOS TCXO
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

TFLD546EG Datasheet(HTML) 2 Page - Connor-Winfield Corporation

  TFLD546EG Datasheet HTML 1Page - Connor-Winfield Corporation TFLD546EG Datasheet HTML 2Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
2
Tx154
00
06/23/06
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE.
AURORA, IL 60505.
FAX (630) 851-5040.
PHONE (630) 851-4722.
WWW.CONWIN.COM
PRODUCT
DA TA
SHEET
Specifications subject to change without notice.
DATASHEET #:
REV:
DATE:
PAGE
OF
Copyright 2001 Connor-Winfield all rights reserved.
a
CRYSTAL CONTROLLED OSCILLATORS
90%
10%
KEEP OUT
AREA
.555
(14.10mm)
.375
(9.52mm)
Pin
Connection
1
Enable / Disable
2
N/C
3
Ground
4
Output
5
N/C
6
Vcc
Dimensional Tolerance:
±.005 (.127mm)
1
2
3
4
5
6
.210 MAX
(5.33mm)
120°C
150°C
180°C
260°C
0
220°C
360 Sec. Max.
120 S
Max.
10 S
60 S
Max.
Time
Temperature
260°C
Package Layout
Suggested Pad Layout
Test Circuit
Pin Connections
E/D
N/C
N/C
3.3Vdc
1
2
3
6
5
4
Output Waveform
Reflow Profile


Similar Part No. - TFLD546EG

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
TFLD546EG5 CONNOR-WINFIELD-TFLD546EG5 Datasheet
184Kb / 2P
   SURFACE MOUNT 3.3V HCMOS TCXO
TFLD546EG5-40.00M CONNOR-WINFIELD-TFLD546EG5-40.00M Datasheet
184Kb / 2P
   SURFACE MOUNT 3.3V HCMOS TCXO
More results

Similar Description - TFLD546EG

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
TFLD546EG5 CONNOR-WINFIELD-TFLD546EG5 Datasheet
184Kb / 2P
   SURFACE MOUNT 3.3V HCMOS TCXO
TFLD546 CONNOR-WINFIELD-TFLD546 Datasheet
180Kb / 2P
   SURFACE MOUNT 3.3V HCMOS TCXO
TFLD546G CONNOR-WINFIELD-TFLD546G Datasheet
184Kb / 2P
   SURFACE MOUNT 3.3V HCMOS TCXO
TFLD546E CONNOR-WINFIELD-TFLD546E Datasheet
180Kb / 2P
   SURFACE MOUNT 3.3V HCMOS TCXO
TFLD546E2 CONNOR-WINFIELD-TFLD546E2 Datasheet
179Kb / 2P
   SURFACE MOUNT 3.3V HCMOS TCXO
TFLD646 CONNOR-WINFIELD-TFLD646 Datasheet
176Kb / 2P
   SURFACE MOUNT 3.3V HCMOS TCXO
TFLF6755 CONNOR-WINFIELD-TFLF6755 Datasheet
183Kb / 2P
   SURFACE MOUNT 3.3V HCMOS TCXO
TFLB546E CONNOR-WINFIELD-TFLB546E Datasheet
184Kb / 2P
   SURFACE MOUNT 3.3V HCMOS TCXO with TRI-STATE OUTPUT
T501 CONNOR-WINFIELD-T501 Datasheet
65Kb / 2P
   3.3V Surface Mount 5x7mm Stratum 3 HCMOS TCXO T501
TFLB530E CONNOR-WINFIELD-TFLB530E Datasheet
131Kb / 2P
   SURFACE MOUNT 3.3V HCMOS TCXO with TRI-STATE OUTPUT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com