Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1469IDF-TRPBF Datasheet(PDF) 7 Page - Linear Technology

Part # LT1469IDF-TRPBF
Description  Dual 90MHz, 22V/關s 16-Bit Accurate Operational Amplifi er
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1469IDF-TRPBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1469IDF-TRPBF Datasheet HTML 3Page - Linear Technology LT1469IDF-TRPBF Datasheet HTML 4Page - Linear Technology LT1469IDF-TRPBF Datasheet HTML 5Page - Linear Technology LT1469IDF-TRPBF Datasheet HTML 6Page - Linear Technology LT1469IDF-TRPBF Datasheet HTML 7Page - Linear Technology LT1469IDF-TRPBF Datasheet HTML 8Page - Linear Technology LT1469IDF-TRPBF Datasheet HTML 9Page - Linear Technology LT1469IDF-TRPBF Datasheet HTML 10Page - Linear Technology LT1469IDF-TRPBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LT1469
7
1469fa
TYPICAL PERFORMANCE CHARACTERISTICS
Distribution of Input Offset
Voltage
Distribution of Inverting Input
Bias Current
Supply Current vs Supply Voltage
and Temperature
Input Noise Spectral Density
0.1Hz to 10Hz Voltage Noise
Total Noise vs Unmatched
Source Resistance
Input Bias Current
vs Temperature
Input Bias Current
vs Input Common Mode Voltage
Input Common Mode Range
vs Supply Voltage
INPUT OFFSET VOLTAGE (μV)
–175 –125 –75
–25
25
75
125
175
50
40
30
20
10
0
1469 G01
VS = ±15V
TA = 25°C
INVERTING INPUT BIAS CURRENT (nA)
–10 –7.5
–5
–2.5
0
2.5
5
7.5
10
40
30
20
10
0
1469 G02
VS = ±15V
TA = 25°C
SUPPLY VOLTAGE (±V)
0
1469 G03
5
10
15
20
6
5
4
3
2
1
85°C
25°C
–40°C
FREQUENCY (Hz)
1
1
100
1000
10
100
1k
10k
100k
1469 G04
10
0.01
1
in
en
10
0.1
VS = ±15V
TA = 25°C
AV = 101
RS = 100k FOR in
TIME (1s/DIV)
1469 G05
VS = ±15V
TA = 25°C
SOURCE RESISTANCE, RS (Ω)
1
10
10
1k
10k
100k
1469 G06
0.1
100
100
VS = ±15V
TA = 25°C
f = 10kHz
TOTAL
NOISE
RESISTOR
NOISE ONLY
RS
+
TEMPERATURE (°C)
–50
0
10
IB
IB
+
30
25
75
1469 G07
–10
–20
–25
0
50
100
125
–30
–40
20
VS = ±15V
INPUT COMMON MODE VOLTAGE (V)
–15
–20
0
20
0
10
1469 G08
–40
–60
–80
–10
–5
5
40
IB
IB
+
60
80
15
VS = ±15V
TA = 25°C
SUPPLY VOLTAGE (±V)
0
V
1.0
2.0
–2.0
3
6
912
1469 G09
15
–1.0
0.5
1.5
–1.5
V+
–0.5
18
TA = 25°C
ΔVOS < 100μV


Similar Part No. - LT1469IDF-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1469IDF-2-PBF LINER-LT1469IDF-2-PBF Datasheet
190Kb / 12P
   Dual 200MHz, 30V/關s 16-Bit Accurate AV ??2 Op Amp
LT1469IDF-2-TRPBF LINER-LT1469IDF-2-TRPBF Datasheet
190Kb / 12P
   Dual 200MHz, 30V/關s 16-Bit Accurate AV ??2 Op Amp
More results

Similar Description - LT1469IDF-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1468 LINER-LT1468_1 Datasheet
215Kb / 16P
   90MHz, 22V/關s 16-Bit Accurate Operational Amplifi er
LT1469 LINER-LT1469_15 Datasheet
2Mb / 20P
   Dual 90MHz, 22V/s 16-Bit Accurate Operational Amplifier
LT1468 LINER-LT1468_15 Datasheet
228Kb / 16P
   90MHz, 22V/s 16-Bit Accurate Operational Amplifier
LT1469 LINER-LT1469 Datasheet
179Kb / 12P
   Dual 90MHz, 22V/us 16-Bit Accurate Operational Amplifier
LT1468 LINER-LT1468_09 Datasheet
223Kb / 16P
   16-Bit Accurate Operational Amplifi er
LT1468 LINER-LT1468 Datasheet
304Kb / 12P
   90MHz, 22V/us 16-Bit Accurate Operational Amplifier
RH1814 LINER-RH1814 Datasheet
120Kb / 2P
   Dual 3mA, 100MHz, 750V/關s Operational Amplifi er
RH1814 LINER-RH1814_15 Datasheet
130Kb / 2P
   Dual 3mA, 100MHz, 750V/s Operational Amplifi er
LT1469-2 LINER-LT1469-2_15 Datasheet
201Kb / 12P
   Dual 200MHz, 30V/s 16-Bit Accurate
LT1812 LINER-LT1812_15 Datasheet
250Kb / 16P
   3mA, 100MHz, 750V/s Operational Amplifi er with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com