Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1461CCS8-5 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1461CCS8-5
Description  Micropower Precision Low Dropout Series Voltage Reference Family
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1461CCS8-5 Datasheet(HTML) 1 Page - Linear Technology

  LT1461CCS8-5 Datasheet HTML 1Page - Linear Technology LT1461CCS8-5 Datasheet HTML 2Page - Linear Technology LT1461CCS8-5 Datasheet HTML 3Page - Linear Technology LT1461CCS8-5 Datasheet HTML 4Page - Linear Technology LT1461CCS8-5 Datasheet HTML 5Page - Linear Technology LT1461CCS8-5 Datasheet HTML 6Page - Linear Technology LT1461CCS8-5 Datasheet HTML 7Page - Linear Technology LT1461CCS8-5 Datasheet HTML 8Page - Linear Technology LT1461CCS8-5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1461
Micropower Precision
Low Dropout Series
Voltage Reference Family
s
Trimmed to High Accuracy: 0.04% Max
s
Low Drift: 3ppm/
°C Max
s
Low Supply Current: 50
µA Max
s
Temperature Coefficient Guaranteed to 125
°C
s
High Output Current: 50mA Min
s
Low Dropout Voltage: 300mV Max
s
Excellent Thermal Regulation
s
Power Shutdown
s
Thermal Limiting
s
Operating Temperature Range: – 40
°C to 125°C
s
Voltage Options: 2.5V, 3V, 3.3V, 4.096V and 5V
The LT
®1461 is a family of low dropout micropower bandgap
references that combine very high accuracy and low drift with
low supply current and high output drive. These series
referencesuseadvancedcurvaturecompensationtechniques
to obtain low temperature coefficient and trimmed precision
thin-film resistors to achieve high output accuracy. The
LT1461 family draws only 35
µA of supply current, making
them ideal for low power and portable applications, however
their high 50mA output drive makes them suitable for higher
power requirements, such as precision regulators.
In low power applications, a dropout voltage of less than
300mV ensures maximum battery life while maintaining full
reference performance. Line regulation is nearly immeasur-
able, while the exceedingly good load and thermal regulation
will not add significantly to system error budgets. The
shutdown feature can be used to switch full load currents and
can be used for system power down. Thermal shutdown
protects the part from overload conditions. The LT1461 is
available in 2.5V, 3V, 3.3V 4.096V and 5V options.
s
A/D and D/A Converters
s
Precision Regulators
s
Handheld Instruments
s
Power Supplies
, LTC and LT are registered trademarks of Linear Technology Corporation.
CIN
1
µF
VOUT
(VOUT + 0.3V) ≤ VIN ≤ 20V
CL
2
µF
1461 TA01
LT1461
LT1461-2.5 Load Regulation, PDISS = 200mW
Basic Connection
0mA
IOUT
20mA
VOUT LOAD REG
1mV/DIV
10ms/DIV
1461 TA02
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LT1461CCS8-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1461CCS8-5#PBF LINER-LT1461CCS8-5#PBF Datasheet
1Mb / 18P
   Micropower Precision Low Dropout Series Voltage Reference Family
LT1461CCS8-5#TRPBF LINER-LT1461CCS8-5#TRPBF Datasheet
1Mb / 18P
   Micropower Precision Low Dropout Series Voltage Reference Family
More results

Similar Description - LT1461CCS8-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1461 LINER-LT1461_15 Datasheet
1Mb / 18P
   Micropower Precision Low Dropout Series Voltage Reference Family
logo
National Semiconductor ...
LM4121 NSC-LM4121 Datasheet
436Kb / 16P
   Precision Micropower Low Dropout Voltage Reference
LM4130 NSC-LM4130 Datasheet
264Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4125 TI-LM4125_15 Datasheet
988Kb / 18P
[Old version datasheet]   Precision Micropower Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4125 NSC-LM4125 Datasheet
300Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4120 TI1-LM4120 Datasheet
1Mb / 26P
[Old version datasheet]   Precision Micropower Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4120 NSC-LM4120_05 Datasheet
721Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
LM4120 NSC-LM4120 Datasheet
289Kb / 11P
   Precision Micropower Low Dropout Voltage Reference
logo
Maxim Integrated Produc...
MAX6034 MAXIM-MAX6034 Datasheet
322Kb / 13P
   Precision, Micropower, Low-Dropout, SC70 Series Voltage Reference
Rev 0; 4/02
logo
Texas Instruments
LM4120 TI-LM4120_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM4120 Precision Micropower Low Dropout Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com